Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7-1215D10A6 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RS7-1215D10A6
Description  DC/DC-Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS7-1215D10A6 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RS7-1215D10A6 Datasheet HTML 1Page - RSG Electronic Components GmbH RS7-1215D10A6 Datasheet HTML 2Page - RSG Electronic Components GmbH RS7-1215D10A6 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DC/DC-Converter
6.0W Regulated Single &
Dual Output
DC/DC-Converter
1.0W Unregulated Single
& Dual Output
we energize electronics!
an acal group company
we energize electronics!
RSG Electronic Components GmbH • Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 • Rsg-electronic.de
page3(5)
3
NOTE
1.Ripple/Noise measured with 20MHz bandwidth.
2.Tested by minimal Vin and constant resistive load.
3.Measured Input reflected ripple current with a simulated source inductance of 12uH.
4.Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating.
5.Operation under no-load conditions will not damage these devices, however they may not meet all listed specifications.
6 Input filter components are be required to help meet conducted emission class B,
7.
8. For reduce converter’s ripple & noise, it is recommended to add a 4.7µF~100µF(±4.7µF~±68µF for dual output) capacitor in output end.
For EMI performance improvement, it is recommended to add a 12µH inductor and a 10µF~100µF capacitor in input end.
.
which application refer to the EMI Filter of design & feature configuration.
An external filter capacitor is required if the module has to meet IEC61000-4-4.
The filter capacitor
RSG suggest: Nippon - chemi - con KY series, 470uF/100V.
VL - 1W Unregulated Single & Dual output
DC/DC
Load
Vin
Co
-
+
+
GND
Ci
Li
Single Output
Current
Probe
MECHANICAL SPECIFICATIONS
MOTIEN
Last Update : 01.APR.2013
No. 9, Keji 2nd Rd., Tainan Technology Industrial Park, Tainan City 70955, Taiwan
Te l: 886-6-384 2366 (Rep.)
Fax: 886-6-384 2399
Website :
Email :
www.motien.com.tw
sales@motien.com.tw
ISO 9001 . ISO 14001 . IECQ QC080000
APPROVED:
DRAWING:
PIN CONNECTIONS
PIN NUMBER
1
2
6
5
7
SINGLE
+V Input
+V Input
V Input
V Input
+V Output
+V Output
V Output
V Output
Common
N.P.
DUAL
7 Pin SIL Package
Notes : All dimensions are typical in millimeters ( inches ).
1. Pin diameter: 0.5±0.05 ( 0.02±0.002 )
2. Pin pitch and length tolerance: ±0.35 ( ±0.014 )
3. Case Tolerance: ±0.5 ( ±0.02 )
19.50
(0.77)
DC-DC CONVERTER
RS7-XXXXXXSSH6
RSG
12.00
(0.47)
0.50
(0.02)
12
5
2.54
(0.10)
15.24
(0.60)
3.00
(0.12)
9.80
(0.39)
Printed Face
7
12.50
(0.49)
6
9.80
(0.39)
0.50
(0.02)
0.25
(0.01)
0.50
(0.02)
2.40
(0.09)
2.13
(0.08)
XXXX
NOTE
MECHANICAL SPECIFICATIONS
The models listed here are just standard type. If you need a product with special specification or you have questions regarding packing standards
(Tube oder Tape/Reel) as well as application support, please contact our specialists: sales@rsg-electronic.de or +49 69-984047-41/-28


Similar Part No. - RS7-1215D10A6

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS7-1215D20A5 RSG-RS7-1215D20A5 Datasheet
717Kb / 4P
   DC/DC-Converter
More results

Similar Description - RS7-1215D10A6

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com