Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7-1509D10A6 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RS7-1509D10A6
Description  DC/DC-Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS7-1509D10A6 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RS7-1509D10A6 Datasheet HTML 1Page - RSG Electronic Components GmbH RS7-1509D10A6 Datasheet HTML 2Page - RSG Electronic Components GmbH RS7-1509D10A6 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
VL - 1W Unregulated Single & Dual output
MODEL SELECTION GUIDE
PART NUMBER STRUCTURE
50%
25%
75%
100%
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(° )
Derating Curve
85
S.O.A.
VL - 12 05 SS H6
Isolation
H6 - 6K VDC
Series Name
Output Type
SS - Single output
S - Dual Output
Nominal Output Voltage
3R3 - 3.3V
5 - 5V
9 - 9V
12 - 12V
15 - 15V
Input Voltage Range
5 - 5V
9 - 9V
12 - 12V
15 - 15V
24 - 24V
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
Voltage(Vdc)
OUTPUT
RS7-XX03S10A6
RS7-XX05S10A6
RS7-XX09S10A6
RS7-XX12S10A6
RS7-XX15S10A6
RS7-XX03D10A6
RS7-XX05D10A6
RS7-XX09D10A6
RS7-XX12D10A6
RS7-XX15D10A6
5, 9, 12, 15, 24
5, 9, 12, 15, 24
5, 9, 12, 15, 24
5, 9, 12, 15, 24
5, 9, 12, 15, 24
5, 9, 12, 15, 24
5, 9, 12, 15, 24
5, 9, 12, 15, 24
5, 9, 12, 15, 24
5, 9, 12, 15, 24
3.3
5
9
12
15
±
3.3
±
5
±9
±
12
±
15
303
200
111. 1
83.3
66.7
±
151.5
±
100
±
55.6
±
41.7
±
33.3
69 - 75
70 - 77
70 - 80
70 - 80
70 - 80
68 - 75
70 - 78
70 - 81
72 - 81
70 - 81
220
220
220
220
220
±10
0
±10
0
±100
±10
0
±10
0
Current(mA)
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
XX=Input Voltage
TEST CONFIGURATIONS
TEST CONFIGURATIONS
EMI Filter
Input filter components (C1, L
) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be minimized
to decrease radiated noise.
, C2 , C3
DC/DC
Converter
+Vout
-Vout
+Vin
-Vin
C1
Load
L
C1
L
C2
C2
1210, 2.2uF/100V
Electrolytic capacitor,
10uF/100V
1210, 2.2uF/100V
C3
1210, 2.2uF/100V
C3
1206, 470pF/2KV
1206, 470pF/2KV
1210, 2.2uF/100V
1210, 2.2uF/100V
1210, 2.2uF/100V
1210, 2.2uF/100V
RS7-05XXXXX
RS7-12XXXXX
RS7-15XXXXX
RS7-24XXXXX
RS7-48XXXXX
RS7-03XXXXX
18uH
18uH
18uH
18uH
18uH
18uH
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, MOTIEN Technologies accepts no responsibility for
consequences arising from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s)
or information contained herein.
DC/DC-Converter
6.0W Regulated Single &
Dual Output
DC/DC-Converter
1.0W Unregulated Single
& Dual Output
we energize electronics!
an acal group company
we energize electronics!
RSG Electronic Components GmbH • Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 • Rsg-electronic.de
page2(3)
TEST CONFIGURATIONS
RS7 -
XX
XX
X
XX
Power (W)
Input
Type
A
X
Code
internal
Isolation
(kVDC)


Similar Part No. - RS7-1509D10A6

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS7-1509D20A5 RSG-RS7-1509D20A5 Datasheet
717Kb / 4P
   DC/DC-Converter
More results

Similar Description - RS7-1509D10A6

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com