Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS5-1215RD60A1 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # RS5-1215RD60A1
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS5-1215RD60A1 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  RS5-1215RD60A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RS5-1215RD60A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RS5-1215RD60A1 Datasheet HTML 3Page - RSG Electronic Components GmbH RS5-1215RD60A1 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1)Thesearestressratings.Exposureofdevicestoanyoftheseconditionsmayadverselyaffectlong-termreliability.
2)(1.5mmfromcase10secMax.)
3)AllspecificationstypicalatTA=25°C,nominalinputvoltageandfullloadunlessotherwisespecified.
4)Theinformationandspecificationcontainedinthisdatasheetarebelievedtobecorrectattimeofpublication.
HoweverRSGacceptsnoresponsibilityforconsequencesarisingfromprintingerrorsorinaccuracies.Specificationsaresubjecttochangewithoutnotice.
DC/DC-Converter
6.0W Regulated Single &
Dual Output
• 8 Pin SIL Package
• Wide 2:1 Input Range
• 1500VDC Isolation
• Up to 3000VDC Isoltation
• Continuous Short Circuit Protection
• Efficiency up to 86%
• Operating Temperature Range -40° ~ +65°C
• Non Conductive Black Plastic Case
• Remote on/off Control(Optional)
OUTPUT SPECIFICATION
Voltageaccuracy: ±1%
MaximumOutputCurrent: Seetable
Lineregulation:±0.2%max.
LOADREGULATION: from0%to100%Load:±1%max.
CrossRegulation(DualOutput): ±5%
ShortCircuitProtection: Continuos(AutomaticRecovery)
Ripplenoise(20Mhzbandwidth): 75mVpk-pkmax.
Temperaturecoefficient: ±0.02%/°C
Capacitorload: Seetable
TransientRecoveryTime: 500us,typ.
TransientResponse: (Deviation)±3%-±5%max.
INPUT SPECIFICATIONS
VoltageRange: Seetable
StartupTime: 30ms,typ.
Max.InputCurrent: Seetable
No-Load/Full-LoadInputCurrent: Seetable
InputFilter: Capacitors
InputReflectedRippleCurrent: 30mApk-pktyp.
RemoteOn/Off(positivelogic): On:Openorhighimpedance,
OFF:2-4mAinputcurrent(via1KOhm)
OFFstandbycurrent(nominalVin): 2.5mAtyp.
GENERAL SPECIFICATIONS
Efficiency: Seetable
I/OIsolationVoltage(60sec): 1500~3000VDC
I/OIsolationCapacitance: 50pFtyp.
I/OIsolationResistance: 1000MOhm,min
SwitchingFrequency: 100kHzmin.
Humidity: 95%relH
ReliabilityCalculatedMTBF: >770KHrs
(MIL-HDBK-217f)
SafetyStandard:(designedtomeet): IEC60950-1
RemoteonControll: seenote
ENVIRONMENTAL SPECIFICATION
OperatingTemperaturerange: -40°C~+65°C(seeDeratingCurve)
MaximumCaseTemperature: 105°C
StorageTemperature: -40°C~+125°C
Cooling: NatureConvection
PHYSICAL SPECIFICATIONS:
CaseMaterial: Non-conductiveBlackPlastic(UL94V-0rated)
PINMaterialSIPCase: C519R-HSolder-coated
WeightCase-Sip: 4.8g,typ.
PottingMaterial: Epoxy(UL94V-0rated)
DimmensionSIP: 0.86x0.36x0.44“
ABSOLUTE MAXIMUM RATINGS (1)
InputSurgeVoltage(100ms)/
5VModels: 15VDCmax.
12VModels: 25VDCmax.
24VModels: 50VDCmax.
48VModels: 100VDCmax.
SolderingTemperature: 260°Cmax.
EMC SPECIFICATIONS (2)
Radiated-/ConductedEmissions: EN55022ClassAseeEMIFilter
ESD: IEC61000-4-2Perf.CriteriaA
RS: IEC61000-4-3Perf.CriteriaA
EFT: IEC61000-4-4Perf.CriteriaA
SURGE: IEC61000-4-5Perf.CriteriaA
CS: IEC61000-4-6Perf.CriteriaA
PFMF IEC61000-4-8Perf.CriteriaA
DC/DC-Converter
6.0W Regulated Single &
Dual Output
we energize electronics!
an acal group company
we energize electronics!
RSG Electronic Components GmbH • Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 • Rsg-electronic.de
page1(4)


Similar Part No. - RS5-1215RD60A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS5-1215RD10A1 RSG-RS5-1215RD10A1 Datasheet
1Mb / 6P
   DC/DC-Converter
RS5-1215RD10A3 RSG-RS5-1215RD10A3 Datasheet
1Mb / 6P
   DC/DC-Converter
RS5-1215RD20A1 RSG-RS5-1215RD20A1 Datasheet
1Mb / 6P
   DC/DC-Converter
RS5-1215RD20A1W RSG-RS5-1215RD20A1W Datasheet
864Kb / 3P
   DC/DC-Converter
RS5-1215RD20A3 RSG-RS5-1215RD20A3 Datasheet
1Mb / 6P
   DC/DC-Converter
More results

Similar Description - RS5-1215RD60A1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com