Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS5-4812RD10A1 Datasheet(PDF) 4 Page - RSG Electronic Components GmbH

Part # RS5-4812RD10A1
Description  DC/DC-Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS5-4812RD10A1 Datasheet(HTML) 4 Page - RSG Electronic Components GmbH

  RS5-4812RD10A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RS5-4812RD10A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RS5-4812RD10A1 Datasheet HTML 3Page - RSG Electronic Components GmbH RS5-4812RD10A1 Datasheet HTML 4Page - RSG Electronic Components GmbH RS5-4812RD10A1 Datasheet HTML 5Page - RSG Electronic Components GmbH RS5-4812RD10A1 Datasheet HTML 6Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page4(6)
MODEL NUMBER
INPUT
Voltage
Range
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
RD5-2409RD10AX
18-36
8
54
±
9
±
14
±
56
76
±
220
RD5-2412RD10AX
18-36
8
54
±
12
±
10
±
42
77
±
220
RD5-2415RD10AX
18-36
8
55
±
15
±
8
±
33
75
±
220
RD5-2424RD10AX
18-36
20
59
±
24
±
5
±
21
70
±
100
RD5-4803RD10AX
36-72
6
30
±
3.3
±
38
±
152
70
±
1000
RD5-4805RD10AX
36-72
6
30
±
5
±
25
±
100
70
±
1000
RD5-4809RD10AX
36-72
6
28
±
9
±
14
±
56
74
±
220
RD5-4812RD10AX
36-72
6
27
±
12
±
10
±
42
76
±
220
RD5-4815RD10AX
36-72
6
29
±
15
±
8
±
33
72
±
220
RD5-4824RD10AX
36-72
12
30
±
24
±
5
±
21
70
±
100
Suffix “3” means 3KVdc isolation
Suffix “C” means with control pin
Suffix “M” means with Metal Case
05 Models
24 Models
12 Models
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in s h o r t f o r m c o v e r o r e - m a i l t o : info@rsg-electronic.de
1. Maximum value at nominal input voltage and full load.
2. Typical value at nominal input voltage and full load.
3. 25% minimum loading is needed.
4. One load is 25% to 100% load, the other load is 100% load, the output voltage variable rate is within ±5%.
5. Ripple/Noise measured with 20MHz bandwidth.
6. Test by nominal input voltage and constant resistor load.
7. Measured Input reflected ripple current with a simulated source inductance of 12uH.
8. Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating.
9. Operation under no-load conditions will not damage these devices, however they may not meet all listed specifications.
10. It’s necessary to add minimum capacitor in output for some models, please check single model datasheet for detail value.
EFFICIENCY VS OUTPUT CURRENT
80
Lo Line
70
Nominal
60
Hi Line
50
40
0%
20%
40%
60%
Load
80%
100%
120%
EFFICIENCY VS OUTPUT CURRENT
80
70
Lo Line
60
Nominal
50
Hi Line
40
0%
20%
40%
60%
Load
80%
100%
120%
EFFICIENCY VS OUTPUT CURRENT
80
Lo Line
70
Nominal
60
50
Hi Line
40
0%
20%
40%
60%
Load
80%
100%
120%
DC/DC-Converter
1.0W Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
MODEL NUMBER
INPUT
Voltage
Range
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
RD5-2409RD10AX
18-36
8
54
±
9
±
14
±
56
76
±
220
RD5-2412RD10AX
18-36
8
54
±
12
±
10
±
42
77
±
220
RD5-2415RD10AX
18-36
8
55
±
15
±
8
±
33
75
±
220
RD5-2424RD10AX
18-36
20
59
±
24
±
5
±
21
70
±
100
RD5-4803RD10AX
36-72
6
30
±
3.3
±
38
±
152
70
±
1000
RD5-4805RD10AX
36-72
6
30
±
5
±
25
±
100
70
±
1000
RD5-4809RD10AX
36-72
6
28
±
9
±
14
±
56
74
±
220
RD5-4812RD10AX
36-72
6
27
±
12
±
10
±
42
76
±
220
RD5-4815RD10AX
36-72
6
29
±
15
±
8
±
33
72
±
220
RD5-4824RD10AX
36-72
12
30
±
24
±
5
±
21
70
±
100
Suffix “3” means 3KVdc isolation
Suffix “C” means with control pin
Suffix “M” means with Metal Case
05 Models
24 Models
12 Models
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in s h o r t f o r m c o v e r o r e - m a i l t o : info@rsg-electronic.de
1. Maximum value at nominal input voltage and full load.
2. Typical value at nominal input voltage and full load.
3. 25% minimum loading is needed.
4. One load is 25% to 100% load, the other load is 100% load, the output voltage variable rate is within ±5%.
5. Ripple/Noise measured with 20MHz bandwidth.
6. Test by nominal input voltage and constant resistor load.
7. Measured Input reflected ripple current with a simulated source inductance of 12uH.
8. Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating.
9. Operation under no-load conditions will not damage these devices, however they may not meet all listed specifications.
10. It’s necessary to add minimum capacitor in output for some models, please check single model datasheet for detail value.
EFFICIENCY VS OUTPUT CURRENT
80
Lo Line
70
Nominal
60
Hi Line
50
40
0%
20%
40%
60%
Load
80%
100%
120%
EFFICIENCY VS OUTPUT CURRENT
80
70
Lo Line
60
Nominal
50
Hi Line
40
0%
20%
40%
60%
Load
80%
100%
120%
EFFICIENCY VS OUTPUT CURRENT
80
Lo Line
70
Nominal
60
50
Hi Line
40
0%
20%
40%
60%
Load
80%
100%
120%


Similar Part No. - RS5-4812RD10A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS5-4812RD20A1 RSG-RS5-4812RD20A1 Datasheet
1Mb / 6P
   DC/DC-Converter
RS5-4812RD20A1W RSG-RS5-4812RD20A1W Datasheet
864Kb / 3P
   DC/DC-Converter
RS5-4812RD20A3 RSG-RS5-4812RD20A3 Datasheet
1Mb / 6P
   DC/DC-Converter
RS5-4812RD30A1 RSG-RS5-4812RD30A1 Datasheet
163Kb / 4P
   3.0 Watt 2:1 regulated single & dual output
RS5-4812RD30A1 RSG-RS5-4812RD30A1 Datasheet
1Mb / 4P
   DC/DC-Converter
More results

Similar Description - RS5-4812RD10A1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com