Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7-1209D20A5 Datasheet(PDF) 4 Page - RSG Electronic Components GmbH

Part # RS7-1209D20A5
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS7-1209D20A5 Datasheet(HTML) 4 Page - RSG Electronic Components GmbH

  RS7-1209D20A5 Datasheet HTML 1Page - RSG Electronic Components GmbH RS7-1209D20A5 Datasheet HTML 2Page - RSG Electronic Components GmbH RS7-1209D20A5 Datasheet HTML 3Page - RSG Electronic Components GmbH RS7-1209D20A5 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DC/DC-Converter
6.0W Regulated Single &
Dual Output
DC/DC-Converter
2.0W Unregulated Single
& Dual Output
we energize electronics!
an acal group company
we energize electronics!
RSG Electronic Components GmbH • Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 • Rsg-electronic.de
page4(4)
VL2 2W Unregulated Single & Dual output
4
XXXX
1 2
5 6 7
:
MECHANICAL SPECIFICATIONS
0.50
(0.02)
9.50
(0.37)
2.54
19.5
(0.76)
Printed Face
DC-DC CONVERTER
RS7-XXXXXXS20A5
RSG
3.00
(0.12)
7.20
(0.28)
10.0
(0.39)
7.20
(0.28)
(0.10)
15.24
(0.60)
2.13
(0.08)
2.00
(0.08)
0.50
(0.02)
0.50
(0.02)
2.13
(0.08)
0.25
(0.01)
7 Pin SIL Package
Notes : All dimensions are typical in millimeters ( inches ).
1. Pin diameter: 0.5±0.05 ( 0.02±0.002 )
2. Pin pitch and length tolerance: ±0.35 ( ±0.014 )
3. Pin to case tolerance: ±0.5 ( ±0.02 )
4. Case Tolerance: ±0.5 ( ±0.02)
DRAWING
APPROVED:
Last Update : May.13.2016
MOTIEN
ISO 9001 . ISO 14001 . IECQ QC080000
No. 9, Keji 2nd Rd., Tainan Technology Industrial Park, Tainan City 70955, Taiwan
Te l : 886-6-384 2366 (Rep.)
Fax: 886-6-384 2399
Website :
www.motien.com.tw
Email :
sales@motien.com.tw
PIN CONNECTIONS
PIN NUMBER
SINGLE
DUAL
1
+V Input
+V Input
2
-
V Input
-
V Input
5
-
V Output
-
V Output
6
N.P.
Common
7
+V Output
+V Output
MECHANICAL SPECIFICATIONS
The models listed here are just standard type. If you need a product with special specification or you have questions regarding packing standards
(Tube oder Tape/Reel) as well as application support, please contact our specialists: sales@rsg-electronic.de or +49 69-984047-41/-28


Similar Part No. - RS7-1209D20A5

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS7-1209D10A6 RSG-RS7-1209D10A6 Datasheet
469Kb / 3P
   DC/DC-Converter
More results

Similar Description - RS7-1209D20A5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com