Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV7-4803S30A1W Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RV7-4803S30A1W
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RV7-4803S30A1W Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RV7-4803S30A1W Datasheet HTML 1Page - RSG Electronic Components GmbH RV7-4803S30A1W Datasheet HTML 2Page - RSG Electronic Components GmbH RV7-4803S30A1W Datasheet HTML 3Page - RSG Electronic Components GmbH RV7-4803S30A1W Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC/DC-Converter
6.0W Regulated Single &
Dual Output
DC/DC-Converter
30.0W 4:1 Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
RSG Electronic Components GmbH • Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 • Rsg-electronic.de
page2(4)
2
Derating Curve
100%
75%
50%
S.O.A.
25%
55
85
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(°C)
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL
(%, typ.)
Capacitor
Load @FL
(µF, max.)
No-Load
(mA, max.)
Full Load
(mA, typ.)
Min. load
(mA)
Full load
(mA)
RV7-2403S30A1W 9-36, 24V Nominal
10
1093.75
3.3
0
7000
88
10000
RV7-2405S30A1W 9-36, 24V Nominal
10
1404.49
5
0
6000
89
7200
RV7-2412S30A1W 9-36, 24V Nominal
10
1404.49
12
0
2500
89
1200
RV7-2415S30A1W 9-36, 24V Nominal
10
1373.62
15
0
2000
91
1000
RV7-4803S30A1W 18-75, 48V Nominal
8
540.73
3.3
0
7000
89
10000
RV7-4805S30A1W 18-75, 48V Nominal
8
694.44
5
0
6000
90
7200
RV7-4812S30A1W 18-75, 48V Nominal
8
694.44
12
0
2500
90
1200
RV7-4815S30A1W 18-75, 48V Nominal
8
679.34
15
0
2000
92
1000
RV7-2412D30A1W 9-36, 24V Nominal
10
1404.49
±12
0
±1250
89
±750
RV7-2415D30A1W 9-36, 24V Nominal
10
1373.62
±15
0
±1000
91
±500
RV7-4812D30A1W 18-75, 48V Nominal
8
694.44
±12
0
±1250
90
±750
RV7-4815D30A1W 18-75, 48V Nominal
8
686.81
±15
0
±1000
91
±500
The models listed above is just for standard type. If you need the special specification product, please contact our service member by telephone presented in shortform cover or e-mail to :
sales@motien.com.tw
wit hout heat sink
with heat sink
1.
One load is 25% to 100% load, the other load is 100% load, the output voltage variable rate is within ±5%.
2.
Tested by minimal Vin and constant resistive load.
3.
Tested by normal Vin and 25% load step change ( 75%-50%-25% of Io ).
4.
Measured Input reflected ripple current with a simulated source inductance of 12uH and a source capacitor Cin(47uF, ESR<1.0© at 100KHz).
5.
The remote on/off control pin is referenced to-Vin(pin2).
6.
Exceeding the absolute ratings of the unit could cause damage. It
is not allowed for continuous operating.
7.
"Nature Convection" is usually about 30-65 LFM but is not equal to still air (0LFM).
8.
Input filter components are used to help meet conducted emissions,
Which application refer to the EMI Filter of design & feature configuration.
9.
An external filter capacitor is required if the module has to meet EN61000-4-4,EN61000-4-5.
The RV7-24XXXX30 recommended an aluminum electrolytic capacitor ( Nippon chemi-con KY series, 330uF/100V) and a
TVS (SMDJ58A,58V,3000Watt peak pulse power) to connect in parallel.
The RV7-48XXXX30 recommended an aluminum electrolytic capacitor ( Nippon chemi-con KY series, 330uF/100V) and a
TVS (SMDJ120A,120V,3000Watt peak pulse power) to connect in parallel.
RV7 -
XX
XX
X
XX
Power (W)
Input
Type
A
X W X
Code
internal
Isolation
(kVDC)
W = 4:1 input Range
K = Option mit
Kühlkörper


Similar Part No. - RV7-4803S30A1W

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RV7-4803S15A1 RSG-RV7-4803S15A1 Datasheet
1Mb / 4P
   DC/DC-Converter
RV7-4803S15W RSG-RV7-4803S15W Datasheet
1Mb / 4P
   DC/DC-Converter
RV7-4803S20A1 RSG-RV7-4803S20A1 Datasheet
928Kb / 4P
   DC/DC-Converter
RV7-4803S20A1W RSG-RV7-4803S20A1W Datasheet
1Mb / 4P
   DC/DC-Converter
More results

Similar Description - RV7-4803S30A1W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com