Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS5-4805RD20A1W Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RS5-4805RD20A1W
Description  DC/DC-Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS5-4805RD20A1W Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RS5-4805RD20A1W Datasheet HTML 1Page - RSG Electronic Components GmbH RS5-4805RD20A1W Datasheet HTML 2Page - RSG Electronic Components GmbH RS5-4805RD20A1W Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 3 (3)
EFFICIENCY VS OUTPUT CURRENT
80
70
60
50
40
30
20
10
0
10%
20%
40%
60%
80%
100%
LOAD
Lo Line/Iin
Nominal/Iin
Hi Line/Iin
EFFICIENCY VS OUTPUT CURRENT
90
80
70
60
50
40
30
20
10
0
10%
20%
40%
60%
80%
100%
LOAD
Lo Line/Iin
Nominal/Iin
Hi Line/Iin
Input Reflected Ripple Current Test Step
Input reflected ripple current is measured through
a source inductor Lin(12uH) and a source capacitor
Cin(47uF, ESR<1.0© at 100KHz) at nominal input and
full load.
Output Ripple & Noise Measurement Test
Use a capacitor Cout(1.0uF) measurement.
The Scope measurement bandwidth is 0-20MHz.
+Vout
Single
DC/DC
Converter
Copper Strip
1uF
Cout
Scope
Resistive
Load
-Vout
+Vin
L
+Vout
EMI Filter
Input filter components (C1, L) are used to help
DC/DC
C1
Converter
Load
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be minimized
to decrease radiated noise.
-Vin
-Vout
RS5-1203R20A1W
RS5-4815RD20A1W
+Vout
+Vin
Lin
Current
Probe
Cin
DC/DC
Converter
Load
-Vin
-Vout
C1
L
RS5-12XXR/RD20A1W
1210 10uF/35V
2.5uH
RS5-24XXR/RD20A1W
1210 2.2uF/100V
10uH
RS5-48XXR/RD20A1W
1210 2.2uF/100V
18uH
EFFICIENCY VS OUTPUT CURRENT
80
70
60
50
40
30
20
10
0
10%
20%
40%
60%
80%
100%
LOAD
Lo Line/Iin
Nominal/Iin
Hi Line/Iin
EFFICIENCY VS OUTPUT CURRENT
90
80
70
60
50
40
30
20
10
0
10%
20%
40%
60%
80%
100%
LOAD
Lo Line/Iin
Nominal/Iin
Hi Line/Iin
Input Reflected Ripple Current Test Step
Input reflected ripple current is measured through
a source inductor Lin(12uH) and a source capacitor
Cin(47uF, ESR<1.0© at 100KHz) at nominal input and
full load.
Output Ripple & Noise Measurement Test
Use a capacitor Cout(1.0uF) measurement.
The Scope measurement bandwidth is 0-20MHz.
+Vout
Single
DC/DC
Converter
Copper Strip
1uF
Cout
Scope
Resistive
Load
-Vout
+Vin
L
+Vout
EMI Filter
Input filter components (C1, L) are used to help
DC/DC
C1
Converter
Load
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be minimized
to decrease radiated noise.
-Vin
-Vout
RS5-1203R20A1W
RS5-4815RD20A1W
+Vout
+Vin
Lin
Current
Probe
Cin
DC/DC
Converter
Load
-Vin
-Vout
C1
L
RS5-12XXR/RD20A1W
1210 10uF/35V
2.5uH
RS5-24XXR/RD20A1W
1210 2.2uF/100V
10uH
RS5-48XXR/RD20A1W
1210 2.2uF/100V
18uH
EFFICIENCY VS OUTPUT CURRENT
80
70
60
50
40
30
20
10
0
10%
20%
40%
60%
80%
100%
LOAD
Lo Line/Iin
Nominal/Iin
Hi Line/Iin
EFFICIENCY VS OUTPUT CURRENT
90
80
70
60
50
40
30
20
10
0
10%
20%
40%
60%
80%
100%
LOAD
Lo Line/Iin
Nominal/Iin
Hi Line/Iin
Input Reflected Ripple Current Test Step
Input reflected ripple current is measured through
a source inductor Lin(12uH) and a source capacitor
Cin(47uF, ESR<1.0© at 100KHz) at nominal input and
full load.
Output Ripple & Noise Measurement Test
Use a capacitor Cout(1.0uF) measurement.
The Scope measurement bandwidth is 0-20MHz.
+Vout
Single
DC/DC
Converter
Copper Strip
1uF
Cout
Scope
Resistive
Load
-Vout
+Vin
L
+Vout
EMI Filter
Input filter components (C1, L) are used to help
DC/DC
C1
Converter
Load
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be minimized
to decrease radiated noise.
-Vin
-Vout
RS5-1203R20A1W
RS5-4815RD20A1W
+Vout
+Vin
Lin
Current
Probe
Cin
DC/DC
Converter
Load
-Vin
-Vout
C1
L
RS5-12XXR/RD20A1W
1210 10uF/35V
2.5uH
RS5-24XXR/RD20A1W
1210 2.2uF/100V
10uH
RS5-48XXR/RD20A1W
1210 2.2uF/100V
18uH
EFFICIENCY VS OUTPUT CURRENT
80
70
60
50
40
30
20
10
0
10%
20%
40%
60%
80%
100%
LOAD
Lo Line/Iin
Nominal/Iin
Hi Line/Iin
EFFICIENCY VS OUTPUT CURRENT
90
80
70
60
50
40
30
20
10
0
10%
20%
40%
60%
80%
100%
LOAD
Lo Line/Iin
Nominal/Iin
Hi Line/Iin
Input Reflected Ripple Current Test Step
Input reflected ripple current is measured through
a source inductor Lin(12uH) and a source capacitor
Cin(47uF, ESR<1.0© at 100KHz) at nominal input and
full load.
Output Ripple & Noise Measurement Test
Use a capacitor Cout(1.0uF) measurement.
The Scope measurement bandwidth is 0-20MHz.
+Vout
Single
DC/DC
Converter
Copper Strip
1uF
Cout
Scope
Resistive
Load
-Vout
+Vin
L
+Vout
EMI Filter
Input filter components (C1, L) are used to help
DC/DC
C1
Converter
Load
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be minimized
to decrease radiated noise.
-Vin
-Vout
RS5-1203R20A1W
RS5-4815RD20A1W
+Vout
+Vin
Lin
Current
Probe
Cin
DC/DC
Converter
Load
-Vin
-Vout
C1
L
RS5-12XXR/RD20A1W
1210 10uF/35V
2.5uH
RS5-24XXR/RD20A1W
1210 2.2uF/100V
10uH
RS5-48XXR/RD20A1W
1210 2.2uF/100V
18uH
DC/DC-Converter
2.0W 4:1 Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
RS5-XXXXR20A1W
MECHANICAL SPECIFICATIONS


Similar Part No. - RS5-4805RD20A1W

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS5-4805RD20A1 RSG-RS5-4805RD20A1 Datasheet
1Mb / 6P
   DC/DC-Converter
More results

Similar Description - RS5-4805RD20A1W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com