Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS5-1203R30A1W Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RS5-1203R30A1W
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS5-1203R30A1W Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RS5-1203R30A1W Datasheet HTML 1Page - RSG Electronic Components GmbH RS5-1203R30A1W Datasheet HTML 2Page - RSG Electronic Components GmbH RS5-1203R30A1W Datasheet HTML 3Page - RSG Electronic Components GmbH RS5-1203R30A1W Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page2(4)
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage
Range
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacito
r
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
RS5-1203R30A1W
4.5-18
40
268
3.3
0
700
72
1760uF
RS5-1205R30A1W
4.5-18
40
325
5
0
600
77
1000uF
RS5-1212R30A1W
4.5-18
40
309
12
0
250
81
170uF
RS5-1215R30A1W
4.5-18
40
309
15
0
200
81
110uF
RS5-1205RD30A1W
4.5-18
40
325
±
5
0
±
300
77
±
470uF
RS5-1212RD30A1W
4.5-18
40
313
±
12
0
±
125
80
±
100uF
RS5-1215RD30A1W
4.5-18
40
313
±
15
0
±
100
80
±
47uF
RS5-2403R30A1W
9-36
25
129
3.3
0
700
75
1760uF
RS5-2405R30A1W
9-36
25
159
5
0
600
79
1000uF
RS5-2412R30A1W
9-36
30
153
12
0
250
82
170uF
RS5-2415R30A1W
9-36
30
153
15
0
200
82
110uF
RS5-2405RD30A1W
9-36
30
159
±
5
0
±
300
79
±
470uF
RS5-2412RD30A1W
9-36
35
159
±
12
0
±
125
79
±
100uF
RS5-2415RD30A1W
9-36
35
157
±
15
0
±
100
80
±
47uF
RS5-4803R30A1W
18-75
15
66
3.3
0
700
74
1760uF
RS5-4805R30A1W
18-75
15
81
5
0
600
78
1000uF
RS5-4812R30A1W
18-75
15
79
12
0
250
80
170uF
RS5-4815R30A1W
18-75
15
78
15
0
200
81
110uF
RS5-4805RD30A1W
18-75
15
80
±
5
0
±
300
79
±
470uF
RS5-4812RD30A1W
18-75
15
80
±
12
0
±
125
79
±
100uF
RS5-4815RD30A1W
18-75
15
80
±
15
0
±
100
79
±
47uF
NOTE
The models listed above is just for standard type. If you need the special specification product, please contact our service member by telephone
presented in shortform cover o r e-mail to : info@rsg-electronic.de
1. One load is 25% to 100% load, the other load is 100% load, the output voltage variable rate is within ±5%.
2. Measured with a 1uF ceramic capacitor.
3. Test by minimal Vin and constant resistive load.
4. Test by normal Vin and 100%-25% load,25% Ioad step change.
5. Measured Input reflected ripple current with a simulated source inductance of 12uH and a source capacitor Cin(47uF, ESR<1.0Ω at 100KHz).
6. Exceeding the absolute ratings of the unit could cause damage. It's not allowed for continuous operating ratings.
7. Input filter components are be required to help meet conducted emission class A, which
application refer to the EMI Filter of design & feature configuration.
8. An external filter capacitor is required if the module has to meet IEC61000-4-4 and IEC61000-4-5. The
filter capacitor RSG suggest: Nippon - chemi - con KY series, 220uF/100V.
DC/DC-Converter
3.0W Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
RS5 -
XX
XX
XX
XX
Power (W)
Input
Type
A
X W
Code
internal
Isolation
(kVDC)
W = 4:1 input Range
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage
Range
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacito
r
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
RS5-1203R30A1W
4.5-18
40
268
3.3
0
700
72
1760uF
RS5-1205R30A1W
4.5-18
40
325
5
0
600
77
1000uF
RS5-1212R30A1W
4.5-18
40
309
12
0
250
81
170uF
RS5-1215R30A1W
4.5-18
40
309
15
0
200
81
110uF
RS5-1205RD30A1W
4.5-18
40
325
±
5
0
±
300
77
±
470uF
RS5-1212RD30A1W
4.5-18
40
313
±
12
0
±
125
80
±
100uF
RS5-1215RD30A1W
4.5-18
40
313
±
15
0
±
100
80
±
47uF
RS5-2403R30A1W
9-36
25
129
3.3
0
700
75
1760uF
RS5-2405R30A1W
9-36
25
159
5
0
600
79
1000uF
RS5-2412R30A1W
9-36
30
153
12
0
250
82
170uF
RS5-2415R30A1W
9-36
30
153
15
0
200
82
110uF
RS5-2405RD30A1W
9-36
30
159
±
5
0
±
300
79
±
470uF
RS5-2412RD30A1W
9-36
35
159
±
12
0
±
125
79
±
100uF
RS5-2415RD30A1W
9-36
35
157
±
15
0
±
100
80
±
47uF
RS5-4803R30A1W
18-75
15
66
3.3
0
700
74
1760uF
RS5-4805R30A1W
18-75
15
81
5
0
600
78
1000uF
RS5-4812R30A1W
18-75
15
79
12
0
250
80
170uF
RS5-4815R30A1W
18-75
15
78
15
0
200
81
110uF
RS5-4805RD30A1W
18-75
15
80
±
5
0
±
300
79
±
470uF
RS5-4812RD30A1W
18-75
15
80
±
12
0
±
125
79
±
100uF
RS5-4815RD30A1W
18-75
15
80
±
15
0
±
100
79
±
47uF
NOTE
The models listed above is just for standard type. If you need the special specification product, please contact our service member by telephone
presented in shortform cover o r e-mail to : info@rsg-electronic.de
1. One load is 25% to 100% load, the other load is 100% load, the output voltage variable rate is within ±5%.
2. Measured with a 1uF ceramic capacitor.
3. Test by minimal Vin and constant resistive load.
4. Test by normal Vin and 100%-25% load,25% Ioad step change.
5. Measured Input reflected ripple current with a simulated source inductance of 12uH and a source capacitor Cin(47uF, ESR<1.0Ω at 100KHz).
6. Exceeding the absolute ratings of the unit could cause damage. It's not allowed for continuous operating ratings.
7. Input filter components are be required to help meet conducted emission class A, which
application refer to the EMI Filter of design & feature configuration.
8. An external filter capacitor is required if the module has to meet IEC61000-4-4 and IEC61000-4-5. The
filter capacitor RSG suggest: Nippon - chemi - con KY series, 220uF/100V.


Similar Part No. - RS5-1203R30A1W

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS5-1203R30A1 RSG-RS5-1203R30A1 Datasheet
163Kb / 4P
   3.0 Watt 2:1 regulated single & dual output
RS5-1203R30A1 RSG-RS5-1203R30A1 Datasheet
1Mb / 4P
   DC/DC-Converter
More results

Similar Description - RS5-1203R30A1W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com