Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLP65-7620J Datasheet(PDF) 5 Page - Artesyn Technologies

Part # NLP65-7620J
Description  Single, Dual and Triple Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP65-7620J Datasheet(HTML) 5 Page - Artesyn Technologies

  NLP65-7620J Datasheet HTML 1Page - Artesyn Technologies NLP65-7620J Datasheet HTML 2Page - Artesyn Technologies NLP65-7620J Datasheet HTML 3Page - Artesyn Technologies NLP65-7620J Datasheet HTML 4Page - Artesyn Technologies NLP65-7620J Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NLP65 Series Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and
service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade names,
trademarks, or registered trademarks of their respective owners. © 2016 Artesyn Embedded Technologies, Inc.
All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal.
www.artesyn.com
NLP65 Series-DS 21Mar2016
Input Pin Connections
J1
Pin 1
AC Line
Pin 2
No Pin
Pin 3
AC Neutral
J2 (On ‘G’ Suffic Only)
Pin 1
Safety Ground
Input and Output Connectors
Mating Connectors
AC (J1)
Molex 26-60-4030 type or equivalent
Molex 09-50-3031 or equivalent with Molex 08-52-0113 or equivalent crimp terminals
DC (J3)
Molex 26-60-4060 or equivalent
Molex 09-50-3061 with Molex 2478 phosphor bronze crimp terminals or equivalent.
Output Pin Connections
J3
SINGLE
DUAL
TRIPLE
Pin 1
V (A)
V (B)
V (B)
Pin 2
V (A)
V (A)
V (A)
Pin 3
V (A)
V (A)
V (A)
Pin 4
Return
Return
Return
Pin 5
Return
Return
Return
Pin 6
Return
N/C
V (C)


Similar Part No. - NLP65-7620J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP65-7620J EMERSON-NETWORKPOWER-NLP65-7620J Datasheet
343Kb / 4P
   Universal Input
More results

Similar Description - NLP65-7620J

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP40-76T366J ARTESYN-NLP40-76T366J Datasheet
607Kb / 5P
   Single, Dual and Triple Output
NAL25-7608 ARTESYN-NAL25-7608 Datasheet
70Kb / 2P
   Single, dual and triple output
NLP65-9605GJ ARTESYN-NLP65-9605GJ Datasheet
614Kb / 5P
   Single, Dual and Triple Output
NLP150H ARTESYN-NLP150H Datasheet
119Kb / 4P
   Single, dual, triple and quad output
CL40 ARTESYN-CL40 Datasheet
49Kb / 2P
   Single and triple output
NFS40-7607 ARTESYN-NFS40-7607 Datasheet
461Kb / 4P
   SIngle and triple output
logo
List of Unclassifed Man...
NFN40 ETC-NFN40 Datasheet
49Kb / 3P
   Single and triple output
FEC40 ETC-FEC40 Datasheet
148Kb / 2P
   OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT
logo
Recom International Pow...
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RP20-123.3SE RECOM-RP20-123.3SE_06 Datasheet
99Kb / 4P
   20 Watt Single, Dual & Triple Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com