Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLP65-3322J Datasheet(PDF) 4 Page - Artesyn Technologies

Part # NLP65-3322J
Description  Single, Dual and Triple Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP65-3322J Datasheet(HTML) 4 Page - Artesyn Technologies

  NLP65-3322J Datasheet HTML 1Page - Artesyn Technologies NLP65-3322J Datasheet HTML 2Page - Artesyn Technologies NLP65-3322J Datasheet HTML 3Page - Artesyn Technologies NLP65-3322J Datasheet HTML 4Page - Artesyn Technologies NLP65-3322J Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NLP65 Series Data Sheet
11. Conducted emissions testing were performed using the standard EN55022 set-up with a stand alone NLP65 unit placed on a grounded metal
plate with a line choke on the AC input and ground wires (i.e. the wires are looped through an EMI suppression toroid).
For system compliance it is usually necessary to install an ‘off-the-shelf’ AC inlet with an integral line filter in the system chassis or to install a
line choke on the input wires as close as possible to AC entry point of the system chasssis. Please contact the applications group for assis-
tance with EMI compliance.
12. The NLP65 units with the suffix ‘G’ is the ground pin and ground choke option. J2, L6 and JP10 are included. J2 is a safety agency approved
grounding pin, L6 is a ground choke and JP10 is a jumper. This option is intended for use in non-metallic chassis applications where grounding
is not possible via the mounting screws. The ground choke is provided to assist system EMC compliance. When performing conducted
emissions testing on stand alone units, the ‘G’ option is required to meet level B. To order simply add the suffix ‘G’ to the standard model
number, e.g. NLP65-7608GJ, NLP65-9608GJ. This option is available for both the PFC and non-PFC versions.
13. All models require a minimum mounting stand-off of 0.25 inches (6.35 mm) in the end use product.
14. The NLP65-9608J is available with an enclosure. To order an enclosed version, use NLP65-9608EJ.
15. No PFC version, EN61000-3-2 is not applicable to this model.
16. The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
17. NOTICE: Some models do not support all options. Please contact your local Artesyn Embedded Technologies representative or use the on-line
model number search tool at http://www.artesyn.com/power
Model Numbering Options
a) The enclosure version NLP65-9608EJ includes: IEC connector, on/off switch, wire harness output connector and fitted cover. To order, please
add the suffix ‘E’ the model number. See NLP65 enclosure for details.
b) A Safety earth ground pin and ground choke are available as an option.
To order, please add the suffix ‘G’ the model number, e.g. NLP65-X608GJ.
c) To order an enclosure kit (unfitted), order the part number LPX80.
Mechanical Drawing
C19
ALL DIMENSIONSIN INCHES (mm)
5.00
(127.00)
MAXIMUM COMPONENT
HEIGHT 1.26 (32.00)
N
1
1
J3
J1
J2
6
4.550
(115.57)
2.550
(64.770)
TOLERANCE: .xxx
0.005"
.xx
0.02"
0.225
(5.715)
3.00
(76.20)
3
Mounting
Hole Diameter
0.156 (4.00)
TT1
T1
L


Similar Part No. - NLP65-3322J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP65-3322J EMERSON-NETWORKPOWER-NLP65-3322J Datasheet
343Kb / 4P
   Universal Input
More results

Similar Description - NLP65-3322J

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP40-76T366J ARTESYN-NLP40-76T366J Datasheet
607Kb / 5P
   Single, Dual and Triple Output
NAL25-7608 ARTESYN-NAL25-7608 Datasheet
70Kb / 2P
   Single, dual and triple output
NLP65-9605GJ ARTESYN-NLP65-9605GJ Datasheet
614Kb / 5P
   Single, Dual and Triple Output
NLP150H ARTESYN-NLP150H Datasheet
119Kb / 4P
   Single, dual, triple and quad output
CL40 ARTESYN-CL40 Datasheet
49Kb / 2P
   Single and triple output
NFS40-7607 ARTESYN-NFS40-7607 Datasheet
461Kb / 4P
   SIngle and triple output
logo
List of Unclassifed Man...
NFN40 ETC-NFN40 Datasheet
49Kb / 3P
   Single and triple output
FEC40 ETC-FEC40 Datasheet
148Kb / 2P
   OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT
logo
Recom International Pow...
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RP20-123.3SE RECOM-RP20-123.3SE_06 Datasheet
99Kb / 4P
   20 Watt Single, Dual & Triple Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com