Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1110E-75 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1110E-75
Description  10-Tap Silicon Delay Line
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1110E-75 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1110E-75 Datasheet HTML 1Page - Dallas Semiconductor DS1110E-75 Datasheet HTML 2Page - Dallas Semiconductor DS1110E-75 Datasheet HTML 3Page - Dallas Semiconductor DS1110E-75 Datasheet HTML 4Page - Dallas Semiconductor DS1110E-75 Datasheet HTML 5Page - Dallas Semiconductor DS1110E-75 Datasheet HTML 6Page - Dallas Semiconductor DS1110E-75 Datasheet HTML 7Page - Dallas Semiconductor DS1110E-75 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Detailed Description
The DS1110 delay line is an improved replacement for
the DS1010. It has ten equally spaced taps providing
delays from 5ns to 500ns. The devices are offered in a
standard 16-pin SO or 14-pin TSSOP. The DS1110
series delay lines provide a nominal accuracy of ±5%
or ±2ns, whichever is greater, at 5V and +25°C. The
DS1110 reproduces the input logic state at the tap 10
output after a fixed delay as specified by the dash
number extension of the part number. The DS1110 is
designed to produce both leading- and trailing-edge
delays with equal precision. Each tap is capable of dri-
ving up to ten 74LS type loads. Dallas Semiconductor
can customize standard products to meet special
needs. For special requests call 972-371-4348.
10-Tap Silicon Delay Line
_____________________________________________________________________
5
10%
10%
IN
TAP1
TAP2
TAP9
TAP10
10%
10%
Figure 1. Logic Diagram
PART
TOTAL DELAY* (ns)
DELAY/TAP (ns)
DS1110-50
50
5
DS1110-60
60
6
DS1110-75
75
7.5
DS1110-80
80
8
DS1110-100
100
10
DS1110-125
125
12.5
DS1110-150
150
15
DS1110-175
175
17.5
DS1110-200
200
20
DS1110-250
250
25
DS1110-300
300
30
DS1110-350
350
35
DS1110-400
400
40
DS1110-450
450
45
DS1110-500
500
50
Table 1. Part Number by Delay (tPHL, tPLH)
VIL
IN
OUT
0.8V
VIH
tRISE
2.2V
1.5V
1.5V
1.5V
1.5V
1.5V
0.8V
2.2V
PERIOD
tWI
tPLH
tPLH
tFALL
tWI
Figure 2. Timing Diagram: Silicon Delay Line
*Custom delays are available.


Similar Part No. - DS1110E-75

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1110E-XXX MAXIM-DS1110E-XXX Datasheet
115Kb / 8P
   10-Tap Silicon Delay Line
Rev 1; 11/03
More results

Similar Description - DS1110E-75

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1010 MAXIM-DS1010 Datasheet
65Kb / 6P
   10-Tap Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1010 DALLAS-DS1010 Datasheet
60Kb / 6P
   10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1110 MAXIM-DS1110 Datasheet
115Kb / 8P
   10-Tap Silicon Delay Line
Rev 1; 11/03
logo
Dallas Semiconductor
DS1110L DALLAS-DS1110L Datasheet
102Kb / 7P
   3V 10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
   5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
logo
Dallas Semiconductor
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
logo
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1000 MAXIM-DS1000 Datasheet
162Kb / 6P
   5-Tap Silicon Delay Line
030194
logo
Data Delay Devices, Inc...
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com