Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWR06NB155M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CWR06NB155M
Description  Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR06NB155M Datasheet(HTML) 1 Page - Vishay Siliconix

  CWR06NB155M Datasheet HTML 1Page - Vishay Siliconix CWR06NB155M Datasheet HTML 2Page - Vishay Siliconix CWR06NB155M Datasheet HTML 3Page - Vishay Siliconix CWR06NB155M Datasheet HTML 4Page - Vishay Siliconix CWR06NB155M Datasheet HTML 5Page - Vishay Siliconix CWR06NB155M Datasheet HTML 6Page - Vishay Siliconix CWR06NB155M Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.vishay.com
133
CWR06
Vishay Sprague
Document Number 40009
Revision 16-Nov-04
For technical questions, contact tantalum@vishay.com
Solid Tantalum Chip Capacitors
MIDGET® Military, MIL-PRF-55365/4 Qualified
FEATURES
• Weibull Failure Rates B, C; Exponential M, P, R, S.
• Tape and Reel available per EIA 481-1 and-2.
• Termination finishes available; Gold Plate, 50µ inch
minimum (standard), Solder Plated Hot Solder Dipped.
Operating Temperature: - 55°C to + 85°C. (To + 125°C
with voltage derating.)
Capacitance Range: 0.10µF-100µF
CASE
CODE
A
B
C
D
E
F
G
H
W
0.050 ± 0.015
[1.27 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
0.100 ± 0.015
[2.54 ± 0.38]
0.100 ± 0.015
[2.54 ± 0.38]
0.135 ± 0.015
[3.43 ± 0.38]
0.110 ± 0.015
[2.79 ± 0.38]
0.150 ± 0.015
[3.81 ± 0.38]
L
0.100 ± 0.015
[2.54 ± 0.38]
0.150 ± 0.015
[3.81 ± 0.38]
0.200 ± 0.015
[5.08 ± 0.38]
0.150 ± 0.015
[3.81 ± 0.38]
0.200 ± 0.015
[5.08 ± 0.38]
0.220 ± 0.015
[5.59 ± 0.38]
0.265 ± 0.015
[6.73 ± 0.38]
0.285 ± 0.015
[7.24 ± 0.38]
H
0.050 ± 0.015
[1.27 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
0.070 ± 0.015
[1.78 ± 0.38]
0.110 ± 0.015
[2.79 ± 0.38]
0.110 ± 0.015
[2.79 ± 0.38]
P
0.030 ± 0.005
[0.76 ± 0.13]
0.030 ± 0.005
[0.76 ± 0.13]
0.030 ± 0.005
[0.76 ± 0.13]
0.030 ± 0.005
[0.76 ± 0.13]
0.030 ± 0.005
[0.76 ± 0.13]
0.030 ± 0.005
[0.76 ± 0.13]
0.050 ± 0.005
[1.27 ± 0.13]
0.050 ± 0.005
[1.27 ± 0.13]
T
1
0.005
[0.13]
0.005
[0.13]
0.005
[0.13]
0.005
[0.13]
0.005
[0.13]
0.005
[0.13]
0.005
[0.13]
0.005
[0.13]
T
2 (Max.)
0.015
[0.38]
0.015
[0.38]
0.015
[0.38]
0.015
[0.38]
0.015
[0.38]
0.015
[0.38]
0.015
[0.38]
0.015
[0.38]
DIMENSIONS in inches [millimeters]
Note: When solder coated terminations are required, add .015" [0.38mm] to termination dimension tolerances.
-
+
W
H
P
P
T
1
T
2 Max.
L
T
1
T
2 Max.
L
Weld and
Dimple
Projection
Identifies
Anode (+)
Terminal
H
W
+
-
P
P
PERFORMANCE CHARACTERISTICS
ORDERING INFORMATION
C = 4 V
D = 6 V
F = 10V
H = 15 V
J = 20 V
K = 25 V
M= 35 V
N = 50 V
D
VOLTAGE
B = Gold. Standard.
H = Solder Plate.
C = Solder Dipped
B
TERMINATION
FINISH
155
CAPACITANCE
This is expressed
in picofarads. The
first two digits are
the significant
figures. The third
is the number of
zeros to follow.
K
CAPACITANCE
TOLERANCE
K= ± 10%
M =
± 20%
J= ± 5%
B
FAILURE RATE
%/1000 HOURS
A = Commercial
M = 1.0
P = 0.1
R = 0.01
S = 0.001
B = 0.1
C = 0.01
CWR06
TYPE
A = 10 Cycles at
+ 25°C
B = 10 Cycles at
-55°C and
+ 85°C.
C = 10 Cycles at
-55°C and
+ 85°C
(Before Weibull
Grading).
OPTIONAL
SURGE CURRENT
OPTIONS
Capacitance Tolerance: ± 10%, ± 20% standard. ± 5%
available as special.
Voltage Rating: 4WVDC to 50WVDC.


Similar Part No. - CWR06NB155M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR06NB155MB VISHAY-CWR06NB155MB Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
CWR06NB155MBA VISHAY-CWR06NB155MBA Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
CWR06NB155MBB VISHAY-CWR06NB155MBB Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
CWR06NB155MBC VISHAY-CWR06NB155MBC Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
CWR06NB155MC VISHAY-CWR06NB155MC Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
More results

Similar Description - CWR06NB155M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR11 VISHAY-CWR11 Datasheet
147Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Revision 31-Jan-05
CWR06HC106KP VISHAY-CWR06HC106KP Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
CWR11DH106KB VISHAY-CWR11DH106KB Datasheet
547Kb / 7P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 26-Jun-13
CWR06 VISHAY-CWR06_16 Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
CWR11 VISHAY-CWR11_17 Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR16 VISHAY-CWR16_16 Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR26 VISHAY-CWR26 Datasheet
307Kb / 19P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Low ESR, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
M39003-01-8224 VISHAY-M39003-01-8224 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
M39003-01-6103 VISHAY-M39003-01-6103 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX® Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
logo
Kyocera Kinseki Corpota...
TAZ KSS-TAZ Datasheet
1Mb / 14P
   CWR09 - MIL-PRF-55365/4 Established Reliability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com