Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFB300-24S12Y Datasheet(PDF) 2 Page - Artesyn Technologies

Part # RFB300-24S12Y
Description  RFB300/350 series is a high efficiency, enclosed, isolated dc-dc converter series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

RFB300-24S12Y Datasheet(HTML) 2 Page - Artesyn Technologies

  RFB300-24S12Y Datasheet HTML 1Page - Artesyn Technologies RFB300-24S12Y Datasheet HTML 2Page - Artesyn Technologies RFB300-24S12Y Datasheet HTML 3Page - Artesyn Technologies RFB300-24S12Y Datasheet HTML 4Page - Artesyn Technologies RFB300-24S12Y Datasheet HTML 5Page - Artesyn Technologies RFB300-24S12Y Datasheet HTML 6Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev.11.26.07
rfb300/350
2 of 6
Embedded Power for
Business-Critical Continuity
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated.
External output capacitance required (See Note 4).
Specifications
ABSOLUTE MAXIMUM RATINGS
Input voltage - peak
24 Vin
-0.5-50 Vdc
(100 ms max.,
48 Vin
-0.5-100 Vdc
1.0 % duty cycle max.)
Input voltage continuous
24 Vin
-0.5-40 Vdc
48 Vin
-0.5-80 Vdc
Adjust pin voltage (with
-0.5-12 Vdc
respect to -sense pin)
OUTPUT SPECIFICATIONS
Voltage adjustability
12 Vout
7.2-13.2 Vdc
28 Vout
16.8-29.4 Vdc
Min./max. load
12 Vout
0/25 A, 0/29.2 A
28 Vout
0/11 A, 0/12.5 A
Output load capacitance
12 Vout
470 μF to 4,700 μF
(See Note 10)
28 Vout
330 μF to 3,300 μF
Rise time
(See Note 12)
5 ms typ.
INPUT SPECIFICATIONS
Input current
24 Vin
23.8 A max. @ lo max.
(See Note 3)
48 Vin RFB300
11.2 A max. @ lo max.
48 Vin RFB350
13 A max. @ lo max.
Input reflected ripple
24 Vin
12 mA (pk-pk)
(See Note 4)
48 Vin 12 V model
42 mA (pk-pk)
48 Vin 28 V model
28 mA (pk-pk)
Input capacitance -
24 Vin
39 μF
Internal filter
48 Vin
13 μF
Inrush current
(See Note 11)
2 A2s
EMC CHARACTERISTICS
Conducted emissions
EN55022
See Application Note 167
Radiated emissions
EN55022
See Application Note 167
GENERAL SPECIFICATIONS
Efficiency
24 Vin 12 V model
86%
24 Vin 28 V model
90%
Vin = Vin (nom),
48 Vin 12 V model
88%
Iout (max.)
48 Vin 28 V model
91%
Approvals and
VDE IEC60950
standards
IECEE CB, UL/cUL60950
Material Flammability
UL94V-0
Weight
0.5 inch tall version
110 g (3.88 oz.)
MTBF @ 55 °C
12 V model
1,900,000 hours min.
Telcordia SR-332 Issue 1
28 V model
2,400,000 hours min.
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating baseplate,
-40 °C to +100 °C
temperature
Non-operating
-40 °C to +100 °C
RC PIN ELECTRICAL INTERFACE
Open collector compatible (See AN 167 for remote ON/OFF)
RC:
ON voltage
(See Note 13)
5 V min.
Open circuit voltage
5 V min, 11 V typ
13 V max.
High level leakage current (See Note 14)
-25 μA max.
OFF voltage
(See Note 15)
1.2 V max.
Low level input current
(See Note 16)
-250 μA max.
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER (18,20)
(MAX.)
(MIN.)
(MAX.)
300 W
18-36 Vdc
7.2-13.2 Vdc
0 A
25 A
86%
±0.15%
±0.2%
RFB300-24S12Y
308 W
18-36 Vdc
16.8-29.4 Vdc
0 A
11 A
90%
±0.15%
±0.2%
RFB300-24S28Y
308 W
36-75 Vdc
16.8-29.4 Vdc
0 A
11 A
91%
±0.15%
±0.2%
RFB300-48S28Y
350 W
36-75 Vdc
7.2-13.2 Vdc
0 A
29.2 A
88%
±0.15%
±0.2%
RFB350-48S12Y(17)
350 W
36-75 Vdc
16.8-29.4 Vdc
0 A
12.5 A
91%
±0.15%
±0.2%
RFB350-48S28Y
Ordering Information


Similar Part No. - RFB300-24S12Y

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
RFB300-24S12Y ARTESYN-RFB300-24S12Y Datasheet
639Kb / 5P
   DC-DC CONVERTERS 300-350 W Half-Brick
logo
Emerson Network Power
RFB300-24S12Y EMERSON-NETWORKPOWER-RFB300-24S12Y Datasheet
361Kb / 6P
   high efficiency, enclosed, isolated dc-dc converter
More results

Similar Description - RFB300-24S12Y

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
RFB300 EMERSON-NETWORKPOWER-RFB300 Datasheet
361Kb / 6P
   high efficiency, enclosed, isolated dc-dc converter
logo
SynQor Worldwide Headqu...
PQ48015QNA25 SYNQOR-PQ48015QNA25 Datasheet
707Kb / 13P
   High Efficiency, No Heatsink, Isolated DC/DC Converter
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
PQ48018QNA25 SYNQOR-PQ48018QNA25 Datasheet
724Kb / 13P
   High Efficiency, No Heatsink, Isolated DC/DC Converter
PQ60033QTB35NKS SYNQOR-PQ60033QTB35NKS Datasheet
237Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com