Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITS41K0S-ME-N Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # ITS41K0S-ME-N
Description  Smart High-Side NMOS-Power Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS41K0S-ME-N Datasheet(HTML) 3 Page - Infineon Technologies AG

  ITS41K0S-ME-N Datasheet HTML 1Page - Infineon Technologies AG ITS41K0S-ME-N Datasheet HTML 2Page - Infineon Technologies AG ITS41K0S-ME-N Datasheet HTML 3Page - Infineon Technologies AG ITS41K0S-ME-N Datasheet HTML 4Page - Infineon Technologies AG ITS41K0S-ME-N Datasheet HTML 5Page - Infineon Technologies AG ITS41K0S-ME-N Datasheet HTML 6Page - Infineon Technologies AG ITS41K0S-ME-N Datasheet HTML 7Page - Infineon Technologies AG ITS41K0S-ME-N Datasheet HTML 8Page - Infineon Technologies AG ITS41K0S-ME-N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet
3
Rev 1.0, 2012-09-01
ITS41k0S-ME-N
Block Diagram and Terms
2
Block Diagram and Terms
Figure 1
Block diagram
Figure 2
Terms - parameter definition
3
ITS41k0S-ME-N
1
Control
Circuit
RIN
2, 4
Temperature
Sensor
IN
OUT
VS
IIN
IS
IL
GND
IN
OUT
VS
Voltage- and Current-Definitions:
Switching Times and Slew Rate Definitions:
OFF
OFF
ON
VDS
VOUT
90%
0
+VS
10%
tOFF
IIN
0
IINOFF
IINON
t
IL
t
0
tON
SRON
30%
SROFF
70%
40%
t
3
ITS41k0S-ME-N
1
Control
Circuit
RIN
2, 4
Temperature
Sensor


Similar Part No. - ITS41K0S-ME-N

ManufacturerPart #DatasheetDescription
logo
C&K Components
ITS41-00-F-V1-S-TR CK-COMPONENTS-ITS41-00-F-V1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS41-00-FR1-S-TR CK-COMPONENTS-ITS41-00-FR1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS41-00-FR2-S-TR CK-COMPONENTS-ITS41-00-FR2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS41-00-FR3N-S-TR CK-COMPONENTS-ITS41-00-FR3N-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS41-00-FV2-S-TR CK-COMPONENTS-ITS41-00-FV2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
More results

Similar Description - ITS41K0S-ME-N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ITS4200S-SJ-D INFINEON-ITS4200S-SJ-D Datasheet
1Mb / 22P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4200S-ME-O INFINEON-ITS4200S-ME-O Datasheet
1Mb / 20P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
BTS41K0S-ME-N INFINEON-BTS41K0S-ME-N Datasheet
1Mb / 20P
   Smart High-Side NMOS-Power Switch
Rev 1.1, 2012-05-08
ITS4200S-ME-P INFINEON-ITS4200S-ME-P Datasheet
1Mb / 20P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4100S-SJ-N INFINEON-ITS4100S-SJ-N Datasheet
1Mb / 20P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4060S-SJ-N INFINEON-ITS4060S-SJ-N Datasheet
776Kb / 21P
   Smart high-side NMOS-power switch
Rev 1.1 2019-07-25
ITS4200S-ME-N INFINEON-ITS4200S-ME-N Datasheet
1Mb / 19P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4300S-SJ-D INFINEON-ITS4300S-SJ-D Datasheet
1Mb / 22P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com