Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITS4200S-ME-P Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # ITS4200S-ME-P
Description  Smart High-Side NMOS-Power Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS4200S-ME-P Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button ITS4200S-ME-P Datasheet HTML 6Page - Infineon Technologies AG ITS4200S-ME-P Datasheet HTML 7Page - Infineon Technologies AG ITS4200S-ME-P Datasheet HTML 8Page - Infineon Technologies AG ITS4200S-ME-P Datasheet HTML 9Page - Infineon Technologies AG ITS4200S-ME-P Datasheet HTML 10Page - Infineon Technologies AG ITS4200S-ME-P Datasheet HTML 11Page - Infineon Technologies AG ITS4200S-ME-P Datasheet HTML 12Page - Infineon Technologies AG ITS4200S-ME-P Datasheet HTML 13Page - Infineon Technologies AG ITS4200S-ME-P Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Data Sheet
10
Rev 1.0, 2012-09-01
ITS4200S-ME-P
Typical Performance Graphs
Typical Characterisitics
Switch ON Time
t
ON versus
Junction Temperature
T
j
Switch OFF Time
t
OFFversus
Junction Temperature
T
j
ON Slewrate
SR
ON versus
Junction Temperature
T
j
OFF Slewrate
SR
OFF versus
Junction Temperature
T
j
−40 −25
0
25
50
75
100
125
0
10
20
30
40
50
60
70
80
90
100
T
j
[
°C]
V
s
=15V;R
L
=47
Ω
V
s
=30V;R
L
=47
Ω
−40 −25
0
25
50
75
100
125
0
20
40
60
80
100
120
T
j
[
°C]
V
s
=15..30V;R
L
=47
Ω
−40 −25
0
25
50
75
100
125
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
T
j
[
°C]
V
s
=15V;R
L
=47
Ω
V
s
=30V;R
L
=47
Ω
−40 −25
0
25
50
75
100
125
0
0.5
1
1.5
2
2.5
3
T
j
[
°C]
V
s
=15V;R
L
=47
Ω
V
s
=30V;R
L
=47
Ω


Similar Part No. - ITS4200S-ME-P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ITS4200S-ME-N INFINEON-ITS4200S-ME-N Datasheet
1Mb / 19P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4200S-ME-O INFINEON-ITS4200S-ME-O Datasheet
1Mb / 20P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
More results

Similar Description - ITS4200S-ME-P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ITS4200S-SJ-D INFINEON-ITS4200S-SJ-D Datasheet
1Mb / 22P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4200S-ME-O INFINEON-ITS4200S-ME-O Datasheet
1Mb / 20P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
BTS41K0S-ME-N INFINEON-BTS41K0S-ME-N Datasheet
1Mb / 20P
   Smart High-Side NMOS-Power Switch
Rev 1.1, 2012-05-08
ITS4100S-SJ-N INFINEON-ITS4100S-SJ-N Datasheet
1Mb / 20P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS41K0S-ME-N INFINEON-ITS41K0S-ME-N Datasheet
1Mb / 19P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4060S-SJ-N INFINEON-ITS4060S-SJ-N Datasheet
776Kb / 21P
   Smart high-side NMOS-power switch
Rev 1.1 2019-07-25
ITS4200S-ME-N INFINEON-ITS4200S-ME-N Datasheet
1Mb / 19P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4300S-SJ-D INFINEON-ITS4300S-SJ-D Datasheet
1Mb / 22P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com