Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7566AIREZ-T7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL7566AIREZ-T7
Description  Monolithic 6 Amp DC-DC Step-Down Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7566AIREZ-T7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL7566AIREZ-T7 Datasheet HTML 6Page - Intersil Corporation EL7566AIREZ-T7 Datasheet HTML 7Page - Intersil Corporation EL7566AIREZ-T7 Datasheet HTML 8Page - Intersil Corporation EL7566AIREZ-T7 Datasheet HTML 9Page - Intersil Corporation EL7566AIREZ-T7 Datasheet HTML 10Page - Intersil Corporation EL7566AIREZ-T7 Datasheet HTML 11Page - Intersil Corporation EL7566AIREZ-T7 Datasheet HTML 12Page - Intersil Corporation EL7566AIREZ-T7 Datasheet HTML 13Page - Intersil Corporation EL7566AIREZ-T7 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN7102.5
December 1, 2004
It also allows 100% turn-on of the upper PMOS switch,
achieving VO close to VIN. The maximum achievable VO is:
Where RL is the DC resistance on the inductor and RDSON1
is the PMOS on-resistance, nominally 30m
Ω at room
temperature with a temperature coefficient of 0.2m
Ω/°C.
OUTPUT VOLTAGE SELECTION
The output voltage can be as high as the input voltage minus
the PMOS and inductor voltage drops (as seen previously in
Equation 2). Referring to the Typical Application Circuit on
page 2, use R1 and R2 to set the output voltage according to
the following formula:
Some standard values of R1 and R2 are listed in Table 1.
It is important that the series combination of R1 and R2 is
large enough as to not draw excessive current from the
output.
VOLTAGE MARGINING
The EL7566 has built-in 5% load stress test (commonly
called voltage margining) function. Combinations of TM and
SEL set the margins shown in Table 2. When this function is
not used, both pins should be connected to SGND, either
directly or through a 10k
Ω resister. Figure 16 shows this
feature.
SWITCHING FREQUENCY
The regulator has a programmable switching frequency of
200kHz to 1MHz. The switching frequency is generated by a
relaxation comparator and adjusted by a capacitor from the
OSC pin to GND (COSC). The triangle waveform has 95%
duty ratio and runs from 0.2V to 1.2V. Refer to the curve in
Figure 6 for the appropriate value of COSC for the desired
frequency. If external synchronization is desired, the circuit
in Figure 21 can be used.
Always choose the converter self-switching frequency 20%
lower than the sync frequency to accommodate component
variations.
Protection Features
The EL7566 features a wide range of protective measures to
prevent the persistence of damaging system conditions.
These features are overvoltage, overcurrent, Power-On-
Reset (POR), and Thermal Shutdown protection.
OVERVOLTAGE PROTECTION (OVP)
The EL7566 monitors the output voltage and will shut down
if it exceeds 110% of the set regulation point. This is
accomplished by comparing the reference to the FB pin
voltage. If an overvoltage condition is met, the controller will
turn the high-side switch off, the low-side switch on, and pull
PGOOD low. The converter will not latch off and will proceed
with a soft-start as soon as the fault condition is cleared.
OVERCURRENT PROTECTION (OCP)
The current information for PWM ramp generation is also
used for overcurrent protection. The measured current is
compared against a preset Overcurrent threshold (~7-10A).
If the output current exceeds the threshold, the output will
shut down by turning off the high-side switch and turning the
low-side switch on. This event, like OVP, will not latch the
converter off. A soft-start will be initiated when the fault is
cleared.
POWER-ON RESET (POR)
To ensure proper regulator operation, a power-on reset
feature monitors the input voltage. When adequate input
voltage is achieved (VDD > 2.8V), the converter is allowed to
soft-start. However, if VDD falls below 2.5V, the regulator will
shut down in the same manner as OVP or OCP.
THERMAL PROTECTION AND JUNCTION
TEMPERATURE INDICATOR
An internal temperature sensor continuously monitors the
junction temperature. If the junction temperature exceeds
135°C, the regulator is in a fault condition and will shut
down. When the temperature falls back below 110°C, the
regulator goes through the soft-start procedure again.
TABLE 1.
VO (V)
R1 (kΩ)R2 (kΩ)
0.8
2
Open
12.49
10
1.2
4.99
10
1.5
10
11.5
1.8
12.7
10.2
2.5
21.5
10
3.3
36
11.5
TABLE 2.
CONDITION
TM
SEL
VO
Normal
0
X
Nominal
High Margin
1
1
Nominal + 5%
Low Margin
1
0
Nominal - 5%
V
O
V
IN
R
L
R
DSON1
+
() I
O
×
=
V
O
0.8
1
R
1
R
2
-------
+



×
=
EL7566
COSC
100pF
EXTERNAL SYNC
SOURCE
FIGURE 20. EXTERNAL SYNC CIRCUIT
EL7566


Similar Part No. - EL7566AIREZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7566AIREZ-T7 INTERSIL-EL7566AIREZ-T7 Datasheet
399Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7566AIREZ-T7 RENESAS-EL7566AIREZ-T7 Datasheet
751Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
More results

Similar Description - EL7566AIREZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7564 INTERSIL-EL7564 Datasheet
644Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7554 INTERSIL-EL7554 Datasheet
499Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7562 INTERSIL-EL7562 Datasheet
246Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
EL7562 INTERSIL-EL7562_06 Datasheet
162Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com