Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

337TTA063M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 337TTA063M
Description  Axial lead - High voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

337TTA063M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  337TTA063M Datasheet HTML 1Page - Illinois Capacitor, Inc. 337TTA063M Datasheet HTML 2Page - Illinois Capacitor, Inc. 337TTA063M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TTA
+85°C, Standard, general
purpose 2000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+85°C
Dims DxL
(mm)
3300
50
338TTA050M
0.0804
2350
22x41
3300
63
338TTA063M
0.0804
2370
22x51
4700
10
478TTA010M
0.1129
1730
16x31
4700
16
478TTA016M
0.0988
1840
16x31.5
4700
25
478TTA025M
0.0847
2190
16x41
4700
35
478TTA035M
0.0705
2470
22x41
4700
50
478TTA050M
0.705
2510
22x51
4700
63
478TTA063M
0.0635
3080
25x60
6800
16
688TTA016M
0.078
2310
16x41
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+85°C
Dims DxL
(mm)
6800
25
688TTA025M
0.0683
2480
18x41
6800
35
688TTA035M
0.0634
2760
22x51
10000
10
109TTA010M
0.063
2350
18x41
10000
16
109TTA016M
0.063
2520
18x41
10000
25
109TTA025M
0.063
3240
22x51
10000
35
109TTA035M
0.0531
3500
25x51
15000
16
159TTA016M
0.0531
3310
22x51
15000
25
159TTA025M
0.0486
3700
25x51
22000
16
229TTA016M
0.0467
3600
22x51


Similar Part No. - 337TTA063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
337TTA063M ILLINOISCAPACITOR-337TTA063M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
337TTA063M ILLINOISCAPACITOR-337TTA063M Datasheet
352Kb / 3P
   85C General Purpose Axial Lead Aluminum Electrolytic Capacitors
337TTA063M ILLINOISCAPACITOR-337TTA063M Datasheet
296Kb / 3P
   Standard, general purpose 2000 hours
337TTA063M ILLINOISCAPACITOR-337TTA063M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
337TTA063M ILLINOISCAPACITOR-337TTA063M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
More results

Similar Description - 337TTA063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105TTA050M ILLINOISCAPACITOR-105TTA050M Datasheet
318Kb / 3P
   Axial Lead - High Voltage
logo
List of Unclassifed Man...
CLA60 ETC1-CLA60 Datasheet
75Kb / 2P
   High Voltage AXIAL LEAD ISOLATORS
logo
New Jersey Semi-Conduct...
M50FF3 NJSEMI-M50FF3 Datasheet
278Kb / 1P
   High Voltage Diodes -Axial Lead
logo
Voltage Multipliers Inc...
M160UFGHT VMI-M160UFGHT Datasheet
475Kb / 2P
   High Voltage Rectifier - Axial Lead
logo
HuaXinAn Electronics CO...
H2R8-800L HUAXINAN-H2R8-800L_V01 Datasheet
210Kb / 2P
   3KA High Voltage,Axial Lead Wire
logo
GETAI ELECTRONICS DEVIC...
2CL60KV0.1A GETEDZ-2CL60KV0.1A Datasheet
202Kb / 1P
   HIGH VOLTAGE AXIAL LEAD FLAT PACK RECTIFIER
logo
List of Unclassifed Man...
CLA90 ETC1-CLA90 Datasheet
61Kb / 2P
   DIGITAL OUTPUT HIGH VOLTAGE AXIAL LEAD ISOLATORS
logo
Socay Electornics Co., ...
SAC SOCAY-SAC Datasheet
241Kb / 4P
   Axial Lead Transient Voltage Suppressors
LCE65 SOCAY-LCE65 Datasheet
325Kb / 5P
   Axial Lead Transient Voltage Suppressors
logo
Anova Technologies CO.,...
SAC ANOVA-SAC Datasheet
262Kb / 3P
   Axial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com