Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWR06CB155M Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CWR06CB155M
Description  Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR06CB155M Datasheet(HTML) 4 Page - Vishay Siliconix

  CWR06CB155M Datasheet HTML 1Page - Vishay Siliconix CWR06CB155M Datasheet HTML 2Page - Vishay Siliconix CWR06CB155M Datasheet HTML 3Page - Vishay Siliconix CWR06CB155M Datasheet HTML 4Page - Vishay Siliconix CWR06CB155M Datasheet HTML 5Page - Vishay Siliconix CWR06CB155M Datasheet HTML 6Page - Vishay Siliconix CWR06CB155M Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
136
CWR06
Vishay Sprague
Document Number 40009
Revision 16-Nov-04
For technical questions, contact tantalum@vishay.com
1.
Operating Temperature: Capacitors are designed to
operate over the temperature range - 55°C to + 85°C.
1.1
Capacitors may be operated to + 125°C with
voltage derating to two-thirds the + 85°C rating.
2.
DC Working Voltage: The DC working voltage is the
maximum operating voltage for continuous duty at the
rated temperature.
3.
Surge Voltage: The surge DC rating is the maximum
voltage to which the capacitors may be subjected
under any conditions, including transients and peak
ripple at the highest line voltage.
3.1
Surge Voltage Test: Capacitors shall withstand
the surge voltage applied in series with a 33 ohm
± 5% resistor at the rate of one-half minute on,
one-half minute off, at + 85°C, for 1000 successive
test cycles.
3.2
Following the surge voltage test, the dissipation
factor and the leakage current shall meet the initial
requirements; the capacitance shall not have changed
more than ± 10%.
4.
Capacitance Tolerance: The capacitance of all
capacitors shall be within the specified tolerance
limits of the normal rating.
4.1
Capacitance measurements shall be made by means
of polarized capacitance bridge. The polarizing
voltage shall be of such magnitude that there shall be
no reversal of polarity due to the AC component. The
maximum voltage applied to capacitors during
measurement shall be 2 volts rms at 120 Hz at +25°C.
If the AC voltage applied is less than one-half volt rms,
no DC bias is required. Accuracy of the bridge shall
be within ± 2%.
5.
Capacitance Change With Temperature: The
capacitance change with temperature shall not exceed
the following percentage of the capacitance measured
at + 25°C:
6.
Dissipation Factor: The dissipation factor,
determined from the expression 2πfRC, shall not
exceed values listed in the Standard Ratings Table.
6.1
Measurements shall be made by the bridge method
at, or referred to, a frequency of 120 Hz and a
temperature of + 25°C.
7.
Leakage Current: Measurements shall be made at
rated working voltage with an application of a
steady source of power, such as a regulated power
supply. A 1000 ohm resistor to limit the charging
current shall be connected in series with each
capacitor under test. Rated working voltage shall be
applied to capacitors for 5 minutes before making
leakage curent measurements. Units must be
stabilized at the rated temperature for 30 minutes prior
to application of voltage.
Note that the leakage current varies with temperature
and applied voltage. See graph below for the
appropriate adjustment factor.
+ 85
°C Rating
+ 125
°C Rating
Working
Voltage
(V)
Working
Voltage
(V)
Surge
Voltage
(V)
Surge
Voltage
(V)
4
6
10
15
20
25
35
50
5
8
13
20
26
32
46
65
2.7
4
7
10
13
17
23
33
3.4
5
9
12
16
20
28
38
- 55°C
- 10%
+ 85°C
+ 10%
+ 125°C
+ 15%
PERFORMANCE CHARACTERISTICS
TYPICAL LEAKAGE CURRENT FACTOR RANGE
100
10
1.0
0.1
0.01
0.001
0
10
20
30
40
50
60
70
80
90
100
+ 125
°C
+ 85
°C
+ 55
°C
+ 25
°C
0
°C
- 55
°C
Percent of Rated Voltage


Similar Part No. - CWR06CB155M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR06CB155MB VISHAY-CWR06CB155MB Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
CWR06CB155MBA VISHAY-CWR06CB155MBA Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
CWR06CB155MBB VISHAY-CWR06CB155MBB Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
CWR06CB155MBC VISHAY-CWR06CB155MBC Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
CWR06CB155MC VISHAY-CWR06CB155MC Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
More results

Similar Description - CWR06CB155M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR11 VISHAY-CWR11 Datasheet
147Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Revision 31-Jan-05
CWR06HC106KP VISHAY-CWR06HC106KP Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
CWR11DH106KB VISHAY-CWR11DH106KB Datasheet
547Kb / 7P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 26-Jun-13
CWR06 VISHAY-CWR06_16 Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
CWR11 VISHAY-CWR11_17 Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR16 VISHAY-CWR16_16 Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR26 VISHAY-CWR26 Datasheet
307Kb / 19P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Low ESR, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
M39003-01-8224 VISHAY-M39003-01-8224 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
M39003-01-6103 VISHAY-M39003-01-6103 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX® Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
logo
Kyocera Kinseki Corpota...
TAZ KSS-TAZ Datasheet
1Mb / 14P
   CWR09 - MIL-PRF-55365/4 Established Reliability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com