Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

827ULR4R0MFH Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 827ULR4R0MFH
Description  High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

827ULR4R0MFH Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  827ULR4R0MFH Datasheet HTML 1Page - Illinois Capacitor, Inc. 827ULR4R0MFH Datasheet HTML 2Page - Illinois Capacitor, Inc. 827ULR4R0MFH Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ULR
+105°C 2000 hour Low ESR
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
ESR (mΩ)
100 kHz,
+20°C
Leakage
Current
(μA)
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
680
4
687ULR4R0MFF
0.24
7
544
6100
8x8
680
6.3
687ULR6R3MFH
0.24
7
857
6100
8x11.5
680
6.3
687ULR6R3MGU
0.24
7
857
6640
10x12.5
680
10
687ULR010MFH
0.24
10
1360
5800
8x11.5
680
10
687ULR010MGU
0.24
8
1360
6100
10x12.5
680
16
687ULR016MGU
0.24
10
2176
6100
10x12.5
820
2.5
827ULR2R5MEF
0.2
7
410
5600
6.3x8
820
2.5
827ULR2R5MFF
0.2
7
410
6100
8x8
820
2.5
827ULR2R5MFH
0.2
7
410
6100
8x11.5
820
4
827ULR4R0MFF
0.2
7
656
6100
8x8
820
4
827ULR4R0MFH
0.2
7
656
6100
8x11.5
820
6.3
827ULR6R3MFF
0.2
7
1033
6100
8x8
820
6.3
827ULR6R3MFH
0.2
7
1033
6100
8x11.5
820
6.3
827ULR6R3MGH
0.2
7
1033
6640
10x12.5
820
10
827ULR010MFH
0.2
8
1640
6100
8x11.5
820
16
827ULR016MGU
0.2
10
2624
6100
10x12.5
1000
2.5
108ULR2R5MFH
0.17
7
500
6100
8x11.5
1000
4
108ULR4R0MFF
0.17
7
800
6100
8x8
1000
4
108ULR4R0MGU
0.17
7
800
6640
10x12.5
1000
6.3
108ULR6R3MFH
0.17
7
1260
6100
8x11.5
1000
16
108ULR016MGU
0.17
10
3200
6100
10x12.5
1200
4
128ULR4R0MFF
0.14
7
960
6100
8x8
1200
6.3
128ULR6R3MFH
0.14
7
1512
6100
8x11.5
1200
10
128ULR010MEF
0.14
8
2400
6200
10x12.5
1500
2.5
158ULR2R5MFH
0.11
7
750
6100
8x11.5
1500
2.5
158ULR2R5MGU
0.11
7
750
6100
10x12.5
1500
6.3
158ULR6R3MGU
0.11
10
1890
5560
10x12.5
2700
2.5
278ULR2R5MGU
0.06
8
1350
5660
10x12.5
2700
4
278ULR4R0MGU
0.06
8
2160
6900
10x12.5


Similar Part No. - 827ULR4R0MFH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
827ULR4R0MFH ILLINOISCAPACITOR-827ULR4R0MFH Datasheet
264Kb / 3P
   2000 hour Low ESR
827ULR4R0MFH ILLINOISCAPACITOR-827ULR4R0MFH Datasheet
125Kb / 1P
   Radial lead aluminum polymer capacitors
More results

Similar Description - 827ULR4R0MFH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107UVR6R3MEW ILLINOISCAPACITOR-107UVR6R3MEW Datasheet
259Kb / 2P
   High Temperature ??Very Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
UVG ILLINOISCAPACITOR-UVG Datasheet
225Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
277UER016MFH ILLINOISCAPACITOR-277UER016MFH Datasheet
299Kb / 2P
   High Temperature . Very Low ESR . High Ripple Current . Stable with Temperature . High Frequency
277ULR6R3MDY ILLINOISCAPACITOR-277ULR6R3MDY Datasheet
333Kb / 3P
   High Temperature ??Very Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
UVR ILLINOISCAPACITOR-UVR Datasheet
177Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
UER ILLINOISCAPACITOR-UER Datasheet
256Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ?뱒table with temperature ??High frequency
187AVG063MGBJ ILLINOISCAPACITOR-187AVG063MGBJ Datasheet
312Kb / 2P
   Small Size - High Temperature ??Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
686AVG035MFF ILLINOISCAPACITOR-686AVG035MFF Datasheet
312Kb / 2P
   Small Size - High Temperature ??Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
GXX ILLINOISCAPACITOR-GXX Datasheet
230Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ??stablewith temperature ??High frequency ??Long life ??ROHS compliant
JZM ILLINOISCAPACITOR-JZM Datasheet
207Kb / 2P
   Very Low ESR - High Frequency ??High Ripple Current
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com