Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

157SVH035MFE Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 157SVH035MFE
Description  Small size ??Extended Life ??Low cost
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

157SVH035MFE Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  157SVH035MFE Datasheet HTML 1Page - Illinois Capacitor, Inc. 157SVH035MFE Datasheet HTML 2Page - Illinois Capacitor, Inc. 157SVH035MFE Datasheet HTML 3Page - Illinois Capacitor, Inc. 157SVH035MFE Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SVH
+105°C, Long Life, 2000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
1
50
105SVH050MCR
232.1
6.3
4x5.4
2.2
50
225SVH050MCR
105.5
11
4x5.4
3.3
50
335SVH050MCR
70.33
14
4x5.4
3.3
450
335SVH450MTP
125.6
40
12.5x13.5
4.7
6.3
475SVH6R3MCR
10.82
31
4x5.4
4.7
35
475SVH035MCR
49.38
16
4x5.4
4.7
50
475SVH050MDR
49.38
19
5x5.4
4.7
450
475SVH450MTP
88.1843
45
12.5x13.5
6.8
35
685SVH035MCR
31.13
25
4x5.4
10
25
106SVH025MCR
26.53
13
4x5.4
10
50
106SVH050MER
23.21
30
6.3x5.4
10
200
106SVH200MTP
33.1573
80
12.5x13.5
10
400
106SVH400MTP
41.4466
50
12.5x13.5
10
450 106SVH450MTBW 41.4466
75
12.5x16
22
6.3
226SVH6R3MCR
22.61
22
4x5.4
22
16
226SVH016MCR
12.06
29
4x5.4
22
25
226SVH025MDR
12.06
23
5x5.4
22
35
226SVH035MER
10.55
44
6.3x5.4
22
50
226SVH050MEL
10.55
51
6.3x7.7
22
100
226SVH100MFE
13.56
100
8x10.5
22
200 226SVH200MTBW 15.0715
110
12.5x16
22
250
226SVH250MTP
15.0715
105
12.5x13.5
22
450
226SVH450MKQ 18.8394
85
16x16.5
33
6.3
336SVH6R3MCR
15.07
29
4x5.4
33
10
336SVH010MDR
12.06
35
5x5.4
33
16
336SVH016MDR
8.04
40
5x5.4
33
25
336SVH025MER
8.04
38
6.3x5.4
33
50
336SVH050MEL
7.03
60
6.3x7.7
33
100
336SVH100MFE
9.04
120
8x10.5
33
100
336SVH100MGE
9.04
150
10x10.5
33
160
336SVH160MTP
10.0477
95
12.5x13.5
33
200 336SVH200MTBW 10.0477
120
12.5x16
33
400
336SVH400MKQ 12.5596
85
16x16.5
47
6.3
476SVH6R3MDR
10.58
36
5x5.4
47
16
476SVH016MDR
5.6438
42
5x5.4
47
25
476SVH025MER
5.64
48
6.3x5.4
47
50
476SVH050MEL
4.94
63
6.3x7.7
47
63
476SVH063MFE
6.35
170
8x10.5
47
100
476SVH100MTP
6.3493
250
12.5x13.5
47
100
476SVH100MFE
6.35
170
8x10.5
47
100
476SVH100MGE
6.35
250
10x10.5
47
200
476SVH200MKQ
7.0547
220
16x16.5
47
250
476SVH250MKQ
7.0547
220
16x16.5
100
16
107SVH016MER
3.32
60
6.3x5.4
100
25
107SVH025MEL
2.6526
100
6.3x7.7
100
25
107SVH025MEL
2.65
100
6.3x7.7
100
35
107SVH035MEL
2.65
100
6.3x7.7
100
50
107SVH050MFE
2.82
230
8x10.5
100
63
107SVH063MGE
2.98
340
10x10.5
100
100
107SVH100MTP
2.98
300
12.5x13.5
100
160
107SVH160MKQ
3.3157
250
16x16.5
150
6.3
157SVH6R3MGE
3.32
86
6.3x5.4
150
25
157SVH025MEL
1.77
91
6.3x7.7
150
35
157SVH035MFE
1.55
260
8x10.5
150
50
157SVH050MGE
1.55
250
10x10.5
150
63
157SVH063MGE
1.99
360
10x10.5
220
6.3
227SVH6R3MER
2.261
80
6.3x5.4
220
10
227SVH010MEL
1.8086
120
6.3x7.7


Similar Part No. - 157SVH035MFE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
157SVH035MFE ILLINOISCAPACITOR-157SVH035MFE Datasheet
227Kb / 4P
   Long Life, 2000hours
157SVH035MFE ILLINOISCAPACITOR-157SVH035MFE Datasheet
119Kb / 1P
   SURFACE MOUNT
More results

Similar Description - 157SVH035MFE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226SMH016M ILLINOISCAPACITOR-226SMH016M Datasheet
284Kb / 2P
   Small Size ??Extended Life ??Low Cost
SMH ILLINOISCAPACITOR-SMH Datasheet
218Kb / 2P
   Small size ??Extended Life ??Low cost
107SML063M ILLINOISCAPACITOR-107SML063M Datasheet
306Kb / 3P
   Small Size ??Low Cost
107SML016M ILLINOISCAPACITOR-107SML016M Datasheet
306Kb / 3P
   Small Size ??Low Cost
SML ILLINOISCAPACITOR-SML Datasheet
239Kb / 3P
   Small size ??Low cost
logo
Ningbo Tianbo Ganglian ...
HJR4102 TIANBO-HJR4102 Datasheet
1Mb / 3P
   Small size and low cost
HJR4102E TIANBO-HJR4102E Datasheet
1Mb / 3P
   Small size and low cost
logo
Illinois Capacitor, Inc...
SVL ILLINOISCAPACITOR-SVL Datasheet
198Kb / 2P
   Small size ??Long Life
MSR ILLINOISCAPACITOR-MSR Datasheet
213Kb / 2P
   Small size ??Self Healing ??Low Cost
logo
TDK Electronics
CGJ5L2X7R0J106KTXXXX TDK-CGJ5L2X7R0J106KTXXXX Datasheet
291Kb / 2P
   Extended Life MLCC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com