Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP7309 Datasheet(PDF) 5 Page - Cirrus Logic

Part # EP7309
Description  HIGH PERFORMANCE LOW POWER SYSTEM ON CHIP ENHANCED DIGITAL AUDIO INTERFACE
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7309 Datasheet(HTML) 5 Page - Cirrus Logic

  EP7309 Datasheet HTML 1Page - Cirrus Logic EP7309 Datasheet HTML 2Page - Cirrus Logic EP7309 Datasheet HTML 3Page - Cirrus Logic EP7309 Datasheet HTML 4Page - Cirrus Logic EP7309 Datasheet HTML 5Page - Cirrus Logic EP7309 Datasheet HTML 6Page - Cirrus Logic EP7309 Datasheet HTML 7Page - Cirrus Logic EP7309 Datasheet HTML 8Page - Cirrus Logic EP7309 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
DS507PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
5
EP7309
High-Performance, Low-Power System on Chip
Synchronous Serial Interface
• ADC (SSI) Interface: Master mode only; SPI and
Microwire1-compatible (128 kbps operation)
• Selectable serial clock polarity
LCD Controller
A DMA address generator is provided that fetches video
display data for the LCD controller from memory. The
display frame buffer start address is programmable,
allowing the LCD frame buffer to be in SDRAM, internal
SRAM or external SRAM.
• Interfaces directly to a single-scan panel monochrome
STN LCD
• Interfaces to a single-scan panel color STN LCD with
minimal external glue logic
• Panel width size is programmable from 32 to 1024
pixels in 16-pixel increments
• Video frame buffer size programmable up to
128 KB
• Bits per pixel of 1, 2, or 4 bits
64-Keypad Interface
Matrix keyboards and keypads can be easily read by the
EP7309. A dedicated 8-bit column driver output
generates strobes for each keyboard column signal. The
pins of Port A, when configured as inputs, can be
selectively OR'ed together to provide a keyboard
interrupt that is capable of waking the system from a
STANDBY or IDLE state.
• Column outputs can be individually set high with the
remaining bits left at high-impedance
• Column outputs can be driven all-low, all-high, or all-
high-impedance
• Keyboard interrupt driven by OR'ing together all Port
A bits
• Keyboard interrupt can be used to wake up the
system
• 8
×8 keyboard matrix usable with no external logic,
extra keys can be added with minimal glue logic
Interrupt Controller
When unexpected events arise during the execution of a
program (i.e., interrupt or memory fault) an exception is
usually generated. When these exceptions occur at the
same time, a fixed priority system determines the order
in which they are handled. The EP7309 interrupt
controller has two interrupt types: interrupt request
(IRQ) and fast interrupt request (FIQ). The interrupt
controller has the ability to control interrupts from 22
different FIQ and IRQ sources.
• Supports 22 interrupts from a variety of sources (such
as UARTs, SSI1, and key matrix.)
• Routes interrupt sources to the ARM720T’s IRQ or
FIQ (Fast IRQ) inputs
• Five dedicated off-chip interrupt lines operate as level
sensitive interrupts
.
Note:
Pins are multiplexed. See Table R on page 7 for more
information.
Real-Time Clock
The EP7309 contains a 32-bit Real Time Clock (RTC) that
can be written to and read from in the same manner as
the timer counters. It also contains a 32-bit output match
register which can be programmed to generate an
interrupt.
Pin Mnemonic
I/O
Pin Description
ADCLK
O
SSI1 ADC serial clock
ADCIN
I
SSI1 ADC serial input
ADCOUT
O
SSI1 ADC serial output
nADCCS
O
SSI1 ADC chip select
SMPCLK
O
SSI1 ADC sample clock
Table G. Serial Interface Pin Assignments
Pin Mnemonic
I/O
Pin Description
CL1
O
LCD line clock
CL2
O
LCD pixel clock out
DD[3:0]
O
LCD serial display data bus
FRM
O
LCD frame synchronization pulse
M
O
LCD AC bias drive
Table H. LCD Interface Pin Assignments
Pin Mnemonic
I/O
Pin Description
COL[7:0]
O
Keyboard scanner column drive
Table I. Keypad Interface Pin Assignments
Pin Mnemonic
I/O
Pin Description
nEINT[2:1]
I
External interrupt
EINT[3]
I
External interrupt
nEXTFIQ
I
External Fast Interrupt input
nMEDCHG/nBROM
(Note)
I
Media change interrupt input
Table J. Interrupt Controller Pin Assignments


Similar Part No. - EP7309

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7309 CIRRUS-EP7309 Datasheet
1Mb / 51P
   High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
EP7309-CB CIRRUS-EP7309-CB Datasheet
1Mb / 51P
   High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
EP7309-CBZ CIRRUS-EP7309-CBZ Datasheet
1Mb / 51P
   High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
EP7309-CV CIRRUS-EP7309-CV Datasheet
1Mb / 51P
   High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
EP7309-CVZ CIRRUS-EP7309-CVZ Datasheet
1Mb / 51P
   High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
More results

Similar Description - EP7309

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7309 CIRRUS-EP7309_05 Datasheet
1Mb / 51P
   High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
EP7311 CIRRUS-EP7311_05 Datasheet
1Mb / 58P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced Digital Audio Interface
EP7312 CIRRUS-EP7312 Datasheet
1Mb / 64P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM ON CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7311 CIRRUS-EP7311 Datasheet
1Mb / 54P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7212 CIRRUS-EP7212 Datasheet
2Mb / 136P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER AND DIGITAL AUDIO INTERFACE(DAI)
EP7312 CIRRUS-EP7312_05 Datasheet
1Mb / 64P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
EP7209 CIRRUS-EP7209 Datasheet
1Mb / 128P
   Ultra-Low-Power Audio Decoder System-on-Chip
EP7211 CIRRUS-EP7211 Datasheet
2Mb / 166P
   HIGH-PERFORMANCE ULTRA-LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER
logo
ON Semiconductor
NCS36510 ONSEMI-NCS36510_16 Datasheet
215Kb / 34P
   Low Power System-on-Chip
September, 2016 ??Rev. 0
logo
Silicon Laboratories
EM341 SILABS-EM341 Datasheet
3Mb / 237P
   High-Performance, Integrated RF4CE System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com