Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCS70US12 Datasheet(PDF) 3 Page - XP Power Limited

Part # VCS70US12
Description  50-100 Watts VCS Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VCS70US12 Datasheet(HTML) 3 Page - XP Power Limited

  VCS70US12 Datasheet HTML 1Page - XP Power Limited VCS70US12 Datasheet HTML 2Page - XP Power Limited VCS70US12 Datasheet HTML 3Page - XP Power Limited VCS70US12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VCS70
Model and Ratings
Mechanical Details
5.12 (130.0)
3.88
(98.5)
3.07 (78.0)
0.14
(3.5)
0.20 (5.0)
0.22 (5.5)
1.61
(41.0)
0.80 (20.3)
0.75 (19.0)
1.21
(30.8)
1.18 (30.0)
1.28 (32.4)
0.43 (11.0)
5
5
4
4
3
3
2
2
1
1
Ø 0.13 (3.3)
M3 3 locations
3.55
(90.1)
0.22
(5.5)
0.14
(3.5)
0.2 (5.1)
3.08 (78.3)
0.20 (5.2)
Ø 0.13 (3.3)
1.36
(34.5)
1.26
(32.0)
M3 2 locations
Derating Curves
Ambient Temperature (°C)
80
60
40
20
0
10
-10
-25
20
30
40
50
60
70
100
Input Voltage (VAC)
80
60
40
20
90
100
110
120
230
240 250
85
264
100
Output Power
Output Voltage
Output Current
Ripple & Noise(2)
Efficiency(1)
Model Number
50 W
5.0 V
10.0 A
50 mV
80%
VCS70US05
70 W
12.0 V
5.83 A
120 mV
87%
VCS70US12
15.0 V
4.67 A
150 mV
87%
VCS70US15
24.0 V
2.92 A
240 mV
87%
VCS70US24
48.0 V
1.46 A
480 mV
87%
VCS70US48
Pin
Function
1
AC Live
2
AC Neutral
3
Ground
4
-Vout
5
+Vout
1. All dimensions in inches (mm)
2. Weight: 0.88 lbs (400 g) approx
3. Tolerance ±0.02 (±0.5)
4. Maximum mounting screw penetration 0.157 (4.0) from
outer surface
5. Screw terminal sizes M3
Notes
Notes
1. Minimum average of efficiencies measured at 25%, 50%, 75% & 100% load.
2. Ripple & Noise may exceed specified values below -10 ˚C.
3. For all loads.


Similar Part No. - VCS70US12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
VCS70US12 XPPOWER-VCS70US12 Datasheet
580Kb / 4P
   Chassis Mount Industrial Supplies, 25 째C to 70 째C Convection Cooled
More results

Similar Description - VCS70US12

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
C100N50Z4 ANAREN-C100N50Z4 Datasheet
313Kb / 2P
   Surface Mount Termination 100 Watts, 50廓
I100N50X4 ANAREN-I100N50X4 Datasheet
165Kb / 2P
   Flange Mount Termination 100 Watts, 50廓
C100N50Z4A ANAREN-C100N50Z4A Datasheet
182Kb / 3P
   Surface Mount Termination 100 Watts, 50廓
K100N50X4 ANAREN-K100N50X4 Datasheet
89Kb / 2P
   Half Flange Termination 100 Watts, 50廓
logo
XP Power Limited
VEF50 XPPOWER-VEF50 Datasheet
131Kb / 2P
   50 Watts VEF Series
logo
Astec America, Inc
LPT50-M ASTEC-LPT50-M Datasheet
143Kb / 3P
   50 Watts
LPT50 ASTEC-LPT50 Datasheet
143Kb / 3P
   50 Watts
AK60A ASTEC-AK60A Datasheet
944Kb / 2P
   50 Watts
logo
Powerbox
MI-200 POWERBOX-MI-200 Datasheet
724Kb / 1P
   50-100 WATTS MILITARY COTS DC/DC CONVERTER
logo
XP Power Limited
DLG100PS12 XPPOWER-DLG100PS12 Datasheet
271Kb / 2P
   50150 Watts DLG Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com