Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

227ULG035MGU Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 227ULG035MGU
Description  Small size - High ripple current ??super low ESR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

227ULG035MGU Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  227ULG035MGU Datasheet HTML 1Page - Illinois Capacitor, Inc. 227ULG035MGU Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Small size - High ripple current super low ESR
APPLICATIONS
DC-DC Converters Voltage regulators Motherboards
De-coupling
Operating Temperature Range
-55°C to +105°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
WVDC
16
20
25
35
Surge Voltage
SVDC
1.15*WVDC
WVDC
16
20
25
35
Dissipation Factor
Tan
δ
.12 MAX @120 Hz, 20°C
2 Minutes
Leakage Current
0.2CV or 280uA,
Whichever is greater
-55°C/ +20°C
<1.25
Low Temperature
Stability
Impedance Ratio
(100 kHz)
+105°C/ +20°C
<1.25
2000 hours at 105°C with rated WVDC and ripple current applied
Capacitance Change
<20% of initial measured value
Dissipation Factor
<150% of maximum specified value
ESR
<150% of maximum specified value
Load Life
Leakage Current
<100% of maximum specified value
1000 cycles at 20°C with rated surge voltage applied for 30 seconds through a 1k
resistor and discharged for 5 minutes and 30 seconds
Capacitance Change
<20% initial measured value
Dissipation Factor
<150% of maximum specified value
ESR
<150% of maximum specified value
Surge Voltage Life
Leakage Current
<100% of maximum specified value
1000 hours at 60°C and 90 to 95% RH with no voltage applied
Capacitance Change
<20% initial measured value
Dissipation Factor
<150% of maximum specified value
ESR
<150% of maximum specified value
Damp Heat Test
Leakage Current
<100% of maximum specified value
Frequency (Hz)
120 Hz<f<1kHz
1 kHz<f<10 kHz
10 kHz<f<100kHz
100 kHz<f<500kHz
Ripple Current Multipliers
0.05
0.3
0.7
1.0
DxL
6.3x8
8x8
8x11.5
10x12.5
S
2.5
3.5
3.5
3.0
d
0.6
0.6
0.6
0.6
L1=L+1.0 mm Max. (D<8mm)
mm
L1=L+1.5 mm Max. (D>8mm)
D1=D+0.5mm Max.
S1=S+0.5 mm


Similar Part No. - 227ULG035MGU

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
227ULG035MGU ILLINOISCAPACITOR-227ULG035MGU Datasheet
155Kb / 2P
   Standard Low ESR
227ULG035MGU ILLINOISCAPACITOR-227ULG035MGU Datasheet
126Kb / 1P
   Radial lead aluminum polymer capacitors
More results

Similar Description - 227ULG035MGU

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
APSG250ELL331MJB5S NPC-APSG250ELL331MJB5S Datasheet
342Kb / 2P
   Super low ESR, high ripple current capability
logo
List of Unclassifed Man...
APSGXXXEXXXXXMXXXS ETC2-APSGXXXEXXXXXMXXXS Datasheet
86Kb / 2P
   Super low ESR, high ripple current capability
logo
Illinois Capacitor, Inc...
396UVR016MEW ILLINOISCAPACITOR-396UVR016MEW_16 Datasheet
181Kb / 2P
   Low ESR, High Ripple Current
187AVG063MGBJ ILLINOISCAPACITOR-187AVG063MGBJ Datasheet
312Kb / 2P
   Small Size - High Temperature ??Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
686AVG035MFF ILLINOISCAPACITOR-686AVG035MFF Datasheet
312Kb / 2P
   Small Size - High Temperature ??Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
logo
Surge Components
HBW SURGE-HBW Datasheet
486Kb / 3P
   low esr and high ripple current
HBV SURGE-HBV Datasheet
501Kb / 3P
   low esr and high ripple current
logo
Illinois Capacitor, Inc...
MPP ILLINOISCAPACITOR-MPP Datasheet
167Kb / 2P
   High Ripple Current ??Low ESR ??High Reliability
logo
Cornell Dubilier Electr...
HZA CDE-HZA Datasheet
777Kb / 7P
   Very Low ESR and High Ripple Current
logo
Illinois Capacitor, Inc...
JZM ILLINOISCAPACITOR-JZM Datasheet
207Kb / 2P
   Very Low ESR - High Frequency ??High Ripple Current
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com