Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2176CN Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL2176CN
Description  70MHz/1mA Current Mode Feedback Amp W/Disable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2176CN Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL2176CN Datasheet HTML 4Page - Intersil Corporation EL2176CN Datasheet HTML 5Page - Intersil Corporation EL2176CN Datasheet HTML 6Page - Intersil Corporation EL2176CN Datasheet HTML 7Page - Intersil Corporation EL2176CN Datasheet HTML 8Page - Intersil Corporation EL2176CN Datasheet HTML 9Page - Intersil Corporation EL2176CN Datasheet HTML 10Page - Intersil Corporation EL2176CN Datasheet HTML 11Page - Intersil Corporation EL2176CN Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Typical Performance Curves (Continued)
Differential Gain and
Phase vs DC Input Voltage
at 3.58MHz/AV = +2
Differential Gain and
Phase vs DC Input Offset
at 3.58MHz/AV = +1
Settling Time vs
Settling Accuracy
Large-Signal Step Response
8-Pin Plastic DIP
Maximum Power Dissipation
vs Ambient Temperature
8-Pin SO
Maximum Power Dissipation
vs Ambient Temperature
Small-Signal Step Response
14-Pin Plastic DIP
Maximum Power Dissipation
vs Ambient Temperature
14-Pin SO
Maximum Power Dissipation
vs Ambient Temperature
Channel Separation
vs Frequency (EL2276)
EL2176, EL2276


Similar Part No. - EL2176CN

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2176CN ELANTEC-EL2176CN Datasheet
359Kb / 20P
   70 MHz/1 mA Current Mode Feedback Amp w/Disable
More results

Similar Description - EL2176CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2276 INTERSIL-EL2276 Datasheet
328Kb / 14P
   70MHz/1mA Current Mode Feedback Amp w/Disable
logo
Renesas Technology Corp
EL2276 RENESAS-EL2276 Datasheet
870Kb / 14P
   70MHz/1mA Current Mode Feedback Amp w/Disable
logo
Intersil Corporation
EL2270 INTERSIL-EL2270 Datasheet
333Kb / 12P
   70MHz/1mA Current Mode Feedback Amplifiers
EL2470 INTERSIL-EL2470 Datasheet
344Kb / 14P
   70MHz/1mA Current Mode Feedback Amplifiers
logo
Elantec Semiconductor
EL2186C ELANTEC-EL2186C Datasheet
534Kb / 19P
   250MHz/3mA Current Mode Feedback Amp w/Disable
logo
Intersil Corporation
EL2186 INTERSIL-EL2186 Datasheet
343Kb / 14P
   250MHz/3mA Current Mode Feedback Amp w/Disable
logo
Elantec Semiconductor
EL2176C ELANTEC-EL2176C Datasheet
359Kb / 20P
   70 MHz/1 mA Current Mode Feedback Amp w/Disable
EL2386C ELANTEC-EL2386C Datasheet
337Kb / 16P
   250 MHz Triple Current Feedback Amp w/Disable
logo
Intersil Corporation
EL2166 INTERSIL-EL2166 Datasheet
377Kb / 15P
   110MHz Current Feedback Amplifier with Disable
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com