Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62256V-70ZC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62256V-70ZC
Description  32K x 8 Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62256V-70ZC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62256V-70ZC Datasheet HTML 1Page - Cypress Semiconductor CY62256V-70ZC Datasheet HTML 2Page - Cypress Semiconductor CY62256V-70ZC Datasheet HTML 3Page - Cypress Semiconductor CY62256V-70ZC Datasheet HTML 4Page - Cypress Semiconductor CY62256V-70ZC Datasheet HTML 5Page - Cypress Semiconductor CY62256V-70ZC Datasheet HTML 6Page - Cypress Semiconductor CY62256V-70ZC Datasheet HTML 7Page - Cypress Semiconductor CY62256V-70ZC Datasheet HTML 8Page - Cypress Semiconductor CY62256V-70ZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CY62256V
Document #: 38-05057 Rev. *D
Page 4 of 13
ICC
VCC Operating Supply Current VCC=2.7V,IOUT = 0 mA, f = fMAX
= 1/tRC
Com’l, Ind’l
9
15
mA
ISB1
Automatic CE Power-down
Current— TTL Inputs
VCC = 2.7V, CE > VIH,
VIN > VIH or VIN < VIL, f = fMAX
Com’l, Ind’l
75
225
µA
ISB2
Automatic CE Power-down
Current — CMOS Inputs
VCC = 2.7V, CE > VCC − 0.3V
VIN > VCC – 0.3V or VIN < 0.3V, f = 0
Com’l
0.1
4
Ind’l
8
Capacitance[5]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 3.0V
6pF
COUT
Output Capacitance
8
pF
AC Test Loads and Waveforms
Parameter
3.3V
2.5V
Units
R1
1100
16600
Ohms
R2
1500
15400
Ohms
RTH
645
8000
Ohms
VTH
1.750
1.20
Volts
Notes:
5.
Tested initially and after any design or process changes that may affect these parameters.
Electrical Characteristics Over the Operating Range (continued)
Parameter
Description
Test Conditions
CY62256V25-100
Unit
Min.
Typ.[2]
Max.
VCC
VCC
OUTPUT
R2
50 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
<5 ns
<5 ns
OUTPUT
Vth
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
R1
Rth


Similar Part No. - CY62256V-70ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
440Kb / 12P
   256K (32K x 8) Static RAM
CY62256VLL-70SNC CYPRESS-CY62256VLL-70SNC Datasheet
440Kb / 12P
   256K (32K x 8) Static RAM
CY62256VLL-70SNE CYPRESS-CY62256VLL-70SNE Datasheet
440Kb / 12P
   256K (32K x 8) Static RAM
CY62256VLL-70SNXC CYPRESS-CY62256VLL-70SNXC Datasheet
440Kb / 12P
   256K (32K x 8) Static RAM
CY62256VLL-70SNXE CYPRESS-CY62256VLL-70SNXE Datasheet
440Kb / 12P
   256K (32K x 8) Static RAM
More results

Similar Description - CY62256V-70ZC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com