Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDC2072D05 Datasheet(PDF) 1 Page - XP Power Limited

Part # RDC2072D05
Description  20 Watts RDC Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RDC2072D05 Datasheet(HTML) 1 Page - XP Power Limited

  RDC2072D05 Datasheet HTML 1Page - XP Power Limited RDC2072D05 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
20 Watts
72 & 110 VDC Input for Railway Applications
Single and Dual Outputs
1500 VAC Basic Isolation
High Power Density
High Efficiency
Up to 88%
Remote On/Off
3 Year Warranty
RDC Series
Input
Input Voltage Range
• 72 V (36-140 VDC), 110 V (55-176 VDC)
Input Current
• See table
Input Reflected Ripple
• 20 mA pk-pk through 12 µH inductor
Input Filter
• Pi network
Undervoltage Lockout
• 72 V models: ON 33.5 V, OFF 30.5 V typ.
110 V models: ON 52.5 V, OFF 48.5 V typ.
Input Surge
• 72 V models 150 VDC for 100 ms
110 V models 185 VDC for 100 ms
Output
Output Voltage
• See table
Output Voltage Trim
• ±10% on single outputs models only
Minimum Load
• No minimum load required
Line Regulation
• ±0.2% max
Load Regulation
• Single output models: ±0.5% max,
Dual output models: ±1% max balanced
outputs
Cross Regulation
• ±5% (see note 2)
Setpoint Accuracy
• ±1%
Start Up Time
• 30 ms typical
Ripple & Noise
• 100 mV or 1% pk-pk for single output
models, 150 mV or 1% pk-pk for dual
output model, whichever is greater,
20 MHz bandwidth (see note 3)
Transient Response
• 4% max deviation, recovery to within
1% in <500 µs for a 25% load change
Temp. Coefficient
• 0.02%/°C
Overvoltage Protection
• 3.3 V models: 3.9 V typical, 5 V models:
6.2 V typical, 12 V models: 15 V typical
15 V models: 18 V typical, ±5 V models:
±6.2 V typical, ±12 V models: ±15 V typical
±15 V models: ±18 V typical
Overload Protection
• >150% of full load
Short Circuit Protection
• Trip & restart (hiccup mode), auto recovery
Overtemperature
• 115 °C typical
Protection
Remote On/Off
• On = Logic High (>3.0) or Open
Off = Logic Low (<1.2 V) or short pin 2 to 3
Maximum Capacitive
• See table
Load
xppower.com
General
Efficiency
• See table
Isolation Voltage
• 1500 VAC Input to Output
1600 VDC Input to Case
1600 VDC Output to Case
Isolation Capacitance
• 2000 pF
Switching Frequency
• 270 kHz typical
Power Density
• 25 W/in3
MTBF
• 400 kHrs min to MIL-HDBK-217F at 25 °C,
GB
Environmental
Operating Temperature
• -40 °C to +85 °C (see derating curve)
Case Temperature
• +105 °C max
Cooling
• Convection-cooled
Operating Humidity
• 5-95% RH, non-condensing
Storage Temperature
• -40 °C to +125 °C
EMC
General
• Complies with EN50121-3-2, Railway
Applications - Electromagnetic
Compatibility for Rolling Stock Apparatus
Emissions
• EN55011, 79 dBµV (0.15-0.5 MHz)
73 dBµV (0.5-30 MHz)
ESD Immunity
• EN61000-4-2, level 3, Perf Criteria A
Radiated Immunity
• EN61000-4-3 20 V/m Perf Criteria A*
EFT/Burst
• EN61000-4-4 level 3, Perf Criteria A*
Surge
• EN61000-4-5 level 2, Perf Criteria A
Conducted Immunity
• EN61000-4-6 10 V/rms, Perf Criteria A
Magnetic Field
• EN61000-4-8 10 A/m, Perf Criteria A
*External input capacitor required 220 µF/250 V


Similar Part No. - RDC2072D05

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RDC20 ALLIED-RDC20 Datasheet
361Kb / 1P
   Radial Drum Core Inductors
RDC20-100M-RC ALLIED-RDC20-100M-RC Datasheet
788Kb / 1P
   Radial Drum Core Inductors
RDC20-100M-RC ALLIED-RDC20-100M-RC Datasheet
361Kb / 1P
   Radial Drum Core Inductors
RDC20-101K-RC ALLIED-RDC20-101K-RC Datasheet
788Kb / 1P
   Radial Drum Core Inductors
RDC20-101K-RC ALLIED-RDC20-101K-RC Datasheet
361Kb / 1P
   Radial Drum Core Inductors
More results

Similar Description - RDC2072D05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
RDC30110D05 XPPOWER-RDC30110D05 Datasheet
148Kb / 2P
   30 Watts RDC Series
logo
Rosenberger Hochfrequen...
98W010-000 ROSENBERGER-98W010-000 Datasheet
41Kb / 1P
   Microscope Adapter RDC male
logo
XP Power Limited
JTM20 XPPOWER-JTM20 Datasheet
319Kb / 2P
   20 Watts JTM Series
JCK2012S3V3 XPPOWER-JCK2012S3V3 Datasheet
294Kb / 2P
   20 Watts JCK Series
logo
Anaren Microwave
20-50TPC-S ANAREN-20-50TPC-S Datasheet
218Kb / 2P
   20 Watts
20-50TP ANAREN-20-50TP Datasheet
280Kb / 2P
   20 Watts
logo
Astec America, Inc
APA06K04 ASTEC-APA06K04 Datasheet
269Kb / 2P
   20 Watts
AA20C ASTEC-AA20C Datasheet
561Kb / 2P
   20 Watts
logo
XP Power Limited
JTK2048D15 XPPOWER-JTK2048D15 Datasheet
114Kb / 2P
   15/20 Watts JTK Series
logo
Artesyn Technologies
AXA04F18-L ARTESYN-AXA04F18-L Datasheet
414Kb / 2P
   POWER 20 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com