Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBM300PQ09-C Datasheet(PDF) 2 Page - XP Power Limited

Part # PBM300PQ09-C
Description  300 Watts PBM300 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

PBM300PQ09-C Datasheet(HTML) 2 Page - XP Power Limited

  PBM300PQ09-C Datasheet HTML 1Page - XP Power Limited PBM300PQ09-C Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
06-May-09
Notes
PBM300
Models and Ratings
1. For U-bracket format replace suffix ‘ -C’ with suffix ‘ -B’ .
2. All auxiliary outputs are floating and can be connected externally for either
positive or negative output.
3. Output 1 & 2 can be adjusted within ±5% of their nominal voltage.
4. 300 W for ‘ C’ version with cover and fan assembly. 150 watts for ‘ B’
version with convection cooling (maximum current of output 1 & 2 derated
by 50%). 300 W for ‘ B’ version with 35 CFM forced air provided by user.
PBM300PS03 is rated 200 W with 35 CFM forced air cooling or 100 W
convection-cooled. PBM300PQ01 is rated 250 W with 35 CFM forced air
cooling or 125 W with convection cooling.
5. Zero minimum load for outputs 3 & 4. 10% minimum load required on out-
put 1 for all outputs to meet regulation.
6. Total regulation includes initial tolerance, line regulation and load regulation.
10
1
PCB
P4
P4
P2
P3
P5
P6
B
A
B
A
5.70 (144.8)
0.95 (24.1)
B
A
L
N
G
1
P1
3
B
A
1.34
(34.2)
0.94 (24.0)
Voltage adj., multi
Voltage adj., single
1.80
(45.7)
2.60
(66.0)
4.50
(114.3)
1.00
(25.4)
0.63 (16.0)
1.75
(44.45)
B
A
A
B
1.00
(25.4)
0.63 (16.0)
0.25 (6.35)
7.00 (177.8)
7.50 (190.5)
1.75
(44.45)
B
A
B
A
FAN
P6
P3
P5
P2
P4
Multi
Output
Models
P7
1
Single
Output
Models
Notes
1. Dimensions shown in inches (mm). Tolerance 0.02 (0.5) max.
2. Mounting Holes A: #6-32 Mounting Screw, B: M3 x 0.5,
Maximum mounting screw length from surface of chassis
is 0.14 inch (3.5 mm)
3. Input connector P1 is Dinkle P/N DT-35-B01W-03.
Screws are M3 x 0.5 on 0.375” centres.
4. Connector P4 mates with Molex housing 50-37-5103 & pins
5263.
5. Connectors P2. P3, P5 & P6: M3x0.5 screw connections.
6. Connector P7 mates with Molex housing 09-50-3041 & 2878
series crimp terminals.
7. DC fan on P4 is rated at 12 V/0.1 A.
Conn
Pin
Model Number(s)
PSXX
PQXX
P1
1
Line
Line
2
Neutral
Neutral
3
Ground
Ground
P2
1
OP1
OP1
P3
1
OP1
OP1 Return
P4
1
Signal Ground
Signal Ground
2
+sense
+sense OP1
3
-sense
-sense OP1
4
PFD
PFD
5
Remote On/Off
Remote On/Off
6
N.C.
N.C.
7
N.C.
+sense OP2
8
N.C.
-sense OP2
9
0V (fan)
0V (fan)
10
12V (fan)
12V (fan)
P5
1
OP1 Return
OP2
P6
1
OP1 Return
OP2 Return
P7
1
n/a
OP3
2
n/a
OP3 Return
3
n/a
OP4
4
n/a
OP4 Return
Mechanical Details
Weight: 2.40 lb (1.09 kg) approx. for '-B' version, 2.75 lb (1.25g) approx. for '-C' version.
Output
Power(4)
Output 1
Output 2 (2)
Output 3 (2)
Output 4 (2)
Model
Number(1)
Vnom(3)
Imin(5)
Imax
Reg(6)
Vnom(3)
Imin
Imax
Reg(6)
Vnom
Imax
Reg(6)
Vnom
Imax
Reg(6)
200 W
3.3 V
3.0 A
60.0 A
3%
PBM300PS03-C
300 W
5.1 V
3.0 A
60.0 A
2%
PBM300PS05-C
300 W 12.0 V
1.2 A
25.0 A
2%
PBM300PS12-C
300 W 15.0 V
1.0 A
20.0 A
2%
PBM300PS15-C
300 W 24.0 V
0.6 A
12.5 A
2%
PBM300PS24-C
300 W 30.0 V
0.5 A
10.0 A
2%
PBM300PS30-C
300 W 48.0 V
0.5 A
6.3 A
2%
PBM300PS48-C
250 W
3.3 V
3.0 A
35.0 A
3%
5.1 V
2.0 A
22.0 A
2%
12.0 V
4.0 A
4%
12.0 V
4.0 A
4%
PBM300PQ01-C
300 W
5.1 V
2.0 A
35.0 A
2%
12.0 V
1.0 A
10.0 A
2%
12.0 V
4.0 A
4%
5.1 V
4.0 A
4%
PBM300PQ02-C
300 W
5.1 V
2.0 A
35.0 A
2%
15.0 V
0.8 A
8.0 A
2%
15.0 V
4.0 A
4%
24.0 V
2.5 A
4%
PBM300PQ03-C
300 W
5.1 V
2.0 A
35.0 A
2%
12.0 V
1.0 A
10.0 A
2%
12.0 V
4.0 A
4%
12.0 V
4.0 A
4%
PBM300PQ04-C
300 W
5.1 V
2.0 A
35.0 A
2%
12.0 V
1.0 A
10.0 A
2%
12.0 V
4.0 A
4%
24.0 V
2.5 A
4%
PBM300PQ05-C
300 W
5.1 V
2.0 A
35.0 A
2%
12.0 V
1.0 A
10.0 A
2%
12.0 V
4.0 A
4%
15.0 V
4.0 A
4%
PBM300PQ06-C
300 W
5.1 V
2.0 A
35.0 A
2%
24.0 V
0.5 A
5.0 A
2%
12.0 V
4.0 A
4%
12.0 V
4.0 A
4%
PBM300PQ07-C
300 W
5.1 V
2.0 A
35.0 A
2%
24.0 V
0.5 A
5.0 A
2%
5.1 V
4.0 A
4%
15.0 V
4.0 A
4%
PBM300PQ08-C
300 W
5.1 V
2.0 A
35.0 A
2%
12.0 V
1.0 A
10.0 A
2%
5.1 V
4.0 A
4%
24.0 V
2.5 A
4%
PBM300PQ09-C
300 W 24.0 V
0.5 A
6.3 A
2%
12.0 V
1.0 A
10.0 A
2%
5.1 V
4.0 A
4%
12.0 V
4.0 A
4%
PBM300PQ10-C
300 W 24.0 V
0.5 A
6.3 A
2%
12.0 V
1.0 A
10.0 A
2%
5.1 V
4.0 A
4%
24.0 V
2.5 A
4%
PBM300PQ11-C
300 W 24.0 V
0.5 A
6.3 A
2%
12.0 V
1.0 A
10.0 A
2%
12.0 V
4.0 A
4%
12.0 V
4.0 A
4%
PBM300PQ12-C
300 W 24.0 V
0.5 A
6.3 A
2%
24.0 V
0.5 A
5.0 A
2%
5.1 V
4.0 A
4%
15.0 V
4.0 A
4%
PBM300PQ13-C
300 W 24.0 V
0.5 A
6.3 A
2%
24.0 V
0.5 A
5.0 A
2%
12.0 V
4.0 A
4%
12.0 V
4.0 A
4%
PBM300PQ14-C


Similar Part No. - PBM300PQ09-C

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
PBM300PQ09-C XPPOWER-PBM300PQ09-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - PBM300PQ09-C

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ25B50 ASTEC-ALQ25B50 Datasheet
106Kb / 2P
   300 Watts
BM80A ASTEC-BM80A Datasheet
627Kb / 2P
   300 Watts
logo
Integrated Power Design...
CE-300 IPDPOWER-CE-300 Datasheet
247Kb / 2P
   300 WATTS CE-300 SERIES AC-DC
REV. K 10/06/2022
logo
Artesyn Technologies
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
   Total Power: 300 Watts
logo
Sparkle Power Inc.
FSP300-60GHS SPI-FSP300-60GHS Datasheet
236Kb / 1P
   300 Watts SFX Power Supply
SPI300T8HNB SPI-SPI300T8HNB Datasheet
98Kb / 1P
   300 Watts TFX Power Supply
logo
Anaren Microwave
RFP-375375-6X50-2 ANAREN-RFP-375375-6X50-2 Datasheet
503Kb / 2P
   Chip Terminations 300 Watts, 50ohm
logo
Sparkle Power Inc.
FSP350-60GHS85 SPI-FSP350-60GHS85 Datasheet
129Kb / 1P
   300 Watts SFX Power Supply
logo
Anaren Microwave
A300B50X1A ANAREN-A300B50X1A Datasheet
349Kb / 2P
   Chip Termination 300 Watts, 50W
logo
XP Power Limited
RDH300 XPPOWER-RDH300 Datasheet
712Kb / 6P
   DC-DC Converter 300 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com