Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

155RSB102K4J Datasheet(PDF) 11 Page - Illinois Capacitor, Inc.

Part # 155RSB102K4J
Description  Power semiconductor module protection - High pulse and rms current ??Multiple Leads
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

155RSB102K4J Datasheet(HTML) 11 Page - Illinois Capacitor, Inc.

Back Button 155RSB102K4J Datasheet HTML 3Page - Illinois Capacitor, Inc. 155RSB102K4J Datasheet HTML 4Page - Illinois Capacitor, Inc. 155RSB102K4J Datasheet HTML 5Page - Illinois Capacitor, Inc. 155RSB102K4J Datasheet HTML 6Page - Illinois Capacitor, Inc. 155RSB102K4J Datasheet HTML 7Page - Illinois Capacitor, Inc. 155RSB102K4J Datasheet HTML 8Page - Illinois Capacitor, Inc. 155RSB102K4J Datasheet HTML 9Page - Illinois Capacitor, Inc. 155RSB102K4J Datasheet HTML 10Page - Illinois Capacitor, Inc. 155RSB102K4J Datasheet HTML 11Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
PSB_RSB
2,4,6 Radial Lead, High
current/low ESR
Capacitance
(µF)
WVDC IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current
(A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims LxHxT
(mm)
S (MM)
d (MM)
P (MM)
# Leads
10
700
106RSB700K6R
285
30
2.4
57.5x50x35
52.5
1.2
10.2
6
10
700
106RSB700K2R
285
14
3.2
57.5x50x35
52.5
1.2
2
10
700
106RSB700K4R
285
27
2.5
57.5x50x35
52.5
1.2
20.3
4
12
700
126RSB700K4R
285
27
2.2
57.5x57.5x38
52.5
1.2
20.3
4
12
700
126RSB700K6R
285
34
2.1
57.5x57.5x38
52.5
1.2
10.2
6


Similar Part No. - 155RSB102K4J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
155RSB102K4J ILLINOISCAPACITOR-155RSB102K4J Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
More results

Similar Description - 155RSB102K4J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
PMB ILLINOISCAPACITOR-PMB Datasheet
661Kb / 5P
   Power semiconductor module protection - High pulse and
logo
List of Unclassifed Man...
FC250B1 ETC2-FC250B1 Datasheet
196Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
A97F8620 ETC2-A97F8620 Datasheet
196Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
A97F8676S ETC2-A97F8676S Datasheet
590Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
logo
Microsemi Corporation
JANTX1N647-1 MICROSEMI-JANTX1N647-1 Datasheet
185Kb / 3P
   High surge current and peak pulse power provides transient voltage protection for sensitive circuits
logo
Sangdest Microelectroni...
153CMQ SMC-153CMQ Datasheet
278Kb / 4P
   Multiple leads per terminal for high frequency, high current PC board mounting
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com