Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1626 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1626
Description  High-Precision 3-Wire Digital Thermometer and Thermostat
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1626 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1626 Datasheet HTML 3Page - Dallas Semiconductor DS1626 Datasheet HTML 4Page - Dallas Semiconductor DS1626 Datasheet HTML 5Page - Dallas Semiconductor DS1626 Datasheet HTML 6Page - Dallas Semiconductor DS1626 Datasheet HTML 7Page - Dallas Semiconductor DS1626 Datasheet HTML 8Page - Dallas Semiconductor DS1626 Datasheet HTML 9Page - Dallas Semiconductor DS1626 Datasheet HTML 10Page - Dallas Semiconductor DS1626 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DS1626/DS1726
7 of 13
Table 4. 12-BIT RESOLUTION TEMPERATURE/DATA RELATIONSHIP
TEMPERATURE
(
°C)
DIGITAL OUTPUT
(BINARY)
DIGITAL OUTPUT
(HEX)
+125
0111 1101 0000
7D0h
+25.0625
0001 1001 0001
191h
+10.125
0000 1010 0010
0A2h
+0.5
0000 0000 1000
008h
0
0000 0000 0000
000h
-0.5
1111 1111 1000
FF8h
-10.125
1111 0101 1110
F5Eh
-25.0625
1110 0110 1111
E6Fh
-55
1100 1001 0000
C90h
OPERATION—THERMOSTAT FUNCTION
The DS1626/DS1726 thermostat outputs (THIGH, TLOW, and TCOM) are updated after every temperature
conversion and remain at the updated values until the next conversion completes. THIGH is asserted
when the measured temperature is higher than or equal to the value stored in the TH register, and TLOW
is asserted when the temperature is equal to or falls below the value in the TL register (see Figure 5).
TCOM uses both TH and TL to provide programmable hysteresis: when the measured temperature equals
or exceeds TH, TCOM is asserted and it remains asserted until the temperature falls to a value equal to or
below TL. All three thermostat outputs are active-high outputs.
The Write TH and Write TL commands are used to program the 12-bit TH and TL registers with user-
defined two’s complement values. The MSb (bit 11) of each register contains the two’s complement
sign bit (S). For the TCOM thermostat output to function correctly, the TL value must be less than the TH
value. Any unused LSbs in the TH and TL registers are forced to 0 regardless of the data written to
those bits. The unused LSbs are determined by the conversion resolution set by R1 and R0 in the
configuration register. Therefore, for 9-bit conversions bits 2 through 0 will be 0, for 10-bit
conversions bit 1 and bit 0 will be 0, and for 11-bit conversions bit 0 will be 0. All bits are used for 12-
bit conversions, so no bits are forced to 0. However, regardless of the conversion resolution, when
writing to TH or TL at least 12 bits must be sent following the Write TH or Write TL commands. The
reason is that data written to TH and TL is not saved to EEPROM until the DS1626/DS1726 have
received 12 bits, so if the operation is terminated before 12 bits have been received, the data will be
lost. Any additional bits sent after the first twelve are ignored (e.g., if two 8-bit words are written).
Another DS1626/DS1726 thermostat feature is the temperature-high flag (THF) and temperature-low
flag (TLF) in the configuration register. These bits provide a record of whether the temperature has
been greater than or equal to TH or less than or equal to TL at any time since the DS1626/DS1726 were
powered up. If the temperature is greater than or equal to the TH register value, the THF bit in the
configuration register will be set to 1. If the temperature is less than or equal to the TL register value,
the TLF bit in the configuration register will be set to 1. Once THF and/or TLF has been set, it will
remain set until the user overwrites it with a 0 or until the power is cycled.


Similar Part No. - DS1626

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626 Datasheet
135Kb / 14P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1626 MAXIM-DS1626 Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
DS1626U MAXIM-DS1626U Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
DS1626U++ MAXIM-DS1626U+ Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
DS1626U+T&R MAXIM-DS1626U+T&R Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
More results

Similar Description - DS1626

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
   High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1626 MAXIM-DS1626 Datasheet
147Kb / 12P
   High-Precision 3-Wire Digital Thermometer and Thermostat
REV: 071107
DS1631 MAXIM-DS1631_15 Datasheet
464Kb / 14P
   High-Precision Digital Thermometer and Thermostat
Rev 1; 1/15
DS1631 MAXIM-DS1631 Datasheet
196Kb / 15P
   High-Precision Digital Thermometer and Thermostat
102307
logo
Dallas Semiconductor
DS1631-DS1731 DALLAS-DS1631-DS1731 Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1721U MAXIM-DS1721U Datasheet
269Kb / 17P
   2-Wire Digital Thermometer and Thermostat
110405
DS1721 MAXIM-DS1721 Datasheet
263Kb / 17P
   2-Wire Digital Thermometer and Thermostat
110405
logo
Dallas Semiconductor
DS1721 DALLAS-DS1721 Datasheet
210Kb / 16P
   2-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com