Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM350T Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM350T
Description  3-Amp Adjustable Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM350T Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM350T Datasheet HTML 6Page - National Semiconductor (TI) LM350T Datasheet HTML 7Page - National Semiconductor (TI) LM350T Datasheet HTML 8Page - National Semiconductor (TI) LM350T Datasheet HTML 9Page - National Semiconductor (TI) LM350T Datasheet HTML 10Page - National Semiconductor (TI) LM350T Datasheet HTML 11Page - National Semiconductor (TI) LM350T Datasheet HTML 12Page - National Semiconductor (TI) LM350T Datasheet HTML 13Page - National Semiconductor (TI) LM350T Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Typical Applications (Continued)
Temperature Controller
DS009061-11
Light Controller
DS009061-12
Adjustable 10A Regulator
DS009061-31
Current Limited 6V Charger
DS009061-32
*Sets peak current (2A for 0.3
Ω)
**1000 µF is recommended to filter out any input transients.
6A Regulator
DS009061-2
www.national.com
12


Similar Part No. - LM350T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM350T MOTOROLA-LM350T Datasheet
172Kb / 12P
   THREE.TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM350T FAIRCHILD-LM350T Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
ON Semiconductor
LM350T ONSEMI-LM350T Datasheet
115Kb / 10P
   3.0 A, Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 4
logo
Fairchild Semiconductor
LM350T FAIRCHILD-LM350T Datasheet
172Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
Texas Instruments
LM350T TI1-LM350T Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
More results

Similar Description - LM350T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM150 TI1-LM150_16 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
LM150QML TI1-LM150QML_16 Datasheet
805Kb / 19P
[Old version datasheet]   3-Amp Adjustable Regulators
LM150 TI1-LM150_17 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
LM150QML TI1-LM150QML Datasheet
722Kb / 22P
[Old version datasheet]   LM150QML 3-Amp Adjustable Regulators
LM350-N TI-LM350-N Datasheet
2Mb / 21P
[Old version datasheet]   LM150/LM350A/LM350 3-Amp Adjustable Regulators
LM138 TI1-LM138_16 Datasheet
2Mb / 23P
[Old version datasheet]   5-Amp Adjustable Regulators
LM338-MIL TI1-LM338-MIL Datasheet
2Mb / 28P
[Old version datasheet]   5-Amp Adjustable Regulators
logo
National Semiconductor ...
LM138 NSC-LM138 Datasheet
396Kb / 16P
   5-Amp Adjustable Regulators
logo
Texas Instruments
LM138 TI1-LM138 Datasheet
883Kb / 20P
[Old version datasheet]   5-Amp Adjustable Regulators
PT6300 TI-PT6300 Datasheet
188Kb / 8P
[Old version datasheet]   3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com