Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR470 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CR470
Description  Current Regulator Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CR470 Datasheet(HTML) 2 Page - Vishay Siliconix

  CR470 Datasheet HTML 1Page - Vishay Siliconix CR470 Datasheet HTML 2Page - Vishay Siliconix CR470 Datasheet HTML 3Page - Vishay Siliconix CR470 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CR160 Series
Vishay Siliconix
www.vishay.com
2
Document Number: 70195
S-40250—Rev. E, 15-Mar-04
ABSOLUTE MAXIMUM RATINGS
Peak Operating Voltage
100 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reverse Current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance (qJA)
417_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−55 to 200_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipationa
300 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Derate 2.4 mW/_C above 25_C
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
Parameter
Symbol
Test Conditions
Min
Typa
Max
Unit
Peak Operating Voltageb
POV
IF = 1.1 IF(max)
100
135
V
Reverse Voltage
VR
IR = 1 mA
0.8
V
Capacitance
CF
VF = 25 V, f = 1 MHz
6
pF
Regulator
Currentc
(IF)
Dynamic Im-
pedanced
(Zd)
Knee
Impedance
(Zk)
Limiting
Voltagee
(VL)
Temperature
Coefficient
(q1)
VF = 25 V
VF = 25 V
VF = 6 V
IF = 0.8 IF(min)
VF = 25 V
0_C v TA v 100_C
mA
MW
MW
V
ppm/_C
Part Number
Min
Nom
Max
Min
Typa
Min
Typa
Max
Typa
Typa
CR160
1.440
1.60
1.760
0.475
1.10
0.092
0.40
1.65
0.70
1000
CR180
1.620
1.80
1.980
0.420
1.00
0.074
0.34
1.75
0.75
650
CR200
1.800
2.00
2.200
0.395
0.90
0.061
0.28
1.85
0.80
300
CR220
1.980
2.20
2.420
0.370
0.83
0.052
0.25
1.95
0.85
100
CR240
2.160
2.40
2.640
0.345
0.76
0.044
0.22
2.00
0.90
0
CR270
2.430
2.70
2.970
0.320
0.70
0.035
0.19
2.15
0.95
−200
CR300
2.700
3.00
3.300
0.300
0.65
0.029
0.16
2.25
1.00
−400
CR330
2.970
3.30
3.630
0.280
0.60
0.024
0.14
2.35
1.05
−550
CR360
3.240
3.60
3.960
0.265
0.54
0.020
0.13
2.50
1.10
−730
CR390
3.510
3.90
4.290
0.255
0.47
0.017
0.12
2.60
1.17
−820
CR430
3.870
4.30
4.730
0.245
0.40
0.014
0.10
2.75
1.25
−1000
CR470
4.230
4.70
5.170
0.235
0.35
0.012
0.09
2.90
1.32
−1125
Notes:
NKO
a.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
b.
Peak voltage at which IF = 1.1 IF(max).
c.
Pulse test—steady state currents may vary.
d.
Pulse test—steady state impedances may vary.
e.
Min VF required to insure IF = 0.8 IF(min).


Similar Part No. - CR470

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
CR470 NJSEMI-CR470 Datasheet
74Kb / 2P
   Current Regulator Diodes
logo
Cooper Bussmann, Inc.
CR4700 COOPER-CR4700 Datasheet
3Mb / 81P
   Locking Devices
More results

Similar Description - CR470

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N5283 CDI-DIODE-1N5283 Datasheet
30Kb / 2P
   CURRENT REGULATOR DIODES
logo
Digitron Semiconductors
1N5283 DIGITRON-1N5283 Datasheet
132Kb / 3P
   CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
DCR250 CDI-DIODE-DCR250 Datasheet
15Kb / 1P
   CURRENT REGULATOR DIODES
logo
Microsemi Corporation
JAN1N5283-1 MICROSEMI-JAN1N5283-1 Datasheet
223Kb / 6P
   CURRENT REGULATOR DIODES
1N5283 MICROSEMI-1N5283_10 Datasheet
30Kb / 1P
   CURRENT REGULATOR DIODES
logo
New Jersey Semi-Conduct...
J500 NJSEMI-J500 Datasheet
632Kb / 2P
   Current Regulator Diodes
2N5283 NJSEMI-2N5283 Datasheet
196Kb / 2P
   CURRENT REGULATOR DIODES
logo
Motorola, Inc
1N5283 MOTOROLA-1N5283 Datasheet
119Kb / 5P
   CURRENT REGULATOR DIODES
logo
Vishay Siliconix
J510-E3 VISHAY-J510-E3 Datasheet
44Kb / 5P
   Current Regulator Diodes
Rev. F, 02-Jul-01
logo
Microsemi Corporation
DCR250 MICROSEMI-DCR250 Datasheet
19Kb / 1P
   CURRENT REGULATOR DIODES
CDLL250 MICROSEMI-CDLL250 Datasheet
19Kb / 1P
   CURRENT REGULATOR DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com