Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C942P Datasheet(PDF) 2 Page - PerkinElmer Optoelectronics

Part # C942P
Description  CHANNEL PHOTO MULTIPLIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

C942P Datasheet(HTML) 2 Page - PerkinElmer Optoelectronics

  C942P Datasheet HTML 1Page - PerkinElmer Optoelectronics C942P Datasheet HTML 2Page - PerkinElmer Optoelectronics C942P Datasheet HTML 3Page - PerkinElmer Optoelectronics C942P Datasheet HTML 4Page - PerkinElmer Optoelectronics C942P Datasheet HTML 5Page - PerkinElmer Optoelectronics C942P Datasheet HTML 6Page - PerkinElmer Optoelectronics C942P Datasheet HTML 7Page - PerkinElmer Optoelectronics C942P Datasheet HTML 8Page - PerkinElmer Optoelectronics C942P Datasheet HTML 9Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Description
PerkinElmer Optoelectronics, for-
merly EG&G Optoelectronics, is
pleased to introduce the Channel
Photomultiplier (CPM), a new ultra
high sensitivity optical detector
which replaces conventional photo-
multipliers (PMTs) and avalanche
photo diodes (APDs). This device
uses a unique detector principle, re-
sulting in a compact design with ul-
tra high gain, high dynamic range,
extremely low dark current, and fast
response.
This high-performance detector offers
fundamental advantages for analytical
instrumentation applications such as
emission spectroscopy, flourescence,
atomic absorption spectroscopy, and
bio and chemo luminescence. The
CPM also delivers important advan-
tages in life science products, indus-
trial and medical equipment, and high-
energy physics.
Principle of Operation
The CPM, like conventional photo-
multiplier tubes, converts a very low
light level into photoelectrons by a
semitransparent photocathode de-
posited on the inner surface of the
entrance window. On their way from
the cathode to the anode the photo-
electrons pass through a narrow, se-
miconductive channel. Each time the
electrons hit the inner wall of the
curved channel, multiple secondary
electrons are emitted. This effect oc-
curs multiple times along the path,
leading to an avalanche effect with a
gain exceeding 108. The curved sha-
pe of the glass tube improves the
multiplication effect.
Features
• Ultra high anode sensitivity
up to 107 A/W
• Extremely low dark current,
typically 3pA @ 106 gain
• Very low equivalent
noise input (down to 10 -17 W)
• Very high stability in dark current
(no ”bursts”)
• High gain exceeding 108
• Very high dynamic range
• Compact dimensions
• Wide spectral response through
multiple window materials
• High resolution
• Fast response time
• High immunity to magnetic fields
• Rugged design
Cathode Channel-Entrance
Channel-End Anode
Coax
-20…-50 V
black
1 Mohm
Proposal for Power Supply
-HV
100 V
-HV
red
-HV +50…+300 V
blue
Physical Specification
CHANNEL
PHOTOMUL TIPLIER
PRINCIPLE
OF
OPERA TION
When compared to conventional
PMTs, the CPM improves anode
sensitivity by one order of magni-
tude, while lowering dark current by
one to two orders of magnitude. The
noise level shows extreme stability
over time, with no ”bursts.” The
extremely low dark current results in
a higher dynamic range than con-
ventional PMTs and extends detec-
table limits for many applications.
The CPM can be used in analog-DC
mode, single photon counting mode,
and in nuclear spectroscopy (when
coupled to scintillation materials like
BGO, LSO, Nal, etc.). PerkinElmer
Optoelectronics offers a choice of
window materials and photocatho-
des to cover the spectrum from
115 nm (UV range) to 900 nm (NIR).
The new detector is a small, head-on
type with a total diameter of 10.5 mm
including encapsulation. PerkinElmer
Optoelectronics also offers custom
configurations for specific applica-
tions.


Similar Part No. - C942P

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9423A GENERAL-C9423A Datasheet
71Kb / 1P
   9PR 20 AWG 7/28 TC PVC / OAS / PVC
More results

Similar Description - C942P

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-S4N44C013 BOARDCOM-AFBR-S4N44C013 Datasheet
691Kb / 7P
   4x4 NUV-HD Silicon Photo Multiplier Array
logo
Gennum Corporation
GT4123B GENNUM-GT4123B Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
logo
Analog Devices
MLT04 AD-MLT04 Datasheet
428Kb / 12P
   Four-Channel, Four-Quadrant Analog Multiplier
REV. B
AD539 AD-AD539_15 Datasheet
570Kb / 21P
   Wideband Dual-Channel Linear Multiplier/Divider
REV. B
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM_11 Datasheet
332Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
AD539 AD-AD539 Datasheet
637Kb / 8P
   Wideband Dual-Channel Linear Multiplier/Divider
REV. A
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Sipex Corporation
SP8042PB SIPEX-SP8042PB Datasheet
64Kb / 4P
   7 Channel Photo Detector IC
SP8053 SIPEX-SP8053 Datasheet
91Kb / 3P
   10 - Channel Photo Detector IC
SP8043 SIPEX-SP8043 Datasheet
185Kb / 5P
   10 Channel Photo Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com