Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWR06CB155K Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CWR06CB155K
Description  Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR06CB155K Datasheet(HTML) 3 Page - Vishay Siliconix

  CWR06CB155K Datasheet HTML 1Page - Vishay Siliconix CWR06CB155K Datasheet HTML 2Page - Vishay Siliconix CWR06CB155K Datasheet HTML 3Page - Vishay Siliconix CWR06CB155K Datasheet HTML 4Page - Vishay Siliconix CWR06CB155K Datasheet HTML 5Page - Vishay Siliconix CWR06CB155K Datasheet HTML 6Page - Vishay Siliconix CWR06CB155K Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.vishay.com
135
CWR06
Vishay Sprague
Document Number 40009
Revision 16-Nov-04
For technical questions, contact tantalum@vishay.com
- 55
°C
+ 85
°C
+ 125
°C
+ 85
°C
STANDARD RATINGS
Max. DF (%) @
+ 125
°C
+ 25
°C
+ 25
°C
Max. DCL (
µA) @
PART NUMBER*
CASE
CODE
CAPACITANCE
(
µF)
0.47
0.68
1.0
1.5
2.2
3.3
6.8
15
22
0.33
0.68
1.0
1.5
2.2
4.7
6.8
10
15
0.22
0.47
0.68
1.0
1.5
3.3
4.7
6.8
0.10
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6
6
6
6
6
6
6
6
6
8
8
8
8
8
8
8
8
8
1.0
1.0
1.0
1.0
1.0
1.0
2.0
3.0
4.0
10
10
10
10
10
10
20
30
40
12
12
12
12
12
12
24
36
48
A
B
B
C
D
E
F
G
H
CWR06J@474#*
CWR06J@684#*
CWR06J@105#*
CWR06J@155#*
CWR06J@225#*
CWR06J@335#*
CWR06J@685#*
CWR06J@156#*
CWR06J@226#*
A
A
B
B
C
D
E
F
F
G
H
CWR06N@104#*
CWR06N@154#*
CWR06N@224#*
CWR06N@334#*
CWR06N@474#*
CWR06N@684#*
CWR06N@105#*
CWR06N@155#*
CWR06N@225#*
CWR06N@335#*
CWR06N@475#*
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
3.0
10
10
10
10
10
10
10
10
20
20
30
12
12
12
12
12
12
12
12
24
24
36
6
6
6
6
6
6
6
6
6
6
6
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
A
B
C
D
E
F
G
G
H
CWR06K@334#*
CWR06K@684#*
CWR06K@105#*
CWR06K@155#*
CWR06K@225#*
CWR06K@475#*
CWR06K@685#*
CWR06K@106#*
CWR06K@156#*
1.0
1.0
1.0
1.0
1.0
2.0
2.0
3.0
4.0
12
12
12
12
12
24
24
36
48
6
6
6
6
6
6
6
6
6
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
10
10
10
10
10
20
20
30
40
A
B
C
D
E
F
G
H
CWR06M@224#*
CWR06M@474#*
CWR06M@684#*
CWR06M@105#*
CWR06M@155#*
CWR06M@335#*
CWR06M@475#*
CWR06M@685#*
12
12
12
12
12
12
24
36
10
10
10
10
10
10
20
30
1.0
1.0
1.0
1.0
1.0
1.0
2.0
3.0
6
6
6
6
6
6
6
6
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
50 WVDC @ + 85
°C, SURGE = 65 V . . . 33 WVDC @ + 125°C, SURGE = 38 V
35 WVDC @ + 85
°C, SURGE = 46 V . . . 23 WVDC @ + 125°C, SURGE = 28 V
20 WVDC @ + 85
°C, SURGE = 26 V . . . 13 WVDC @ + 125°C, SURGE = 16 V
0.68
1.5
2.2
3.3
4.7
10
22
33
15 WVDC @ + 85
°C, SURGE = 20 V . . . 10 WVDC @ + 125°C, SURGE = 12 V
25 WVDC @ + 85
°C, SURGE = 32 V . . . 17 WVDC @ + 125°C, SURGE = 20 V
A
B
C
D
E
F
G
H
CWR06H@684#*
CWR06H@155#*
CWR06H@225#*
CWR06H@335#*
CWR06H@475#*
CWR06H@106#*
CWR06H@226#*
CWR06H@336#*
10
10
10
10
10
20
40
50
1.0
1.0
1.0
1.0
1.0
2.0
4.0
5.0
6
6
6
6
6
6
8
8
12
12
12
12
12
24
48
60
8
8
8
8
8
8
8
8
8
8
8
8
8
8
10
10
8
8
8
8
8
8
8
8
8
@ = Termination Finish: B = Gold (standard), H = solder Plated, C = Hot solder dipped
# = Cap.Tolerance: J = 5%, K = 10%, M = 20%.
* = Failure Rate
B, C Weibull
M, P, R, S Exponential
Max. ESR
@ + 25
°C
100kHz
(Ohms)
12.0
8.0
5.5
5.0
4.0
2.5
1.1
0.9
16.0
14.0
12.0
6.0
5.0
4.0
2.4
1.1
0.9
15.0
10.0
6.5
6.5
3.5
2.5
1.2
1.4
1.0
24.0
17.0
10.0
6.5
4.5
2.5
1.5
1.3
75.0
25.0
17.0
12.0
8.0
7.0
6.0
4.0
2.5
2.0
1.5


Similar Part No. - CWR06CB155K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR06CB155KB VISHAY-CWR06CB155KB Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
CWR06CB155KBA VISHAY-CWR06CB155KBA Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
CWR06CB155KBB VISHAY-CWR06CB155KBB Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
CWR06CB155KBC VISHAY-CWR06CB155KBC Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
CWR06CB155KC VISHAY-CWR06CB155KC Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
More results

Similar Description - CWR06CB155K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR11 VISHAY-CWR11 Datasheet
147Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Revision 31-Jan-05
CWR06HC106KP VISHAY-CWR06HC106KP Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
CWR11DH106KB VISHAY-CWR11DH106KB Datasheet
547Kb / 7P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 26-Jun-13
CWR06 VISHAY-CWR06_16 Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
CWR11 VISHAY-CWR11_17 Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR16 VISHAY-CWR16_16 Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR26 VISHAY-CWR26 Datasheet
307Kb / 19P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Low ESR, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
M39003-01-8224 VISHAY-M39003-01-8224 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
M39003-01-6103 VISHAY-M39003-01-6103 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX® Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
logo
Kyocera Kinseki Corpota...
TAZ KSS-TAZ Datasheet
1Mb / 14P
   CWR09 - MIL-PRF-55365/4 Established Reliability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com