Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXT6176 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CXT6176
Description  PULLABLE QUARTZ CRYSTALS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CXT6176 Datasheet(HTML) 2 Page - Cirrus Logic

  CXT6176 Datasheet HTML 1Page - Cirrus Logic CXT6176 Datasheet HTML 2Page - Cirrus Logic CXT6176 Datasheet HTML 3Page - Cirrus Logic CXT6176 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CXT6176 CXT8192 CXT8192A
2
DS39F4
CXT6176 Performance Specifications
CXT8192 Performance Specifications
CXT8192A Performance Specifications (Notes 4, 5)
Notes:
1. With Cload varying from 11.6 to 37.0 pF at a given temperature.
2. Measured at -40 to 85
°C.
3. Measured with Saunders 150D meter at 25
°C.
4. The CXT8192A crystal is designed to meet CTR12 jitter attenuation requirements for E1 applications
when used with the CS61575, CS61304A, and CS61305A line interface devices.
5. Due to tighter total frequency range tolerances, the CXT8192A must be placed within 0.5 inches of
device crystal pins and cut-outs should be made in power and ground planes beneath the crystal traces
to minimize parasitic capacitance.
General Specifications & Package Dimensions
Parameter
Min
Typ
Max
Units
Total Frequency Range
(Note 1)
-
370
390
ppm
Operating Frequency
Cload =11.6pF
(Note 2)
Cload =19.0pF
(Note 3)
Cload =37.0pF
(Note 2)
6.176803
6.175846
-
-
6.176000
-
-
6.176154
6.175197
MHz
MHz
MHz
Parameter
Min
Typ
Max
Units
Total Frequency Range
(Note 1)
-
210
245
ppm
Operating Frequency
Cload =11.6pF
(Note 2)
Cload =19.0pF
(Note 3)
Cload =37.0pF
(Note 2)
8.192410
8.191795
-
-
8.192000
-
-
8.192205
8.191590
MHz
MHz
MHz
Parameter
Min
Typ
Max
Units
Total Frequency Range
(Note 1)
-
160
190
ppm
Operating Frequency
Cload =11.6pF
(Note 2)
Cload =19.0pF
(Note 3)
Cload =37.0pF
(Note 2)
8.192410
8.191795
-
-
8.192000
-
-
8.192205
8.191590
MHz
MHz
MHz
Mode
Fundamental
Drive Level
2 mW (max)
Aging
5 ppm/yr. (max)
Shock
10 G's, 6 ms, 6 planes
Vibration
5 G's, 10 Hz to 500 Hz
Seal Leaks
10-8 cc/sec in Helium
Solderability
per Mil. std. 202, method 208
(no preconditioning, RMA flux)
Thermal Shock
5 cycles, -55 to 125 °C,
1/2 cycle/hr. in air
Series Resistance
(CXT6176,CXT8192
40
Ω (max) at 50 µW power
Series Resistance
for CXT8192A
60
Ω (max) at 50 µW power
0.435
0.192
0.183
0.530
0.500 min
0.017
All measurements are in inches
Package identifier: HC-49


Similar Part No. - CXT6176

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
CXT RADIOMETRIX-CXT Datasheet
654Kb / 12P
   Multi channel 25kHz NBFM remote control TX/RX
CXT1-151-1 RADIOMETRIX-CXT1-151-1 Datasheet
654Kb / 12P
   Multi channel 25kHz NBFM remote control TX/RX
CXT1-151-1 RADIOMETRIX-CXT1-151-1 Datasheet
654Kb / 12P
   Multi channel 25kHz NBFM remote control TX/RX
CXT1-173-1 RADIOMETRIX-CXT1-173-1 Datasheet
654Kb / 12P
   Multi channel 25kHz NBFM remote control TX/RX
CXT1-173-1 RADIOMETRIX-CXT1-173-1 Datasheet
654Kb / 12P
   Multi channel 25kHz NBFM remote control TX/RX
More results

Similar Description - CXT6176

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT57C VISHAY-XT57C Datasheet
32Kb / 1P
   Quartz Crystals
Revision 05-Jan-00
logo
Oscilent Corporation
QC-153 OSCILENT-QC-153 Datasheet
148Kb / 3P
   Quartz Crystals
logo
EUROQUARTZ limited
HFF EUROQUARTZ-HFF Datasheet
143Kb / 1P
   QUARTZ CRYSTALS
logo
ECS, Inc.
UM-1_UM-5_UM-4R ECS-UM-1_UM-5_UM-4R Datasheet
349Kb / 1P
   QUARTZ CRYSTALS
logo
Vishay Siliconix
XT23 VISHAY-XT23 Datasheet
76Kb / 3P
   Quartz Crystals
Revision: 09-May-11
XT35 VISHAY-XT35 Datasheet
80Kb / 3P
   Quartz Crystals
Revision: 09-May-11
XT57C VISHAY-XT57C_07 Datasheet
92Kb / 3P
   Quartz Crystals
Revision: 18-Oct-07
logo
ECS, Inc.
UM-1 ECS-UM-1 Datasheet
455Kb / 1P
   QUARTZ CRYSTALS
logo
Vishay Siliconix
XT23 VISHAY-XT23_V01 Datasheet
76Kb / 3P
   Quartz Crystals
01-Jan-2022
XT35 VISHAY-XT35_V01 Datasheet
83Kb / 3P
   Quartz Crystals
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com