Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LM2575T-5.0 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM2575T-5.0
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 5 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Maximum Supply Voltage
LM1575/LM2575
45V
LM2575HV
63V
ON /OFF Pin Input Voltage
−0.3V
≤ V ≤ +V
IN
Output Voltage to Ground
(Steady State)
−1V
Power Dissipation
Internally Limited
Storage Temperature Range
−65˚C to +150˚C
Maximum Junction Temperature
150˚C
Minimum ESD Rating
(C = 100 pF, R = 1.5 k
Ω)2 kV
Lead Temperature
(Soldering, 10 sec.)
260˚C
Operating Ratings
Temperature Range
LM1575
−55˚C
≤ T
J
≤ +150˚C
LM2575/LM2575HV
−40˚C
≤ T
J
≤ +125˚C
Supply Voltage
LM1575/LM2575
40V
LM2575HV
60V
LM1575-3.3, LM2575-3.3, LM2575HV-3.3
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range .
Symbol
Parameter
Conditions
Typ
LM1575-3.3
LM2575-3.3
Units
(Limits)
LM2575HV-3.3
Limit
Limit
(Note 2)
(Note 3)
SYSTEM PARAMETERS (Note 4) Test Circuit Figure 2
V
OUT
Output Voltage
V
IN = 12V, ILOAD = 0.2A
3.3
V
Circuit of Figure 2
3.267
3.234
V(Min)
3.333
3.366
V(Max)
V
OUT
Output Voltage
4.75V
≤ V
IN
≤ 40V, 0.2A ≤ I
LOAD
≤ 1A
3.3
V
LM1575/LM2575
Circuit of Figure 2
3.200/3.168
3.168/3.135
V(Min)
3.400/3.432
3.432/3.465
V(Max)
V
OUT
Output Voltage
4.75V
≤ V
IN
≤ 60V, 0.2A ≤ I
LOAD
≤ 1A
3.3
V
LM2575HV
Circuit of Figure 2
3.200/3.168
3.168/3.135
V(Min)
3.416/3.450
3.450/3.482
V(Max)
η
Efficiency
V
IN = 12V, ILOAD =1A
75
%
LM1575-5.0, LM2575-5.0, LM2575HV-5.0
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range.
Symbol
Parameter
Conditions
Typ
LM1575-5.0
LM2575-5.0
Units
(Limits)
LM2575HV-5.0
Limit
Limit
(Note 2)
(Note 3)
SYSTEM PARAMETERS (Note 4) Test Circuit Figure 2
V
OUT
Output Voltage
V
IN = 12V, ILOAD = 0.2A
5.0
V
Circuit of Figure 2
4.950
4.900
V(Min)
5.050
5.100
V(Max)
V
OUT
Output Voltage
0.2A
≤ I
LOAD
≤ 1A,
5.0
V
LM1575/LM2575
8V
≤ V
IN
≤ 40V
4.850/4.800
4.800/4.750
V(Min)
Circuit of Figure 2
5.150/5.200
5.200/5.250
V(Max)
V
OUT
Output Voltage
0.2A
≤ I
LOAD
≤ 1A,
5.0
V
LM2575HV
8V
≤ V
IN
≤ 60V
4.850/4.800
4.800/4.750
V(Min)
Circuit of Figure 2
5.175/5.225
5.225/5.275
V(Max)
www.national.com
5




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM2599SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator with Features 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2677SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2678SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2678S-12SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2576SIMPLE SWITCHER 3A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2679SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2590HVSIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2591HVSIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2592HVSIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2670SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl