Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

405PHB850K2R Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 405PHB850K2R
Description  High Current - High voltage ??Good Pulse Current rating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

405PHB850K2R Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  405PHB850K2R Datasheet HTML 1Page - Illinois Capacitor, Inc. 405PHB850K2R Datasheet HTML 2Page - Illinois Capacitor, Inc. 405PHB850K2R Datasheet HTML 3Page - Illinois Capacitor, Inc. 405PHB850K2R Datasheet HTML 4Page - Illinois Capacitor, Inc. 405PHB850K2R Datasheet HTML 5Page - Illinois Capacitor, Inc. 405PHB850K2R Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PHB
Metallized Polypropylene,
High Frequency radial lead
box
Capacitance
(µF)
WVDC IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current
(A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims LxHxT
(mm)
S (MM)
d (MM)
P (MM)
# Leads
2.2
330
225PHB330K2H
45
9
5.1
32x22x13
27.5
1
2
2.2
400
225PHB400K2H
55
10.5
4.4
32x24.5x15
27.5
1.2
2
2.2
600
225PHB600K2H
75
14
3.9
32x33x18
27.5
1.2
2
2.2
600
225PHB600K4H
75
16.5
3.2
32x33x18
27.5
1.2
10.2
4
2.2
700
225PHB700K2J
70
12
4.7
42.5x30x22
37.5
1.2
2
2.2
700
225PHB700K4J
70
15.5
4
42.5x37x28
37.5
1.2
10.2
2
2.2
850
225PHB850K2J
200
14
3
42.5x37x28
37.5
1.2
2
2.2
850
225PHB850K4J
200
24.5
2.3
42.5x37x28
37.5
1.2
10.2
4
2.5
250
255PHB250K2H
40
8
5.4
32x20x11
27.5
0.8
2
2.5
330
255PHB330K2H
45
9.5
4.9
32x22x13
27.5
1
2
2.5
400
255PHB400K2H
55
11
4.2
32x24.5x15
27.5
1.2
2
2.5
850
255PHB850K2J
200
14
2.8
42.5x37x28
37.5
1.2
2
2.5
850
255PHB850K4J
200
24
2.1
42.5x37x28
37.5
1.2
20.3
4
3
250
305PHB250K2H
40
9
4.8
32x22x13
27.5
1
2
3
330
305PHB330K2H
45
10.5
4.3
32x24.5x15
27.5
1
2
3
400
305PHB400K4H
55
17
2.9
32x33x18
27.5
1.2
5.1
4
3
400
305PHB400K2H
55
14
3.6
32x33x18
27.5
1.2
2
3
600
305PHB600K2H
75
14
3.3
32x37x22
27.5
1.2
2
3
600
305PHB600K2J
55
14
4.3
42.5x30x22
37.5
1.2
2
3
600
305PHB600K4H
75
21
2.6
32x37x22
27.5
1.2
10.2
4
3
700
305PHB700K4J
70
20
3.2
42.5x37x28
37.5
1.2
10.2
4
3
700
305PHB700K2J
70
14
3.9
42.5x37x28
37.5
1.2
2
3
850
305PHB850K2J
200
14
2.4
42.5x45x30
37.5
1.2
2
3
850
305PHB850K4J
200
27
1.8
42.5x45x30
37.5
1.2
20.3
4
3.3
250
335PHB250K2H
40
9.5
4.3
32x22x13
27.5
1
2
3.3
330
335PHB330K2H
45
10.5
4.1
32x24.5x15
27.5
1
2
3.3
400
335PHB400K4H
55
17.5
2.8
32x33x18
27.5
1.2
5.1
4
3.3
400
335PHB400K2H
55
14
3.5
32x33x18
27.5
1.2
2
3.3
600
335PHB600K2H
75
14
3.2
32x37x22
27.5
1.2
2
3.3
600
335PHB600K2J
55
14
4.1
42.5x30x22
37.5
1.2
2
3.3
600
335PHB600K4H
75
21.5
2.5
32x37x22
27.5
1.2
10.2
4
3.3
700
335PHB700K4J
70
21.5
3.1
42.5x37x28
37.5
1.2
20.3
4
3.3
700
335PHB700K2J
70
14
3.8
42.5x37x28
37.5
1.2
2
3.3
850
335PHB850K2J
200
14
2.4
42.5x45x30
37.5
1.2
2
3.3
850
335PHB850K4J
200
27
1.8
42.5x45x30
37.5
1.2
20.3
4
4
250
405PHB250K2H
40
10.5
3.8
32x22x13
27.5
1
2
4
400
405PHB400K2H
55
14
3.2
32x33x18
27.5
1.2
2
4
400
405PHB400K4H
55
18.5
2.5
32x33x18
27.5
1.2
10.2
4
4
600
405PHB600K4J
55
17.5
2.9
42.5x37x28
37.5
1.2
10.2
4
4
600
405PHB600K2J
55
14
3.6
42.5x37x28
37.5
1.2
2
4
700
405PHB700K2J
70
14
3.3
42.5x45x30
37.5
1.2
2
4
700
405PHB700K4J
70
22.5
2.7
42.5x45x30
37.5
1.2
20.3
4
4
850
405PHB850K4R
110
25
2.5
57.5x45x30
52.5
1.2
20.3
4
4
850
405PHB850K2R
110
14
3.2
57.5x45x30
52.5
1.2
2
4.7
250
475PHB250K2H
40
12
3.5
32x28x14
27.5
1.2
2
4.7
250
475PHB250K4H
40
15
2.8
32x28x14
27.5
1.2
5.1
4
4.7
330
475PHB330K4H
45
17
2.7
32x33x18
27.5
1.2
5.1
4
4.7
330
475PHB330K2H
45
14
3.4
32x33x18
27.5
1.2
2
4.7
400
475PHB400K2H
55
14
2.8
32x37x22
27.5
1.2
2
4.7
400
475PHB400K2J
40
13.5
3.9
42.5x28x17
37.5
1.2
2
4.7
400
475PHB400K4H
55
21.5
2.1
32x37x22
27.5
1.2
10.2
4
4.7
600
475PHB600K4J
55
22
2.6
42.5x37x28
37.5
1.2
10.2
4
4.7
600
475PHB600K2J
55
14
3.3
42.5x37x28
37.5
1.2
2
4.7
700
475PHB700K2J
70
14
3.1
42.5x45x30
37.5
1.2
2
4.7
700
475PHB700K4J
70
25
2.4
42.5x45x30
37.5
1.2
20.3
4
4.7
850
475PHB850K4R
110
27
2.1
57.5x45x30
52.5
1.2
20.3
4
4.7
850
475PHB850K2R
110
14
2.8
57.5x45x30
52.5
1.2
2
5
250
505PHB250K2H
40
12
3.4
32x28x14
27.5
1.2
2


Similar Part No. - 405PHB850K2R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
405PHB850K2R ILLINOISCAPACITOR-405PHB850K2R Datasheet
407Kb / 7P
   Metallized Polypropylene Film Capacitors for Switching Circuits 2, 4 or 6 leaded
More results

Similar Description - 405PHB850K2R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
PPA ILLINOISCAPACITOR-PPA Datasheet
316Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with
PPS ILLINOISCAPACITOR-PPS Datasheet
319Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with temperature
PWS ILLINOISCAPACITOR-PWS Datasheet
193Kb / 3P
   Low ESR - High Current ??High pulse current ratings
logo
Texas Instruments
OPA544 TI1-OPA544_13 Datasheet
180Kb / 11P
[Old version datasheet]   High-Voltage, High-Current High-Voltage, High-Current
logo
Assmann Electronics Inc...
AWP-30-7540-T ASSMANN-AWP-30-7540-T Datasheet
168Kb / 1P
   Current Rating
AWP-30-8540-T ASSMANN-AWP-30-8540-T Datasheet
133Kb / 1P
   Current Rating
logo
Linear Technology
LT1245IN8 LINER-LT1245IN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1242IS8 LINEAR-LT1242IS8 Datasheet
277Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Technology
LT1241 LINER-LT1241_15 Datasheet
295Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1242CS8 LINEAR-LT1242CS8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com