Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

126MHBS35K2H Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 126MHBS35K2H
Description  Small size - High voltage ??High Capacitance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

126MHBS35K2H Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  126MHBS35K2H Datasheet HTML 1Page - Illinois Capacitor, Inc. 126MHBS35K2H Datasheet HTML 2Page - Illinois Capacitor, Inc. 126MHBS35K2H Datasheet HTML 3Page - Illinois Capacitor, Inc. 126MHBS35K2H Datasheet HTML 4Page - Illinois Capacitor, Inc. 126MHBS35K2H Datasheet HTML 5Page - Illinois Capacitor, Inc. 126MHBS35K2H Datasheet HTML 6Page - Illinois Capacitor, Inc. 126MHBS35K2H Datasheet HTML 7Page - Illinois Capacitor, Inc. 126MHBS35K2H Datasheet HTML 8Page - Illinois Capacitor, Inc. 126MHBS35K2H Datasheet HTML 9Page - Illinois Capacitor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FEATURES
Small size - High voltage High Capacitance
APPLICATIONS
UPS DC link AC/DC motor controls Power inverters
Operating Temperature Range
-40°C to +100°C
Above +85°C applied voltage must be de-rated by 1.5%/°C
Capacitance Tolerance
+10% at 1 kHz, 25°C
+5% optional
Surge
Voltage
VDC
Code
A35
A40
A45
A50
A55
A60
A70
85°C
575
700
800
900
1000
1100
1275
70°C
630
770
880
1000
1100
1200
1400
Repetitive
SVDC
85°C
660
805
920
1035
1150
1265
1465
70°C
720
885
1010
1150
1265
1380
1610
Non-
repetitive
SVDC
85°C
750
910
1040
1170
1300
1430
1655
70°C
815
1000
1140
1300
1430
1560
1820
Repetitive SVDC: Maximum repetitive voltage for 1 hour Max/Day
AC Voltage
Code
A35
A40
A45
A50
A55
A60
A70
VDC
575
700
800
900
1000
1100
1275
VAC
85°C
240
285
315
350
400
420
440
70°C
250
300
330
370
420
440
460
Dissipation Factor (MAX)
Tan δ (%)
at 1 kHz and 25°C
C< 4μF
4μF<C<12μF
12μF<C<20μF
20μF<C<40μF
40μF<C<75μF
C>75μF
.06
.08
.11
.14
.17
.2
ESR
(mΩ)
Lead spacing
(mm)
Frequency range
ESR Value
27.5
10kHz - 60kHz
See standard part listing
37.5
10kHz – 45 kHz
See standard part listing
52.5
10kHz – 30 kHz
See standard part listing
RMS Current
No RMS current is to be applied at temperatures > +95°C
Ripple Current
See standard part listing, No ripple current is to be applied when the ambient temperature
is>+95°C
Insulation Resistance
3000 MΩxuF (10000 MΩxuF typical)
“Not to exceed 3GΩ”
After 1 minute of 100VDC applied between the terminals at 25°C
Self Inductance
<1 nano-Henry per mm of lead spacing and lead length
Long Term Stability
Capacitance variation <1% MAX after 2 years
Dielectric Strength
Terminal to Terminal
Terminal to case
150% of VDC or 150% of VAC
applied for 10 Seconds and 25°C
3KVAC at 50/60 Hz applied between the terminals
and case for 60 Seconds and 25°C


Similar Part No. - 126MHBS35K2H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
126MHBA01K ILLINOISCAPACITOR-126MHBA01K Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
126MHBA01K ILLINOISCAPACITOR-126MHBA01K Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
126MHBA01K2R ILLINOISCAPACITOR-126MHBA01K2R Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
126MHBA01K2R ILLINOISCAPACITOR-126MHBA01K2R Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
126MHBA01K4R ILLINOISCAPACITOR-126MHBA01K4R Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
More results

Similar Description - 126MHBS35K2H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
QPC ILLINOISCAPACITOR-QPC Datasheet
488Kb / 3P
   Small size - High voltage ??High Capacitance
MHBA ILLINOISCAPACITOR-MHBA Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
logo
Cornell Dubilier Electr...
SLPX CDE-SLPX Datasheet
376Kb / 9P
   Small case size with high capacitance
logo
Panasonic Battery Group
ECJ0EB1C105M PANASONICBATTERY-ECJ0EB1C105M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
logo
List of Unclassifed Man...
226CKS100M ETC2-226CKS100M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
CKR ILLINOISCAPACITOR-CKR Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
226CKH050M ILLINOISCAPACITOR-226CKH050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
476CKS035M ILLINOISCAPACITOR-476CKS035M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
108CKE025M ILLINOISCAPACITOR-108CKE025M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com