Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

108LMH200MZBH Datasheet(PDF) 6 Page - Illinois Capacitor, Inc.

Part # 108LMH200MZBH
Description  Multiple Case Sizes - High Voltage ??High Current
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

108LMH200MZBH Datasheet(HTML) 6 Page - Illinois Capacitor, Inc.

  108LMH200MZBH Datasheet HTML 1Page - Illinois Capacitor, Inc. 108LMH200MZBH Datasheet HTML 2Page - Illinois Capacitor, Inc. 108LMH200MZBH Datasheet HTML 3Page - Illinois Capacitor, Inc. 108LMH200MZBH Datasheet HTML 4Page - Illinois Capacitor, Inc. 108LMH200MZBH Datasheet HTML 5Page - Illinois Capacitor, Inc. 108LMH200MZBH Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LMH
+105°C, standard 2000 hrs
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
33000
25
339LMH025MZEF
22.61
5.5
35x40
33000
35
339LMH035MZEH
20.1
5.9
35x50
39000
10
399LMH010MZCG
25.93
3.7
25x45
39000
10
399LMH010MZDD
25.93
3.7
30x30
39000
10
399LMH010MZEC
25.93
3.7
35x25
39000
16
399LMH016MZDF
21.26
5.1
30x40
39000
16
399LMH016MZED
21.26
5.1
35x30
39000
25
399LMH025MZDH
19.13
5.8
30x50
39000
25
399LMH025MZEG
19.13
5.8
35x45
47000
10
479LMH010MZCH
24.34
4.2
25x50
47000
10
479LMH010MZDE
24.34
4.2
30x35
47000
10
479LMH010MZED
24.34
4.2
35x30
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
47000
16
479LMH016MZDG
22.58
5.5
30x45
47000
16
479LMH016MZEE
22.58
5.5
35x35
47000
25
479LMH025MZEH
20.81
6.3
35x50
56000
10
569LMH010MZDF
23.09
5
30x40
56000
10
569LMH010MZEE
23.09
5
35x35
56000
16
569LMH016MZDH
21.61
6
30x50
56000
16
569LMH016MZEH
21.61
6
35x50
68000
10
689LMH010MZDG
21.94
5.4
30x45
68000
10
689LMH010MZEF
21.94
5.4
35x40
68000
16
689LMH016MZEG
20.72
6.4
35x45
82000
10
829LMH010MZEG
21.03
5.9
35x45
100000
10
104LMH010MZEH 20.2259
6.5
35x50


Similar Part No. - 108LMH200MZBH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
108LMH200MZBH ILLINOISCAPACITOR-108LMH200MZBH Datasheet
133Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 108LMH200MZBH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
LBA ILLINOISCAPACITOR-LBA Datasheet
394Kb / 6P
   Multiple case sizes - High voltage ??High Current
LBB ILLINOISCAPACITOR-LBB Datasheet
342Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
LMX ILLINOISCAPACITOR-LMX Datasheet
460Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
LMB ILLINOISCAPACITOR-LMB Datasheet
428Kb / 7P
   Multiple Case Sizes - High Voltage ??High Current
157LBB450M2CE ILLINOISCAPACITOR-157LBB450M2CE Datasheet
478Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
159LBB035M2CH ILLINOISCAPACITOR-159LBB035M2CH Datasheet
478Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
477LBA200M2BF ILLINOISCAPACITOR-477LBA200M2BF Datasheet
551Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
226KXM050M ILLINOISCAPACITOR-226KXM050M Datasheet
398Kb / 3P
   Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
477KXM050M ILLINOISCAPACITOR-477KXM050M Datasheet
398Kb / 3P
   Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
474RZM050M ILLINOISCAPACITOR-474RZM050M_16 Datasheet
87Kb / 2P
   Low ESR - High Ripple Current ??Multiple case sizes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com