Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

106MHBS35K2H Datasheet(PDF) 8 Page - Illinois Capacitor, Inc.

Part # 106MHBS35K2H
Description  Small size - High voltage ??High Capacitance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

106MHBS35K2H Datasheet(HTML) 8 Page - Illinois Capacitor, Inc.

Back Button 106MHBS35K2H Datasheet HTML 3Page - Illinois Capacitor, Inc. 106MHBS35K2H Datasheet HTML 4Page - Illinois Capacitor, Inc. 106MHBS35K2H Datasheet HTML 5Page - Illinois Capacitor, Inc. 106MHBS35K2H Datasheet HTML 6Page - Illinois Capacitor, Inc. 106MHBS35K2H Datasheet HTML 7Page - Illinois Capacitor, Inc. 106MHBS35K2H Datasheet HTML 8Page - Illinois Capacitor, Inc. 106MHBS35K2H Datasheet HTML 9Page - Illinois Capacitor, Inc. 106MHBS35K2H Datasheet HTML 10Page - Illinois Capacitor, Inc. 106MHBS35K2H Datasheet HTML 11Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MHBS
2,4,6, lug lead radial box
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(V/μsec)
Maximum RMS Ripple Current
(A) 100 kHz, +70°C
Typical ESR
(mΩ) **,
+25°C
Dimensions
LxHxT (mm)
S (MM)
d (MM)
P (MM)
# Leads
+15°C
+10°C
+5°C
9
1000
905MHBS55K4JA
31
14.5
11
8
6
41.5x40x20
37.5
1.2
10.2
4
10
575
106MHBS35K2H
27
10
8
5.5
7
32x33x18
27.5
1.2
2
10
800
106MHBS45K2H
36
13
10.5
7.5
5.9
32x37x22
27.5
1.2
2
10
800
106MHBS45K4H
24
14.5
11.5
8.5
5.3
32x37x22
27.5
1.2
10.2
4
10
800
106MHBS45K4J
24
11.5
9
6.5
6.4
42.5x30x22
37.5
1.2
5.1
4
10
800
106MHBS45K2J
24
10.5
8.5
6
7
42.5x30x22
37.5
1.2
2
10
800
106MHBS45KJ##
24
12.5
10
7.5
6.2
42.5x30x22
lugs
10
900
106MHBS50KJ##
28
13.5
10.5
8
6
42.5x33.5x22
lugs
10
900
106MHBS50K2J
28
11.5
9
6.5
6.8
42.5x33.5x22
37.5
1.2
2
10
900
106MHBS50K4J
28
12.5
9.5
7
6.2
42.5x33.5x22
37.5
1.2
5.1
4
10
1000
106MHBS55K4JA
31
15
11.5
8.5
5.7
41.5x40x20
37.5
1.2
10.2
4
10
1000
106MHBS55K2JA
31
13.5
10.5
8
6.3
41.5x40x20
37.5
1.2
2
10
1100
106MHBS60K2J
34
14
12.5
9
5.5
42.5x37x28
37.5
1.2
2
10
1100 106MHBS60KJ##
34
18.5
14.5
10.5
4.7
42.5x37x28
lugs
10
1100
106MHBS60K2JA
34
14
12.5
9
5.5
41.5x44x24
37.5
1.2
2
10
1100 106MHBS60KJA##
34
18.5
14.5
10.5
4.7
41.5x44x24
lugs
10
1100
106MHBS60K4JA
34
17
13.5
10
4.9
41.5x44x24
37.5
1.2
10.2
4
10
1100
106MHBS60K4J
34
17
13.5
10
4.9
42.5x37x28
37.5
1.2
10.2
4
10
1275
106MHBS70K4J
41
18
14
10.5
4.5
42.5x45x30
37.5
1.2
20.3
4
10
1275 106MHBS70KJ##
41
20
15.5
11.5
4.3
42.5x45x30
lugs
10
1275
106MHBS70K2J
41
14
13
9.5
5.1
42.5x45x30
37.5
1.2
2
12
575
126MHBS35KJ##
19
11
8.5
6.5
6.6
42.5x28x17
lugs
12
575
126MHBS35K2H
27
11
8.5
6.5
6.1
32x33x18
27.5
1.2
2
12
575
126MHBS35K2J
19
9.5
7.5
5.5
7.4
42.5x28x17
37.5
1.2
2
12
700
126MHBS40K2H
31
13
10.5
7.5
5.8
32x37x22
27.5
1.2
2
12
700
126MHBS40K2J
21
11
8.5
6.5
6.4
42.5x30x22
37.5
1.2
2
12
700
126MHBS40K4H
31
14.5
11.5
8.5
5.2
32x37x22
27.5
1.2
10.2
4
12
700
126MHBS40KJ##
21
13
10
7.5
5.6
42.5x30x22
lugs
12
800
126MHBS45KJ##
24
13.5
11
8
5.6
42.5x33.5x22
lugs
12
800
126MHBS45K4J
24
12.5
10
7.5
5.8
42.5x33.5x22
37.5
1.2
5.1
4
12
800
126MHBS45K2J
24
11.5
9
7
6.4
42.5x33.5x22
37.5
1.2
2
12
900
126MHBS50K4JA
28
14.5
11.5
8
5.7
41.5x40x20
37.5
1.2
10.2
4
12
900 126MHBS50KJA##
28
15.5
12.5
9
5.5
41.5x40x20
lugs
12
900
126MHBA50K2JA
28
13.5
11
7.5
6.3
41.5x40x20
37.5
1.2
2
12
1000
126MHBS55K2JA
31
14
12
9
5.7
41.5x44x24
37.5
1.2
2
12
1000 126MHBS55KJ##
31
18
14
10.5
4.9
42.5x37x28
lugs
12
1000 126MHBS55KJA##
31
16.5
13.5
10
4.9
41.5x44x24
lugs
12
1000
126MHBS55K4JA
31
16.5
13.5
9.5
5.1
41.5x44x24
37.5
1.2
10.2
4
12
1000
126MHBS55K4J
31
16.5
13.5
9.5
5.1
42.5x37x28
37.5
1.2
10.2
4
12
1000
126MHBS55K2J
31
14
12
9
5.7
42.5x37x28
37.5
1.2
2
12
1100
126MHBS60K4J
34
18.5
14.5
10.5
4.4
42.5x45x30
37.5
1.2
20.3
4
12
1100 126MHBS60KJ##
34
20
15.5
11.5
4.2
42.5x45x30
lugs
12
1100
126MHBS60K2J
34
14
13.5
10
5
42.5x45x30
37.5
1.2
2
12
1275
126MHBS70K2R
28
14
12.5
9
6
57.5x45x30
52.5
1.2
2
12
1275 126MHBS70KR##
28
18.5
14.5
10
5.2
57.5x45x30
lugs
12
1275
126MHBS70K4R
28
17
13.5
9.5
5.4
57.5x45x30
52.5
1.2
20.3
4
15
575
156MHBS35K2H
27
13.5
10.5
7.5
5.6
32x37x22
27.5
1.2
2
15
575
156MHBS35K2J
19
11
8.5
6.5
6.4
42.5x30x22
37.5
1.2
2
15
575
156MHBS35K4H
27
14.5
11.5
8.5
4.9
32x37x22
27.5
1.2
10.2
2
15
575
156MHBS35KJ##
19
13
10
7.5
5.6
42.5x30x22
lugs
15
700
156MHBS40KJ##
21
14.5
11.5
8.5
4.7
42.5x33.5x22
lugs
15
700
156MHBS40K2J
21
12
9.5
7
5.5
42.5x33.5x22
37.5
1.2
2
15
700
156MHBS40K4J
21
13.5
10.5
7.5
4.9
42.5x33.5x22
37.5
1.2
5.1
4
15
800
156MHBS45K4JA
24
15
12
8.5
5
41.5x40x20
37.5
1.2
10.2
4
15
800
156MHBS45K2JA
24
13.5
11
8
5.6
41.5x40x20
37.5
1.2
2
15
900
156MHBS50K2JA
28
14
12.5
9.5
5.3
41.5x44x24
37.5
1.2
2
15
900
156MHBS50K4JA
28
17
14
10.5
4.7
41.5x44x24
37.5
1.2
10.2
4
15
900
156MHBS50K4J
28
15.5
12.5
9
4.7
42.5x37x28
37.5
1.2
10.2
4


Similar Part No. - 106MHBS35K2H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106MHBS35K2H ILLINOISCAPACITOR-106MHBS35K2H Datasheet
1Mb / 11P
   Boxed Metallized Polypropylene Film
More results

Similar Description - 106MHBS35K2H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
QPC ILLINOISCAPACITOR-QPC Datasheet
488Kb / 3P
   Small size - High voltage ??High Capacitance
MHBA ILLINOISCAPACITOR-MHBA Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
logo
Cornell Dubilier Electr...
SLPX CDE-SLPX Datasheet
376Kb / 9P
   Small case size with high capacitance
logo
Panasonic Battery Group
ECJ0EB1C105M PANASONICBATTERY-ECJ0EB1C105M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
logo
List of Unclassifed Man...
226CKS100M ETC2-226CKS100M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
CKR ILLINOISCAPACITOR-CKR Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
226CKH050M ILLINOISCAPACITOR-226CKH050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
476CKS035M ILLINOISCAPACITOR-476CKS035M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
108CKE025M ILLINOISCAPACITOR-108CKE025M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com