Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

225PHB700K4J Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 225PHB700K4J
Description  High Current - High voltage ??Good Pulse Current rating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

225PHB700K4J Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  225PHB700K4J Datasheet HTML 1Page - Illinois Capacitor, Inc. 225PHB700K4J Datasheet HTML 2Page - Illinois Capacitor, Inc. 225PHB700K4J Datasheet HTML 3Page - Illinois Capacitor, Inc. 225PHB700K4J Datasheet HTML 4Page - Illinois Capacitor, Inc. 225PHB700K4J Datasheet HTML 5Page - Illinois Capacitor, Inc. 225PHB700K4J Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES High Current - High voltage Good Pulse Current rating
APPLICATIONS
Resonant Circuits Switching Power Supplies Motor
Speed controls Induction Heaters
Operating Temperature Range
-40°C to +100°C
Capacitance Tolerance
+10% at 1 kHz, 25°C
+5% optional
WVDC
250
330
400
600
700
Non-Recurrent SVDC
VAC
400
500
600
800
1000
WVDC
250
330
400
600
700
VAC
160
220
275
350
400
AC voltage (50/60 Hz)
For T>+85°C , The voltage (DC/AC)must be decreased by (1.5/2.5)% per °C
Frequency
(kHz)
C<5uF
5<C<25uF
C>25uF
Dissipation Factor (MAX)
25°C
1
0.05%
0.08%
0.1%
Insulation Resistance
Insulation Resistance
@25°C (<70% RH)for 1 minute at
100VDC applied
30000 MΩxuF
(not to exceed 30G
Ω)
Self Inductance
<1 nano-Henry per mm of lead spacing
Capacitance Drift Factor
<0.5% after 2 years at 40°C
100000 Hours @WVDC
30000 Hours @ VAC
Life Expectancy
Capacitance Change
<3% of initially measured value
Failure quota
300/ Billion component hours
56 days at40°C with 90 to 95%RH, +40°C and no voltage applied
Capacitance Change
<2% of initially measured value
Dissipation Factor
<0.001 at 1kHz and 25°C
Damp Heat test
Insulation Resistance
>50% of maximum specified value
Self Inductance
<1 nano-Henry per mm of lead spacing
Capacitance Drift Factor
<0.5% after 2 years at 40°C
Capacitance Temperature
Coefficient
-200 ppm/°C, +100ppm/°C
Terminal to Terminal
Terminal to case
Dielectric Strength
160% of rated VDCApplied for 10
seconds or 150% VAC applied for 2
Seconds and 25°C
3kVAC @ 50/60 Hz applied between
terminals and case for 60 seconds at
25°C
Dielectric
Polypropylene
Construction
Metallized film
Coating
Flame Retardant plastic box with epoxy resin (UL94V-0)
Leads
Lead free tinned copper leads


Similar Part No. - 225PHB700K4J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
225PHB700K4J ILLINOISCAPACITOR-225PHB700K4J Datasheet
407Kb / 7P
   Metallized Polypropylene Film Capacitors for Switching Circuits 2, 4 or 6 leaded
225PHB700K4J ILLINOISCAPACITOR-225PHB700K4J Datasheet
595Kb / 6P
   Switching polypropylene film capacitors
More results

Similar Description - 225PHB700K4J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
PPA ILLINOISCAPACITOR-PPA Datasheet
316Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with
PPS ILLINOISCAPACITOR-PPS Datasheet
319Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with temperature
PWS ILLINOISCAPACITOR-PWS Datasheet
193Kb / 3P
   Low ESR - High Current ??High pulse current ratings
logo
Texas Instruments
OPA544 TI1-OPA544_13 Datasheet
180Kb / 11P
[Old version datasheet]   High-Voltage, High-Current High-Voltage, High-Current
logo
Assmann Electronics Inc...
AWP-30-7540-T ASSMANN-AWP-30-7540-T Datasheet
168Kb / 1P
   Current Rating
AWP-30-8540-T ASSMANN-AWP-30-8540-T Datasheet
133Kb / 1P
   Current Rating
logo
Linear Technology
LT1245IN8 LINER-LT1245IN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1242IS8 LINEAR-LT1242IS8 Datasheet
277Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Technology
LT1241 LINER-LT1241_15 Datasheet
295Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1242CS8 LINEAR-LT1242CS8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com