Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB10-600B Datasheet(PDF) 3 Page - STMicroelectronics

Part # BTB10-600B
Description  10A TRIACS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB10-600B Datasheet(HTML) 3 Page - STMicroelectronics

  BTB10-600B Datasheet HTML 1Page - STMicroelectronics BTB10-600B Datasheet HTML 2Page - STMicroelectronics BTB10-600B Datasheet HTML 3Page - STMicroelectronics BTB10-600B Datasheet HTML 4Page - STMicroelectronics BTB10-600B Datasheet HTML 5Page - STMicroelectronics BTB10-600B Datasheet HTML 6Page - STMicroelectronics BTB10-600B Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BTA10 and BTB10 Series
3/7
Table 6: Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
TO-220AB
1.5
°C/W
TO-220AB Insulated
2.4
Rth(j-a)
Junction to ambient
TO-220AB
60
°C/W
TO-220AB Insulated
Figure 1: Maximum power dissipation versus
RMS on-state current (full cycle)
Figure 2: RMS on-state current versus case
temperature (full cycle)
Figure 3: Relative
variation
of
thermal
impedance versus pulse duration
Figure 4: On-state characteristics (maximum
values)
P(W)
01
234
5
6
789
10
0
1
2
3
4
5
6
7
8
9
10
11
12
13
I
(A)
T(RMS)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
8
9
10
11
12
I
(A)
T(RMS)
T (°C)
C
BTA
BTB
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
1E-2
1E-1
1E+0
K=[Z /R
th
th]
t (s)
p
Zth(j-a)
Zth(j-c)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
I
(A)
TM
V
(V)
TM
T max.
V = 0.85V
R = 40 m
j
t0
d
T=
j
T max.
j
T = 25°C
j


Similar Part No. - BTB10-600B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BTB10-600B ISC-BTB10-600B Datasheet
107Kb / 1P
   With TO-220AB non insulated package
BTB10-600BW ISC-BTB10-600BW Datasheet
107Kb / 1P
   With TO-220AB non insulated package
logo
STMicroelectronics
BTB10-600BW STMICROELECTRONICS-BTB10-600BW Datasheet
634Kb / 14P
   10 A SnubberlessTM, logic level and standard Triacs
February 2017 Rev 7
BTB10-600BWRG STMICROELECTRONICS-BTB10-600BWRG Datasheet
234Kb / 12P
   10 A Snubberless?? logic level and standard Triacs
Rev 9 - March 2019
BTB10-600BWRG STMICROELECTRONICS-BTB10-600BWRG Datasheet
634Kb / 14P
   10 A SnubberlessTM, logic level and standard Triacs
February 2017 Rev 7
More results

Similar Description - BTB10-600B

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
BTA10 SIPOWER-BTA10 Datasheet
863Kb / 6P
   10A Triacs
logo
Unisonic Technologies
BTB10A UTC-BTB10A Datasheet
166Kb / 3P
   10A TRIACS
BTB10A UTC-BTB10A_15 Datasheet
166Kb / 3P
   10A TRIACS
BTA10 UTC-BTA10 Datasheet
164Kb / 3P
   10A TRIACS
BTA10A UTC-BTA10A Datasheet
166Kb / 3P
   10A TRIACS
BTB10 UTC-BTB10 Datasheet
158Kb / 3P
   10A TRIACS
BTB10 UTC-BTB10_15 Datasheet
163Kb / 3P
   10A TRIACS
logo
Nell Semiconductor Co.,...
10TT06A-BW NELLSEMI-10TT06A-BW Datasheet
300Kb / 6P
   TRIACs, 10A Snubberless and Standard
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com