Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

205PHB600K4H Datasheet(PDF) 6 Page - Illinois Capacitor, Inc.

Part # 205PHB600K4H
Description  High Current - High voltage ??Good Pulse Current rating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

205PHB600K4H Datasheet(HTML) 6 Page - Illinois Capacitor, Inc.

  205PHB600K4H Datasheet HTML 1Page - Illinois Capacitor, Inc. 205PHB600K4H Datasheet HTML 2Page - Illinois Capacitor, Inc. 205PHB600K4H Datasheet HTML 3Page - Illinois Capacitor, Inc. 205PHB600K4H Datasheet HTML 4Page - Illinois Capacitor, Inc. 205PHB600K4H Datasheet HTML 5Page - Illinois Capacitor, Inc. 205PHB600K4H Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PHB
Metallized Polypropylene,
High Frequency radial lead
box
Capacitance
(µF)
WVDC IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current
(A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims LxHxT
(mm)
S (MM)
d (MM)
P (MM)
# Leads
25
250
256PHB250K2J
25
14
2.6
42.5x37x28
37.5
1.2
2
25
330
256PHB330K2R
17
14
3.6
57.5x45x30
52.5
1.2
2
25
330
256PHB330K4R
17
23
2.9
57.5x45x30
52.5
1.2
20.3
4
25
400
256PHB400K4R
20
26
2.8
57.5x50x35
52.5
1.2
20.3
4
25
400
256PHB400K2R
20
14
3.4
57.5x50x35
52.5
1.2
2
30
250
306PHB250K2J
25
14
2.6
42.5x45x30
37.5
1.2
2
30
250
306PHB250K4J
25
26.5
1.9
42.5x45x30
37.5
1.2
20.3
4
30
330
306PHB330K2R
17
14
3.4
57.5x45x30
52.5
1.2
2
30
330
306PHB330K4R
17
24.5
2.7
57.5x45x30
52.5
1.2
20.3
4
33
250
336PHB250K2J
25
14
2.4
42.5x45x30
37.5
1.2
2
33
250
336PHB250K4J
25
27
1.7
42.5x45x30
37.5
1.2
20.3
4
33
330
336PHB330K2R
17
14
3.3
57.5x50x35
52.5
1.2
2
33
330
336PHB330K4R
17
26
2.6
57.5x50x35
52.5
1.2
20.3
4
35
330
356PHB330K4R
17
22
2.6
57.5x50x35
52.5
1.2
20.3
4
35
330
356PHB330K2R
17
12
3.2
57.5x50x35
52.5
1.2
2
40
250
406PHB250K4R
15
26
2.6
57.5x45x30
52.5
1.2
20.3
4
40
250
406PHB250K2R
15
14
3.3
57.5x45x30
52.5
1.2
2
40
330
406PHB330K4R
17
27
2.4
57.5x50x35
52.5
1.2
20.3
4
40
330
406PHB330K2R
17
14
3.1
57.5x50x35
52.5
1.2
2
50
250
506PHB250K4R
15
26.5
2.3
57.5x50x35
52.5
1.2
20.3
4
50
250
506PHB250K2R
15
14
3
57.5x50x35
52.5
1.2
2
60
250
606PHB250K2R
15
14
2.7
57.5x50x35
52.5
1.2
2
60
250
606PHB250K4R
15
27
2
57.5x50x35
52.5
1.2
20.3
4


Similar Part No. - 205PHB600K4H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
205PHB600K4H ILLINOISCAPACITOR-205PHB600K4H Datasheet
407Kb / 7P
   Metallized Polypropylene Film Capacitors for Switching Circuits 2, 4 or 6 leaded
205PHB600K4H ILLINOISCAPACITOR-205PHB600K4H Datasheet
595Kb / 6P
   Switching polypropylene film capacitors
More results

Similar Description - 205PHB600K4H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
PPA ILLINOISCAPACITOR-PPA Datasheet
316Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with
PPS ILLINOISCAPACITOR-PPS Datasheet
319Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with temperature
PWS ILLINOISCAPACITOR-PWS Datasheet
193Kb / 3P
   Low ESR - High Current ??High pulse current ratings
logo
Texas Instruments
OPA544 TI1-OPA544_13 Datasheet
180Kb / 11P
[Old version datasheet]   High-Voltage, High-Current High-Voltage, High-Current
logo
Assmann Electronics Inc...
AWP-30-7540-T ASSMANN-AWP-30-7540-T Datasheet
168Kb / 1P
   Current Rating
AWP-30-8540-T ASSMANN-AWP-30-8540-T Datasheet
133Kb / 1P
   Current Rating
logo
Linear Technology
LT1245IN8 LINER-LT1245IN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1242IS8 LINEAR-LT1242IS8 Datasheet
277Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Technology
LT1241 LINER-LT1241_15 Datasheet
295Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1242CS8 LINEAR-LT1242CS8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com