Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

108RSS035M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 108RSS035M
Description  Small size ??Low Prfile ??Lead Free Leads
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

108RSS035M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  108RSS035M Datasheet HTML 1Page - Illinois Capacitor, Inc. 108RSS035M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Small size Low Prfile Lead Free Leads
APPLICATIONS
Coupling Blocking Bypass Filtering
Operating Temperature Range
-40°C to +85°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge voltage
WVDC
6.3
10
16
25
35
50
SVDC
7.9
13
20
32
44
63
Dissipation Factor
WVDC
6.3
10
16
25
35
50
tan δ
.25
.2
.17
.15
.12
.1
Leakage current
2 Minutes
.01CV or 3uA,Whichever is greater
Low temperature
stability
Impedance ratio
(120 Hz)
Rated WVDC
6.3
10
16
25
35
50
-25°C to +20°C
5
4
3
2
2
2
-40°C to +20°C
10
8
6
4
4
4
Load Life
1000 hours at 85°C with rated WVDC applied
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Shelf Life
1000 hours at 85°C with no voltage applied
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Ripple Current Multipliers
Frequency (Hz)
Temperature (°C)
50
120
400
1k
10k
100k
85
70
65
60
45
0.85
1.0
1.1
1.13 1.15
1.4
1.0
1.4
1.6 1.7
1.8
D+.5
4
5
6.3
8
10
12.5
16
S
1.5
2
2.5
3.5
5
5
7.5
d
.45
.45
.45
.6
.6
.6
.8
B
0.5
0.5
0.5
0.5
0.5
0.8
0.5
L1=L+1mm
S1=S+0.5mm


Similar Part No. - 108RSS035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
108RSS035M ILLINOISCAPACITOR-108RSS035M Datasheet
87Kb / 2P
   85째C Low Profile 85째C Low Profile Electrolytic Capacitors
108RSS035M ILLINOISCAPACITOR-108RSS035M Datasheet
514Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
108RSS035M ILLINOISCAPACITOR-108RSS035M Datasheet
194Kb / 2P
   7 to 15mm Height 1000 hours
108RSS035M ILLINOISCAPACITOR-108RSS035M Datasheet
226Kb / 2P
   Coupling ??Blocking ??Bypass ??Filtering
108RSS035M ILLINOISCAPACITOR-108RSS035M Datasheet
226Kb / 2P
   Coupling ??Blocking ??Bypass ??Filtering
More results

Similar Description - 108RSS035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
PUM ILLINOISCAPACITOR-PUM Datasheet
196Kb / 2P
   Small size ??Low heights ??Lead Free Leads
SAK ILLINOISCAPACITOR-SAK Datasheet
236Kb / 2P
   Small size ??Low Profile ??Lead Free Leads
108RSS035M ILLINOISCAPACITOR-108RSS035M Datasheet
226Kb / 2P
   Small Size ??Low Profile ??Lead Free Leads
UVK ILLINOISCAPACITOR-UVK Datasheet
201Kb / 2P
   Small size - High Temperature ??Lead Free Leads
SVF ILLINOISCAPACITOR-SVF Datasheet
244Kb / 2P
   5mm Height ??Lead free leads
STF ILLINOISCAPACITOR-STF Datasheet
203Kb / 2P
   5mm Height ??Lead free leads
107SML016M ILLINOISCAPACITOR-107SML016M Datasheet
306Kb / 3P
   Small Size ??Low Cost
SML ILLINOISCAPACITOR-SML Datasheet
239Kb / 3P
   Small size ??Low cost
107SML063M ILLINOISCAPACITOR-107SML063M Datasheet
306Kb / 3P
   Small Size ??Low Cost
logo
Ningbo Tianbo Ganglian ...
HJR4102 TIANBO-HJR4102 Datasheet
1Mb / 3P
   Small size and low cost
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com