Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C1024A-20STC Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS7C1024A-20STC
Description  5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1024A-20STC Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS7C1024A-20STC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1024A-20STC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1024A-20STC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1024A-20STC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1024A-20STC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1024A-20STC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1024A-20STC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1024A-20STC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1024A-20STC Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AS7C1024A
AS7C31024A
9/26/02; 0.9.9
Alliance Semiconductor
P. 5 of 9
®
Write waveform 1 (WE controlled)
Write waveform 2 (CE1 and CE2 controlled)
Write cycle (over the operating range)
Parameter
Symbol
-10
-12
-15
-20
Unit
Notes
Min
Max
Min
Max
Min
Max
Min
Max
Write cycle time
tWC
10
12
15
20
ns
Chip enable (CE1) to write end
tCW1
8
10
12
12
ns
12
Chip enable (CE2) to write end
tCW2
8
10
12
12
ns
12
Address setup to write end
tAW
8
9
10
12
ns
Address setup time
tAS
0
0
0
0
ns
12
Write pulse width
tWP
7
8
9
12
ns
Write recovery time
tWR
0–
0
0
0
ns
Address hold from end of write
tAH
0–
0
0
0
ns
Data valid to write end
tDW
5
6
8
10
ns
Data hold time
tDH
0
0
0
0
ns
4, 5
Write enable to output in high Z
tWZ
6
6
6
8
ns
4, 5
Output active from write end
tOW
1
1
1
2
ns
4, 5
tAW
tAH
tWC
Address
WE
DOUT
tDH
tOW
tDW
tWZ
tWP
tAS
Data valid
DIN
tWR
tAW
Address
CE1
WE
DOUT
tCW1, tCW2
tWP
tDW
tDH
tAH
tWZ
tWC
tAS
CE2
Data valid
DIN
tWR


Similar Part No. - AS7C1024A-20STC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1024B ALSC-AS7C1024B Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1024B-10JC ALSC-AS7C1024B-10JC Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1024B-10JCN ALSC-AS7C1024B-10JCN Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1024B-10STC ALSC-AS7C1024B-10STC Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1024B-10STCN ALSC-AS7C1024B-10STCN Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
More results

Similar Description - AS7C1024A-20STC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
List of Unclassifed Man...
WMS128K8V-XXX ETC1-WMS128K8V-XXX Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
logo
Alliance Semiconductor ...
AS7C513 ALSC-AS7C513 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026 ALSC-AS7C1026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
   5V/3.3V 512K X8 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
   5V/3.3V 256K x 16 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com