Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

225MTB250KG Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 225MTB250KG
Description  Self Healing ??Small Size ??Low ESR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

225MTB250KG Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  225MTB250KG Datasheet HTML 1Page - Illinois Capacitor, Inc. 225MTB250KG Datasheet HTML 2Page - Illinois Capacitor, Inc. 225MTB250KG Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Self Healing Small Size Low ESR
APPLICATIONS
General Purpose Coupling Bypass Blocking
Operating Temperature Range
-55°C to +105°C
Capacitance Tolerance
+10% at 1 kHz, 25°C
+5% optional
Peak, AC voltage (50/60 Hz)
WVDC
63
100
160
250
400
630
1000
VAC
40
63
90
160
200
220
400
For T>+85°C , The voltage must be decreased by 1.25% per °C
Dissipation Factor (MAX)
25°C
Frequency (kHz)
C<1uF
C>1uF
1
0.8%
1.0%
10
1.5%
-
Insulation Resistance
@25°C (<70% RH)for 1 minute at
100VDC applied
WVDC
Capacitance
Insulation Resistance
<100
<0.33μF
3750 MΩ
>100
>0.33μF
1250 MΩxμF
<100
<0.33μF
30000 MΩxμF
>100
>0.33μF
10000 MΩxμF
Load Life
2000 Hours, +85°C with 125% of rated voltage
Capacitance Change
<5% of initially measured value
Dissipation Factor
<0.005 at 1kHz and 25°C for C<1uF
<0.003 at 1kHz and 25°C for C>1uF
Insulation Resistance
>50% of maximum specified value
Damp Heat test
1000 Hours, 93%RH(+/-2%), +40°C and no voltage applied
Capacitance Change
<5% of initially measured value
Dissipation Factor
<0.005 at 1kHz and 25°C
Insulation Resistance
>50% of maximum specified value
Reliability
(1 FIT= 1 failure per billion
components hours)
5 Fit at 50% of rated voltage and +40°C
Capacitance Change
<2% of initially measured value
Dissipation Factor
<0.005 at 10kHz and 25°C for C<1uF
<0.003 at 1kHz and 25°C for C>1uF
Insulation Resistance
>50% of maximum specified value
Self Inductance
<1 nano-Henry per mm of body length and lead length
Capacitance Drift Factor
<1.0% after 2 years at 40°C
Capacitance Temperature
Coefficient
+400 ppm/°C, +200ppm/°C
Dielectric Strength
Terminal to Terminal
160% of VDC applied for 2 Seconds and 25°C
Dielectric
Polyester
Construction
Metallized film
Coating
Flame Retardant plastic box (UL94V-1) and epoxy resin (UL94V0)
Leads
Lead free tinned copper leads
L MAX
18
26.5
32
42.5
S+1.0
15
22.5
27.5
37.5
LL
5+1.0
5+1.0
5+1.0
30+5.0
d +0.05
0.6
0.6
0.8
1.0


Similar Part No. - 225MTB250KG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
225MTB250KG ILLINOISCAPACITOR-225MTB250KG Datasheet
377Kb / 4P
   Metallized Polyester Film Capacitors for General Purpose Applications
225MTB250KG ILLINOISCAPACITOR-225MTB250KG Datasheet
379Kb / 4P
   Radial leaded metallized polyester film capacitors
More results

Similar Description - 225MTB250KG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MSR ILLINOISCAPACITOR-MSR Datasheet
213Kb / 2P
   Small size ??Self Healing ??Low Cost
logo
Kemet Corporation
C4A KEMET-C4A Datasheet
287Kb / 3P
   Self-Healing
logo
World Produts Inc.
PCMP352 WPI-PCMP352 Datasheet
233Kb / 9P
   Self-healing properties
PCMP372 WPI-PCMP372 Datasheet
225Kb / 8P
   Self-healing properties
logo
Panasonic Semiconductor
ECQE6822F PANASONIC-ECQE6822F Datasheet
173Kb / 9P
   Self-healing property
ECQ-E2106KF PANASONIC-ECQ-E2106KF Datasheet
173Kb / 9P
   Self-healing property
logo
MRV Communications, Inc...
EM316OSSH MRV-EM316OSSH Datasheet
396Kb / 3P
   Optical Self-Healing Switch
logo
Illinois Capacitor, Inc...
MWR ILLINOISCAPACITOR-MWR Datasheet
261Kb / 3P
   Small size ??Low ESR - General purpose
logo
Vishay Siliconix
GTO1200-2R VISHAY-GTO1200-2R Datasheet
55Kb / 2P
   Snubber Capacitors, Dry Self-healing
Revision 25-Mar-02
logo
List of Unclassifed Man...
224K400RA6 ETC2-224K400RA6 Datasheet
546Kb / 6P
   Efficient size Rugged construction Does not fail short ??Self healing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com