Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

827LBB250M2DF Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 827LBB250M2DF
Description  Multiple Case Sizes - High Voltage ??High Current
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

827LBB250M2DF Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  827LBB250M2DF Datasheet HTML 1Page - Illinois Capacitor, Inc. 827LBB250M2DF Datasheet HTML 2Page - Illinois Capacitor, Inc. 827LBB250M2DF Datasheet HTML 3Page - Illinois Capacitor, Inc. 827LBB250M2DF Datasheet HTML 4Page - Illinois Capacitor, Inc. 827LBB250M2DF Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Lead Style Options
Code 2 (standard)
Diameter 20 to 40 mm
Code W
Diameter 20 to 40 mm
Code P
Diameter 22 to 35 mm
Code D
Diameter 30 to 40 mm
Code 9
Diameter 25 to 35 mm
Code T
Diameter 25 to 35 mm
Code 4
Diameter 35 to 45 mm
Code 4S (straight leads)
Diameter 35 to 45 mm
Code 5
Diameter 40 to 50 mm
Code G
D
35
40
50
63
76
P
14
14
18
25
25
Diameter 35 to 76 mm


Similar Part No. - 827LBB250M2DF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
827LBB250M2DF ILLINOISCAPACITOR-827LBB250M2DF Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
827LBB250M2DF ILLINOISCAPACITOR-827LBB250M2DF Datasheet
348Kb / 5P
   Extended Life, 3000 hours
827LBB250M2DF ILLINOISCAPACITOR-827LBB250M2DF Datasheet
478Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
827LBB250M2DF ILLINOISCAPACITOR-827LBB250M2DF Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 827LBB250M2DF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
LMH ILLINOISCAPACITOR-LMH Datasheet
402Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
LBA ILLINOISCAPACITOR-LBA Datasheet
394Kb / 6P
   Multiple case sizes - High voltage ??High Current
LMX ILLINOISCAPACITOR-LMX Datasheet
460Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
LMB ILLINOISCAPACITOR-LMB Datasheet
428Kb / 7P
   Multiple Case Sizes - High Voltage ??High Current
157LBB450M2CE ILLINOISCAPACITOR-157LBB450M2CE Datasheet
478Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
159LBB035M2CH ILLINOISCAPACITOR-159LBB035M2CH Datasheet
478Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
477LBA200M2BF ILLINOISCAPACITOR-477LBA200M2BF Datasheet
551Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
226KXM050M ILLINOISCAPACITOR-226KXM050M Datasheet
398Kb / 3P
   Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
477KXM050M ILLINOISCAPACITOR-477KXM050M Datasheet
398Kb / 3P
   Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
474RZM050M ILLINOISCAPACITOR-474RZM050M_16 Datasheet
87Kb / 2P
   Low ESR - High Ripple Current ??Multiple case sizes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com