Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

106RSS035M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 106RSS035M
Description  Small size ??Low Prfile ??Lead Free Leads
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

106RSS035M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  106RSS035M Datasheet HTML 1Page - Illinois Capacitor, Inc. 106RSS035M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RSS
+85°C, 7 to 15mm Height
1000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+85°C
Dims DxL
(mm)
1
50
105RSS050M
165.786
10
4x7
2.2
50
225RSS050M
75.358
20
4x7
3.3
50
335RSS050M
50.238
25
4x7
4.7
35
475RSS035M
42.328
25
4x7
4.7
50
475RSS050M
35.274
30
5x7
10
16
106RSS016M
28.184
40
4x7
10
35
106RSS035M
19.894
45
5x7
10
50
106RSS050M
16.579
50
6.3x7
22
16
226RSS016M
12.811
45
5x7
22
35
226RSS035M
9.043
70
6.3x7
33
10
336RSS010M
10.0477
50
5x7
33
25
336RSS025M
7.536
70
6.3x7
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+85°C
Dims DxL
(mm)
47
6.3
476RSS6R3M
7.055
80
5x7
47
16
476RSS016M
5.997
80
6.3x7
100
6.3
107RSS6R3M
4.145
90
6.3x7
100
25
107RSS025M
2.487
135
8x9
100
35
107RSS035M
1.989
160
10x9
220
10
227RSS010M
1.507
165
8x9
220
16
227RSS016M
1.281
202
10x9
470
6.3
477RSS6R3M
0.882
238
10x9
470
35
477RSS035M
0.423
524
10x12.5
1000
16
108RSS016M
0.282
655
12.5x15
1000
35
108RSS035M
0.199
1000
16x15
2200
16
228RSS016M
0.1583
940
16x15


Similar Part No. - 106RSS035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106RSS035M ILLINOISCAPACITOR-106RSS035M Datasheet
87Kb / 2P
   85째C Low Profile 85째C Low Profile Electrolytic Capacitors
106RSS035M ILLINOISCAPACITOR-106RSS035M Datasheet
514Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
106RSS035M ILLINOISCAPACITOR-106RSS035M Datasheet
194Kb / 2P
   7 to 15mm Height 1000 hours
106RSS035M ILLINOISCAPACITOR-106RSS035M Datasheet
226Kb / 2P
   Coupling ??Blocking ??Bypass ??Filtering
106RSS035M ILLINOISCAPACITOR-106RSS035M Datasheet
226Kb / 2P
   Coupling ??Blocking ??Bypass ??Filtering
More results

Similar Description - 106RSS035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
PUM ILLINOISCAPACITOR-PUM Datasheet
196Kb / 2P
   Small size ??Low heights ??Lead Free Leads
SAK ILLINOISCAPACITOR-SAK Datasheet
236Kb / 2P
   Small size ??Low Profile ??Lead Free Leads
108RSS035M ILLINOISCAPACITOR-108RSS035M Datasheet
226Kb / 2P
   Small Size ??Low Profile ??Lead Free Leads
UVK ILLINOISCAPACITOR-UVK Datasheet
201Kb / 2P
   Small size - High Temperature ??Lead Free Leads
SVF ILLINOISCAPACITOR-SVF Datasheet
244Kb / 2P
   5mm Height ??Lead free leads
STF ILLINOISCAPACITOR-STF Datasheet
203Kb / 2P
   5mm Height ??Lead free leads
107SML016M ILLINOISCAPACITOR-107SML016M Datasheet
306Kb / 3P
   Small Size ??Low Cost
SML ILLINOISCAPACITOR-SML Datasheet
239Kb / 3P
   Small size ??Low cost
107SML063M ILLINOISCAPACITOR-107SML063M Datasheet
306Kb / 3P
   Small Size ??Low Cost
logo
Ningbo Tianbo Ganglian ...
HJR4102 TIANBO-HJR4102 Datasheet
1Mb / 3P
   Small size and low cost
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com