Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

825MMR100K Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 825MMR100K
Description  Small size - High voltage - General purpose
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

825MMR100K Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  825MMR100K Datasheet HTML 1Page - Illinois Capacitor, Inc. 825MMR100K Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Small size - High voltage - General purpose
APPLICATIONS
General Purpose Bypass Coupling Blocking
Operating Temperature Range
-40°C to +105°C
Capacitance Tolerance
+10% at 1 kHz, 25°C
+5% optional
Peak, AC voltage (50/60 Hz)
WVDC
100
250
400
630
VAC
63
160
200
220
For T>+85°C , The voltage must be decreased by 1.25% per °C
Dissipation Factor (MAX)
20°C
Frequency (kHz)
Dissipation Factor
1
1.0%
Insulation Resistance
@25°C (<70% RH)for 1 minute at
100VDC applied
Capacitance
Insulation Resistance
<0.33μF
9000 MΩ
>0.33μF
3000 MΩxμF
Load Life
2000 Hours, +85C with 125% of rated voltage
Capacitance Change
<5% of initially measured value
Dissipation Factor
<0.005 at 1kHz and 25°C
Insulation Resistance
>50% of maximum specified value
Damp Heat test
1000 Hours, 93%RH(+/-2%), +40°C and no voltage applied
Capacitance Change
<5% of initially measured value
Dissipation Factor
<0.005 at 1kHz and 25°C
Insulation Resistance
>50% of maximum specified value
Self-Inductance
<1 nano-Henry per mm of body length and lead length
Capacitance Drift Factor
<1.0% after 2 years at 40°C
Capacitance Temperature Coefficient
+400 ppm/°C, +200ppm/°C
Dielectric Strength
Terminal to Terminal
150% of VDC applied for 1 minute and 20°C
Dielectric
Polyester
Construction
Metallized film
Coating
Flame Retardant epoxy resin (UL94V0)
Leads
Lead free tinned copper leads
L MAX
10.3
12
18.5
26
31
S+1.0
7.5
10
15
22.5
27.5
G (MAX)
1.5
1.5
1.5
1.5
1.5
d +0.05
0.6
0.6
0.8
0.8
0.8
LL(MIN)
15
15
15
15
15


Similar Part No. - 825MMR100K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
825MHBA02K2J ILLINOISCAPACITOR-825MHBA02K2J Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
825MHBA02K4J ILLINOISCAPACITOR-825MHBA02K4J Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
825MKP275KJ ILLINOISCAPACITOR-825MKP275KJ Datasheet
399Kb / 3P
   Class X2 Radial Lead Metallized Polypropylene Capacitors
825MKP275KJ ILLINOISCAPACITOR-825MKP275KJ Datasheet
346Kb / 3P
   Small size ??Safety Agency approved ??Metalized Polypropylene
825MKP275KJ ILLINOISCAPACITOR-825MKP275KJ Datasheet
336Kb / 3P
   Small size ??Safety Agency approved ??Metalized Polypropylene
More results

Similar Description - 825MMR100K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
226CKS100M ETC2-226CKS100M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
CKR ILLINOISCAPACITOR-CKR Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
226CKH050M ILLINOISCAPACITOR-226CKH050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
476CKS035M ILLINOISCAPACITOR-476CKS035M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
108CKE025M ILLINOISCAPACITOR-108CKE025M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
108CKS050M ILLINOISCAPACITOR-108CKS050M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
CKH ILLINOISCAPACITOR-CKH Datasheet
304Kb / 3P
   Small size - High voltage - General purpose
106CKS200M ILLINOISCAPACITOR-106CKS200M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
HSM ILLINOISCAPACITOR-HSM Datasheet
160Kb / 2P
   Small size - High voltage - General purpose
105HSM050M ILLINOISCAPACITOR-105HSM050M_16 Datasheet
165Kb / 2P
   Small size - High voltage - General purpose
DCB ILLINOISCAPACITOR-DCB Datasheet
170Kb / 2P
   Small size - High voltage - General purpose
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com