Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS38 Datasheet(PDF) 3 Page - Dongguan City Niuhang Electronics Co.LTD

Part # SS38
Description  SUFACE MOUNT SCHOTTKY RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

SS38 Datasheet(HTML) 3 Page - Dongguan City Niuhang Electronics Co.LTD

  SS38 Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD SS38 Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD SS38 Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MOUNTING PAD LAYOUT
• Packing information
Unit
:inch(mm)
ORDER INFORMATION
http://www.dgniuhang.com
Page: 3 of 3
Date:2014/10/20
Rev.:AA
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
SUFACE MOUNT SCHOTTKY RECTIFIERS
DO-214AC(SMA)
T/R - 5K per 13" plastic Reel
T/R - 2K per 7" plastic Reel
SS32 THRU SS320


Similar Part No. - SS38

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS38 FAIRCHILD-SS38 Datasheet
82Kb / 4P
   3.0 Ampere Schottky Barrier Rectifiers
logo
Shanghai Yint Electroni...
SS38 YINT-SS38 Datasheet
453Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS38 BILIN-SS38 Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Frontier Electronics.
SS38 FRONTIER-SS38 Datasheet
124Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
SS38 DAESAN-SS38 Datasheet
284Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS38

ManufacturerPart #DatasheetDescription
logo
Dongguan City Niuhang E...
SS24AL NIUHANG-SS24AL Datasheet
293Kb / 3P
   SUFACE MOUNT SCHOTTKY RECTIFIERS
SK320-SMA-NH-E NIUHANG-SK320-SMA-NH-E Datasheet
1Mb / 3P
   SUFACE MOUNT SCHOTTKY RECTIFIERS
SS320-SMB-NH-E-OK NIUHANG-SS320-SMB-NH-E-OK Datasheet
1Mb / 3P
   SUFACE MOUNT SCHOTTKY RECTIFIERS
logo
Gaomi Xinghe Electronic...
SK17 GXELECTRONICS-SK17 Datasheet
1Mb / 3P
   Suface Mount Schottky Barrier Rectifiers
logo
Silan Microelectronics ...
SK12 SILAN-SK12 Datasheet
294Kb / 3P
   Suface Moint Schottky Barrier Rectifiers
logo
Shanghai Leiditech Elec...
RS3AF LEIDITECH-RS3AF Datasheet
142Kb / 3P
   Suface Mount Fast Recovery Rectifiers
logo
Omron Electronics LLC
G6S2FTRDC5 OMRON-G6S2FTRDC5 Datasheet
749Kb / 12P
   Suface Mount DPDT Relay
logo
Microdiode Electronics ...
DFR03A CHENDA-DFR03A Datasheet
148Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
Formosa MS
DFR1A FORMOSA-DFR1A Datasheet
134Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
DFR05A CHENDA-DFR05A Datasheet
161Kb / 2P
   SUFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com