Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS220 Datasheet(PDF) 1 Page - Dongguan City Niuhang Electronics Co.LTD

Part # SS220
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

SS220 Datasheet(HTML) 1 Page - Dongguan City Niuhang Electronics Co.LTD

  SS220 Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD SS220 Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD SS220 Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Date:2014/10/20
http://www.dgniuhang.com
Page: 1 of 3
Rev.:AA
SMA(DO-214AC)
VOLTAGE
20 THRU 200Volts
2.0 Ampers
CURRENT
Unit:(mm)
FEATURES
MECHANICAL DATA
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
SS22 THRU SS220
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C(UNLESS OTHERWISE NOTED)
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* Low forward voltage drop
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Metallurgically bonded construction
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.093 grams
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig.1
Peak Forward Surge Current, 8.3 ms single half
sine-wave superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 2.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
2.0
50
500
10.0
75
-65
+125
-65
+150
-65
+150
A
A
V
uA
mA
pF
UNITS
Typical Thermal Resistance RqJA (Note 2)
SS22
SS23
SS24
SS25
SS26
0.55
0.70
180
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient.
C
C
C/W
Operating
Storage Temperature Range TSTG
Temperature Range TJ
V
V
V
20
30
40
50
60
20
30
40
50
60
14
21
28
35
42
SS28 SS210
80
56
80
100
70
100
0.85
SS215
150
105
150
SS220
200
140
200
0.95
200
2.0
5.0
220


Similar Part No. - SS220

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SS220 GXELECTRONICS-SS220 Datasheet
335Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFLER
logo
Nanjing International G...
SS220 DGNJDZ-SS220 Datasheet
161Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SS220 YFWDIODE-SS220 Datasheet
490Kb / 3P
   SURFACE MOUNTSCHOTTKY RECTIFIERS
logo
Goodwork Semiconductor ...
SS220 GWSEMI-SS220 Datasheet
62Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SS220 DGNJDZ-SS220 Datasheet
132Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS220

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com